Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1427BV18-300BZI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1427BV18-300BZI
Description  36-Mbit DDR-II SRAM 2-Word Burst Architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1427BV18-300BZI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1427BV18-300BZI Datasheet HTML 6Page - Cypress Semiconductor CY7C1427BV18-300BZI Datasheet HTML 7Page - Cypress Semiconductor CY7C1427BV18-300BZI Datasheet HTML 8Page - Cypress Semiconductor CY7C1427BV18-300BZI Datasheet HTML 9Page - Cypress Semiconductor CY7C1427BV18-300BZI Datasheet HTML 10Page - Cypress Semiconductor CY7C1427BV18-300BZI Datasheet HTML 11Page - Cypress Semiconductor CY7C1427BV18-300BZI Datasheet HTML 12Page - Cypress Semiconductor CY7C1427BV18-300BZI Datasheet HTML 13Page - Cypress Semiconductor CY7C1427BV18-300BZI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
PRELIMINARY
CY7C1416BV18
CY7C1427BV18
CY7C1418BV18
CY7C1420BV18
Document Number: 001-07033 Rev. *B
Page 10 of 28
Write Cycle Descriptions (CY7C1416BV18 and CY7C1427BV18)[2, 8]
BWS0,NWS0
BWS1,NWS1
KK
Comments
L
L
L-H
During the Data portion of a Write sequence
:
CY7C1416BV18
− both nibbles (D
[7:0]) are written into the device,
CY7C1427BV18
− both bytes (D
[17:0]) are written into the device.
L
L
L-H
During the Data portion of a Write sequence
:
CY7C1416BV18
− both nibbles (D
[7:0]) are written into the device,
CY7C1427BV18
− both bytes (D
[17:0]) are written into the device.
L
H
L-H
During the Data portion of a Write sequence
:
CY7C1416BV18
− only the lower nibble (D
[3:0]) is written into the device. D[7:4]
will remain unaltered,
CY7C1427BV18
− only the lower byte (D
[8:0]) is written into the device. D[17:9]
will remain unaltered.
L
H
L-H
During the Data portion of a Write sequence
:
CY7C1416BV18
− only the lower nibble (D
[3:0]) is written into the device. D[7:4]
will remain unaltered,
CY7C1427BV18
− only the lower byte (D
[8:0]) is written into the device. D[17:9]
will remain unaltered.
H
L
L-H
During the Data portion of a Write sequence
:
CY7C1416BV18
− only the upper nibble (D
[7:4]) is written into the device. D[3:0]
will remain unaltered,
CY7C1427BV18
− only the upper byte (D
[17:9]) is written into the device. D[8:0]
will remain unaltered.
H
L
L-H
During the Data portion of a Write sequence
:
CY7C1416BV18
− only the upper nibble (D
[7:4]) is written into the device. D[3:0]
will remain unaltered,
CY7C1427BV18
− only the upper byte (D
[17:9]) is written into the device. D[8:0]
will remain unaltered.
H
H
L-H
No data is written into the devices during this portion of a Write operation.
H
H
L-H
No data is written into the devices during this portion of a Write operation.
Write Cycle Descriptions (CY7C1420BV18) [2, 8]
BWS0
KK
Comments
L
L-H
During the Data portion of a Write sequence
,
the single byte (D[8:0]) is written into the device.
L
L-H
During the Data portion of a Write sequence
,
the single byte (D[8:0]) is written into the device.
H
L-H
No data is written into the device during this portion of a Write operation.
H
L-H
No data is written into the device during this portion of a Write operation.
Note:
8. Assumes a Write cycle was initiated per the Write Port Cycle Description Truth Table. NWS0, NWS1, BWS0, BWS1, BWS2, and BWS3 can be altered on different
portions of a Write cycle, as long as the set-up and hold requirements are achieved.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1427BV18-300BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1427BV18-167BZC CYPRESS-CY7C1427BV18-167BZC Datasheet
672Kb / 29P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1427BV18-167BZI CYPRESS-CY7C1427BV18-167BZI Datasheet
672Kb / 29P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1427BV18-167BZXC CYPRESS-CY7C1427BV18-167BZXC Datasheet
672Kb / 29P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1427BV18-167BZXI CYPRESS-CY7C1427BV18-167BZXI Datasheet
672Kb / 29P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1427BV18-200BZC CYPRESS-CY7C1427BV18-200BZC Datasheet
672Kb / 29P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1427BV18-300BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1416KV18 CYPRESS-CY7C1416KV18 Datasheet
1Mb / 32P
   36-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1416BV18 CYPRESS-CY7C1416BV18_07 Datasheet
672Kb / 29P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1416JV18 CYPRESS-CY7C1416JV18 Datasheet
630Kb / 26P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1416AV18 CYPRESS-CY7C1416AV18_06 Datasheet
495Kb / 28P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1416AV18 CYPRESS-CY7C1416AV18 Datasheet
272Kb / 24P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1422JV18 CYPRESS-CY7C1422JV18 Datasheet
678Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422KV18 CYPRESS-CY7C1422KV18 Datasheet
944Kb / 32P
   36-Mbit DDR II SIO SRAM 2-Word Burst Architecture
CY7C1422AV18 CYPRESS-CY7C1422AV18 Datasheet
466Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422BV18 CYPRESS-CY7C1422BV18 Datasheet
1Mb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422BV18 CYPRESS-CY7C1422BV18_07 Datasheet
658Kb / 30P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com