Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1426AV18-250BZXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1426AV18-250BZXC
Description  36-Mbit QDR??II SRAM 4-Word Burst Architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1426AV18-250BZXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1426AV18-250BZXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1426AV18-250BZXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1426AV18-250BZXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1426AV18-250BZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1426AV18-250BZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1426AV18-250BZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1426AV18-250BZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1426AV18-250BZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1426AV18-250BZXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
36-Mbit QDR™-II SRAM 4-Word Burst
Architecture
CY7C1411AV18
CY7C1426AV18
CY7C1413AV18
CY7C1415AV18
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-05614 Rev. *C
Revised June 26, 2006
Features
• Separate Independent Read and Write data ports
— Supports concurrent transactions
• 300-MHz clock for high bandwidth
• 4-Word Burst for reducing address bus frequency
• Double Data Rate (DDR) interfaces on both Read and
Write ports (data transferred at 600 MHz) at 300 MHz
• Two input clocks (K and K) for precise DDR timing
— SRAM uses rising edges only
• Two input clocks for output data (C and C) to minimize
clock-skew and flight-time mismatches
• Echo clocks (CQ and CQ) simplify data capture in
high-speed systems
• Single multiplexed address input bus latches address
inputs for both Read and Write ports
• Separate Port Selects for depth expansion
• Synchronous internally self-timed writes
• Available in x8, x9, x18, and x36 configurations
• Full data coherency providing most current data
•Core VDD = 1.8 (±0.1V); I/O VDDQ = 1.4V to VDD
• Available in 165-ball FBGA package (15 x 17 x 1.4 mm)
• Offered in both lead-free and non lead-free packages
• Variable drive HSTL output buffers
• JTAG 1149.1 compatible test access port
• Delay Lock Loop (DLL) for accurate data placement
Configurations
CY7C1411AV18 – 4M x 8
CY7C1426AV18 – 4M x 9
CY7C1413AV18 – 2M x 18
CY7C1415AV18 – 1M x 36
Functional Description
The CY7C1411AV18, CY7C1426AV18, CY7C1413AV18, and
CY7C1415AV18 are 1.8V Synchronous Pipelined SRAMs,
equipped with QDR™-II architecture. QDR-II architecture
consists of two separate ports to access the memory array.
The Read port has dedicated Data Outputs to support Read
operations and the Write port has dedicated Data Inputs to
support Write operations. QDR-II architecture has separate
data inputs and data outputs to completely eliminate the need
to “turn-around” the data bus required with common I/O
devices. Access to each port is accomplished through a
common address bus. Addresses for Read and Write
addresses are latched on alternate rising edges of the input
(K) clock. Accesses to the QDR-II Read and Write ports are
completely independent of one another. In order to maximize
data throughput, both Read and Write ports are equipped with
Double Data Rate (DDR) interfaces. Each address location is
associated with four 8-bit words (CY7C1411AV18) or 9-bit
words (CY7C1426AV18) or 18-bit words (CY7C1413AV18) or
36-bit words (CY7C1415AV18) that burst sequentially into or
out of the device. Since data can be transferred into and out
of the device on every rising edge of both input clocks (K and
K and C and C), memory bandwidth is maximized while simpli-
fying system design by eliminating bus “turn-arounds”.
Depth expansion is accomplished with Port Selects for each
port. Port selects allow each port to operate independently.
All synchronous inputs pass through input registers controlled
by the K or K input clocks. All data outputs pass through output
registers controlled by the C or C (or K or K in a single clock
domain) input clocks. Writes are conducted with on-chip
synchronous self-timed write circuitry.
Selection Guide
300 MHz
278 MHz
250 MHz
200 MHz
167 MHz
Unit
Maximum Operating Frequency
300
278
250
200
167
MHz
Maximum Operating Current
925
875
800
700
600
mA
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1426AV18-250BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1426AV18-250BZXC CYPRESS-CY7C1426AV18-250BZXC Datasheet
735Kb / 31P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
More results

Similar Description - CY7C1426AV18-250BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1411BV18 CYPRESS-CY7C1411BV18 Datasheet
1Mb / 28P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1411AV18 CYPRESS-CY7C1411AV18_09 Datasheet
735Kb / 31P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1411BV18_0709 CYPRESS-CY7C1411BV18_0709 Datasheet
705Kb / 30P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1411JV18 CYPRESS-CY7C1411JV18_09 Datasheet
698Kb / 28P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1411BV18 CYPRESS-CY7C1411BV18_09 Datasheet
732Kb / 30P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1411JV18 CYPRESS-CY7C1411JV18 Datasheet
644Kb / 26P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1410AV18 CYPRESS-CY7C1410AV18 Datasheet
277Kb / 23P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410AV18 CYPRESS-CY7C1410AV18_07 Datasheet
1Mb / 25P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410BV18 CYPRESS-CY7C1410BV18 Datasheet
1Mb / 26P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410JV18 CYPRESS-CY7C1410JV18 Datasheet
629Kb / 26P
   36-Mbit QDR??II SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com