Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT49FCT3805DPYGI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT49FCT3805DPYGI
Description  3.3V CMOS DUAL 1-TO-5 CLOCK DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT49FCT3805DPYGI Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT49FCT3805DPYGI Datasheet HTML 1Page - Integrated Device Technology IDT49FCT3805DPYGI Datasheet HTML 2Page - Integrated Device Technology IDT49FCT3805DPYGI Datasheet HTML 3Page - Integrated Device Technology IDT49FCT3805DPYGI Datasheet HTML 4Page - Integrated Device Technology IDT49FCT3805DPYGI Datasheet HTML 5Page - Integrated Device Technology IDT49FCT3805DPYGI Datasheet HTML 6Page - Integrated Device Technology IDT49FCT3805DPYGI Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
IDT49FCT3805D/E
3.3V CMOS DUAL 1-TO-5 CLOCK DRIVER
INDUSTRIALTEMPERATURERANGE
SEPTEMBER 2004
2004 Integrated Device Technology, Inc.
DSC-5864/19
c
IDT49FCT3805D/E
INDUSTRIAL TEMPERATURE RANGE
3.3V CMOS DUAL
1-TO-5 CLOCK DRIVER
FUNCTIONAL BLOCK DIAGRAM
5
OA1 - O A5
OB 1 - O B 5
OE A
IN A
OE B
IN B
MON
5
PIN CONFIGURATION
OA1
OA3
OA4
GNDQ
INA
VCCA
OA2
GNDA
OA5
OEA
1
2
3
4
5
6
7
8
9
OB3
OB4
MON
INB
VCCB
OB1
OB2
GNDB
OB5
OEB
11
12
13
14
15
16
17
18
19
20
10
SSOP/ QSOP
TOP VIEW
FEATURES:
• Advanced CMOS Technology
• Guaranteed low skew < 200ps (max.)
• Very low propagation delay < 2.5ns (max)
• Very low duty cycle distortion < 270ps (max)
• Very low CMOS power levels
• Operating frequency up to 166MHz
• TTL compatible inputs and outputs
• Inputs can be driven from 3.3V or 5V components
• Two independent output banks with 3-state control
• 1:5 fanout per bank
• "Heartbeat" monitor output
•VCC = 3.3V ± 0.3V
• Available in SSOP and QSOP packages
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
DESCRIPTION:
The FCT3805 is a 3.3 volt clock driver built using advanced CMOS
technology. The device consists of two banks of drivers, each with a 1:5 fanout
and its own output enable control. The device has a "heartbeat" monitor for
diagnostics and PLL driving. The MON output is identical to all other outputs
andcomplieswiththeoutputspecificationsinthisdocument. TheFCT3805offers
low capacitance inputs.
The FCT3805 is designed for high speed clock distribution where signal
quality and skew are critical. The FCT3805 also allows single point-to-point
transmissionlinedrivinginapplicationssuchasaddressdistribution,whereone
signal must be distributed to multiple recievers with low skew and high signal
quality.
For more information on using the FCT3805 with two different input
frequencies on bank A and B, please see AN-236.


Similar Part No. - IDT49FCT3805DPYGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT49FCT3805D RENESAS-IDT49FCT3805D Datasheet
233Kb / 8P
   3.3V CMOS DUAL 1-TO-5 CLOCK DRIVER
MAY 2010
More results

Similar Description - IDT49FCT3805DPYGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT49FCT3805D RENESAS-IDT49FCT3805D Datasheet
233Kb / 8P
   3.3V CMOS DUAL 1-TO-5 CLOCK DRIVER
MAY 2010
logo
Alliance Semiconductor ...
ASM2P3805X ALSC-ASM2P3805X Datasheet
500Kb / 12P
   3.3V CMOS Dual 1-To-5 Clock Driver
logo
PulseCore Semiconductor
PCS2P3805E PULSECORE-PCS2P3805E Datasheet
197Kb / 11P
   3.3V CMOS Dual 1-To-5 Clock Driver
logo
Renesas Technology Corp
IDT74FCT38075 RENESAS-IDT74FCT38075 Datasheet
373Kb / 7P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
JAN. 2012
logo
Integrated Device Techn...
IDT74FCT38075 IDT-IDT74FCT38075 Datasheet
54Kb / 5P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
IDT74FCT38075 IDT-IDT74FCT38075_12 Datasheet
209Kb / 6P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
logo
Potato Semiconductor Co...
PO49FCT3805B POTATO-PO49FCT3805B Datasheet
660Kb / 7P
   3.3V Dual 1:5 CMOS Clock Buffered Driver
PO49FCT32805 POTATO-PO49FCT32805 Datasheet
564Kb / 6P
   3.3V Dual 1:5 CMOS Clock Buffered Driver
PO49FCT32806 POTATO-PO49FCT32806 Datasheet
565Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
PO49FCT3806 POTATO-PO49FCT3806 Datasheet
562Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com