Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT77V1253L25PGI Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT77V1253L25PGI
Description  TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6 AND 51.2 MBPS ATM NETWORKS
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT77V1253L25PGI Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT77V1253L25PGI Datasheet HTML 3Page - Integrated Device Technology IDT77V1253L25PGI Datasheet HTML 4Page - Integrated Device Technology IDT77V1253L25PGI Datasheet HTML 5Page - Integrated Device Technology IDT77V1253L25PGI Datasheet HTML 6Page - Integrated Device Technology IDT77V1253L25PGI Datasheet HTML 7Page - Integrated Device Technology IDT77V1253L25PGI Datasheet HTML 8Page - Integrated Device Technology IDT77V1253L25PGI Datasheet HTML 9Page - Integrated Device Technology IDT77V1253L25PGI Datasheet HTML 10Page - Integrated Device Technology IDT77V1253L25PGI Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
7
TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6
AND 51.2 MBPS ATM NETWORKS
IDT77V1253
SIGNAL NAME
PIN NUMBER
16-BIT UTOPIA 2
8-BIT UTOPIA 1
DPI
TXDATA13
30
TXDATA13
see note 2
see note 2
TXDATA14
31
TXDATA14
see note 2
see note 2
TXDATA15
32
TXDATA15
see note 2
see note 2
TXPARITY
33
TXPARITY
TXPARITY
P2_TFRM
TXEN
34
TXEN
TXEN[0]
P1_TFRM
TXSOC
35
TXSOC
TXSOC
P0_TFRM
TXADDR4
36
TXADDR4
see note 2
see note 2
TXADDR3
37
TXADDR3
see note 2
see note 2
VDD
38
TXADDR2
39
TXADDR2
see note 1
P2_TCLK
TXADDR1
40
TXADDR1
TXCLAV[2]
P1_TCLK
TXADDR0
41
TXADDR0
TXCLAV[1]
P0_TCLK
TXCLAV
42
TXCLAV
TXCLAV[0]
see note 1
TXCLK
43
TXCLK
TXCLK
DPICLK
GND
44
VDD
45
RXCLK
46
RXCLK
RXCLK
see note 2
RXEN
47
RXEN
RXEN[0]
see note 2
RXADDR0
48
RXADDR0
RXEN[1]
P0_RCLK
RXADDR1
49
RXADDR1
RXEN[2]
P1_RCLK
GND
50
RXADDR2
51
RXADDR2
see note 2
P2_RCLK
RXADDR3
52
RXADDR3
see note 2
see note 2
RXADDR4
53
RXADDR4
see note 2
see note 2
RXCLAV
54
RXCLAV
RXCLAV[0]
P1_RFRM
RXSOC
55
RXSOC
RXSOC
P0_FRM
GND
56
VDD
57
RXPARITY
58
RXPARITY
RXPARITY
P2_RFRM
RXDATA15
59
RXDATA15
see note 1
see note 1
RXDATA14
60
RXDATA14
see note 1
see note 1
RXDATA13
61
RXDATA13
see note 1
see note 1
RXDATA12
62
RXDATA12
see note 1
see note 1
RXDATA11
63
RXDATA11
see note 1
P2_RD[3]
RXDATA10
64
RXDATA10
RXCLAV[3]
P2_RD[2]
RXDATA9
65
RXDATA9
RXCLAV[2]
P2_RD[1]
RXDATA8
66
RXDATA8
RXCLAV[1]
P2_RD[0]
GND
67
VDD
68
RXDATA7
69
RXDATA7
RXDATA7
P1_RD[3]
RXDATA6
70
RXDATA6
RXDATA6
P1_RD[2]
RXDATA5
71
RXDATA5
RXDATA5
P1_RD[1]
RXDATA4
72
RXDATA4
RXDATA4
P1_RD[0]
RXDATA3
73
RXDATA3
RXDATA3
P0_RD[3]
RXDATA2
74
RXDATA2
RXDATA2
P0_RD[2]
RXDATA1
75
RXDATA1
RXDATA1
P0_RD[1]
4781 tbl 06
TABLE 2 — SIGNAL ASSIGNMENT AS A FUNCTION OF PHY/ATM INTERFACE
MODE (CONTINUED):


Similar Part No. - IDT77V1253L25PGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V1254L25 IDT-IDT77V1254L25 Datasheet
840Kb / 47P
   Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
IDT77V1254L25L25PG IDT-IDT77V1254L25L25PG Datasheet
840Kb / 47P
   Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
IDT77V1254L25L25PGI IDT-IDT77V1254L25L25PGI Datasheet
840Kb / 47P
   Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
More results

Similar Description - IDT77V1253L25PGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V1254L25 IDT-IDT77V1254L25 Datasheet
840Kb / 47P
   Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
IDT77V126L200 IDT-IDT77V126L200 Datasheet
229Kb / 30P
   Single Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V1264L200 IDT-IDT77V1264L200 Datasheet
390Kb / 49P
   Quad Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V106L25 IDT-IDT77V106L25 Datasheet
216Kb / 27P
   3.3V ATM PHY for 25.6 and 51.2 Mbps
IDT77105 IDT-IDT77105 Datasheet
335Kb / 24P
   PHY (TC-PMD) for 25.6 Mbps ATM Networks
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
   Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
logo
Bel Fuse Inc.
S558-5999-85 BEL-S558-5999-85 Datasheet
245Kb / 2P
   ATM 25.6 MBPS INTERFACEMODULE
S553-1084-04 BEL-S553-1084-04 Datasheet
259Kb / 2P
   ATM 25.6 MBPS INTERFACE MODULE
S556-2006-32 BEL-S556-2006-32 Datasheet
224Kb / 2P
   ATM 25.6 MBPS FILTER MODULE
logo
Rhombus Industries Inc.
T-11229 RHOMBUS-IND-T-11229 Datasheet
29Kb / 1P
   ATM 25.6 MBPS INTERFACE TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com