Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT49FCT3805D Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT49FCT3805D
Description  3.3V CMOS DUAL 1-TO-5 CLOCK DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT49FCT3805D Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT49FCT3805D Datasheet HTML 1Page - Integrated Device Technology IDT49FCT3805D Datasheet HTML 2Page - Integrated Device Technology IDT49FCT3805D Datasheet HTML 3Page - Integrated Device Technology IDT49FCT3805D Datasheet HTML 4Page - Integrated Device Technology IDT49FCT3805D Datasheet HTML 5Page - Integrated Device Technology IDT49FCT3805D Datasheet HTML 6Page - Integrated Device Technology IDT49FCT3805D Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
INDUSTRIALTEMPERATURERANGE
IDT49FCT3805D/E
3.3V CMOS DUAL 1-TO-5 CLOCK DRIVER
SWITCHING CHARACTERISTICS OVER OPERATING RANGE - 3805D (3,4)
Symbol
Parameter
Conditions(1)
Min.(2)
Max.
Unit
tPLH
PropagationDelay
CL = 15pF
1
3
ns
tPHL
INA to OAn, INB to OBn
f
≤ 133MHz
tR
Output Rise Time (0.8V to 2V)
1.5
ns
tF
Output Fall Time (2V to 0.8V)
1.5
ns
tSK(O)
Same device output pin to pin skew(5)
270
ps
tSK(P)
Pulse skew(6,9)
270
ps
tSK(PP)
Part to part skew(7)
550
ps
tPZL
OutputEnableTime
5.2
ns
tPZH
OEA to OAn, OEB to OBn
tPLZ
OutputDisableTime
5.2
ns
tPHZ
OEA to OAn, OEB to OBn
fMAX
Input Frequency
133
MHz
NOTES:
1. See test circuits and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. tPLH, tPHL, tSK(P), and tSK(O) are production tested. All other parameters guaranteed but not production tested.
4. Propagation delay range indicated by Min. and Max. limit is due to VCC, operating temperature and process parameters. These propagation delay limits do not imply skew.
5. Skew measured between all outputs under identical transitions and load conditions.
6. Skew measured is difference between propagation delay times tPHL and tPLH of same outputs under identical load conditions.
7. Part to part skew for all outputs given identical transitions and load conditions at identical VCC levels and temperature.
8. Airflow of 1m/s is recommended for frequencies above 133MHz.
9. This parameter is measured using f = 1MHz.
SWITCHING CHARACTERISTICS OVER OPERATING RANGE - 3805E (3,4)
Symbol
Parameter
Conditions(1,8)
Min.(2)
Max.
Unit
tPLH
PropagationDelay
CL = 15pF
0.5
2.5
ns
tPHL
INA to OAn, INB to OBn
f
≤ 166MHz
tR
Output Rise Time (0.8V to 2V)
1
ns
tF
Output Fall Time (2V to 0.8V)
1
ns
tSK(O)
Same device output pin to pin skew(5)
200
ps
tSK(P)
Pulse skew(6,9)
270
ps
tSK(PP)
Part to part skew(7)
550
ps
tPZL
OutputEnableTime
5.2
ns
tPZH
OEA to OAn, OEB to OBn
tPLZ
OutputDisableTime
5.2
ns
tPHZ
OEA to OAn, OEB to OBn
fMAX
Input Frequency
166
MHz


Similar Part No. - IDT49FCT3805D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT49FCT3805D RENESAS-IDT49FCT3805D Datasheet
233Kb / 8P
   3.3V CMOS DUAL 1-TO-5 CLOCK DRIVER
MAY 2010
More results

Similar Description - IDT49FCT3805D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT49FCT3805D RENESAS-IDT49FCT3805D Datasheet
233Kb / 8P
   3.3V CMOS DUAL 1-TO-5 CLOCK DRIVER
MAY 2010
logo
Alliance Semiconductor ...
ASM2P3805X ALSC-ASM2P3805X Datasheet
500Kb / 12P
   3.3V CMOS Dual 1-To-5 Clock Driver
logo
PulseCore Semiconductor
PCS2P3805E PULSECORE-PCS2P3805E Datasheet
197Kb / 11P
   3.3V CMOS Dual 1-To-5 Clock Driver
logo
Renesas Technology Corp
IDT74FCT38075 RENESAS-IDT74FCT38075 Datasheet
373Kb / 7P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
JAN. 2012
logo
Integrated Device Techn...
IDT74FCT38075 IDT-IDT74FCT38075 Datasheet
54Kb / 5P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
IDT74FCT38075 IDT-IDT74FCT38075_12 Datasheet
209Kb / 6P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
logo
Potato Semiconductor Co...
PO49FCT3805B POTATO-PO49FCT3805B Datasheet
660Kb / 7P
   3.3V Dual 1:5 CMOS Clock Buffered Driver
PO49FCT32805 POTATO-PO49FCT32805 Datasheet
564Kb / 6P
   3.3V Dual 1:5 CMOS Clock Buffered Driver
PO49FCT32806 POTATO-PO49FCT32806 Datasheet
565Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
PO49FCT3806 POTATO-PO49FCT3806 Datasheet
562Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com