Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1412AV18-200BZXI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1412AV18-200BZXI
Description  36-Mbit QDR-II??SRAM 2-Word Burst Architecture
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1412AV18-200BZXI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1412AV18-200BZXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1412AV18-200BZXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1412AV18-200BZXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1412AV18-200BZXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1412AV18-200BZXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1412AV18-200BZXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1412AV18-200BZXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1412AV18-200BZXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1412AV18-200BZXI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
CY7C1410AV18
CY7C1425AV18
CY7C1412AV18
CY7C1414AV18
Document #: 38-05615 Rev. *D
Page 6 of 25
Pin Definitions
Pin Name
IO
Pin Description
D[x:0]
Input-
Synchronous
Data input signals, sampled on the rising edge of K and K clocks during valid write
operations.
CY7C1410AV18 - D[7:0]
CY7C1425AV18 - D[8:0]
CY7C1412AV18 - D[17:0]
CY7C1414AV18 - D[35:0]
WPS
Input-
Synchronous
Write Port Select, Active LOW. Sampled on the rising edge of the K clock. When
asserted active, a Write operation is initiated. Deasserting deselects the Write port.
Deselecting the Write port causes D[x:0] to be ignored.
NWS0,NWS1
Nibble Write Select 0, 1
− Active LOW. (CY7C1410AV18 Only) Sampled on the rising
edge of the K and K clocks during Write operations. Used to select which nibble is written
into the device during the current portion of the Write operations.Nibbles not written
remain unaltered. NWS0 controls D[3:0] and NWS1 controls D[7:4]. All Nibble Write Selects
are sampled on the same edge as the data. Deselecting a Nibble Write Select causes
the corresponding nibble of data to be ignored and not written into the device.
BWS0, BWS1,
BWS2, BWS3
Input-
Synchronous
Byte Write Select 0, 1, 2 and 3
− Active LOW. Sampled on the rising edge of the K and
K clocks during Write operations. Used to select which byte is written into the device
during the current portion of the Write operations. Bytes not written remain unaltered.
CY7C1425AV18
− BWS0 controls D[8:0]
CY7C1412AV18
− BWS0 controls D[8:0], BWS1 controls D[17:9].
CY7C1414AV18
− BWS0 controls D[8:0], BWS1 controls D[17:9],BWS2 controls D[26:18]
and BWS3 controls D[35:27].
All the Byte Write Selects are sampled on the same edge as the data. Deselecting a Byte
Write Select causes the corresponding byte of data to be ignored and not written into the
device.
A
Input-
Synchronous
Address Inputs. Sampled on the rising edge of the K (Read address) and K (Write
address) clocks during active Read and Write operations. These address inputs are
multiplexed for both Read and Write operations. Internally, the device is organized as 4M
x 8 (2 arrays each of 2M x 8) for CY7C1410AV18, 4M x 9 (2 arrays each of 2M x 9) for
CY7C1425AV18, 2M x 18 (2 arrays each of 1M x 18) for CY7C1412AV18 and 1M x 36
(2 arrays each of 512K x 36) for CY7C1414AV18. Therefore, only 21 address inputs are
needed to access the entire memory array of CY7C1410AV18 and CY7C1425AV18, 20
address inputs for CY7C1412AV18 and 19 address inputs for CY7C1414AV18. These
inputs are ignored when the appropriate port is deselected.
Q[x:0]
Outputs-
Synchronous
Data Output signals. These pins drive out the requested data during a Read operation.
Valid data is driven out on the rising edge of both the C and C clocks during Read
operations or K and K when in single clock mode. When the Read port is deselected,
Q[x:0] are automatically tri-stated.
CY7C1410AV18
− Q[7:0]
CY7C1425AV18
− Q[8:0]
CY7C1412AV18
− Q[17:0]
CY7C1414AV18
− Q[35:0]
RPS
Input-
Synchronous
Read Port Select, Active LOW. Sampled on the rising edge of Positive Input Clock (K).
When active, a Read operation is initiated. Deasserting causes the Read port to be
deselected. When deselected, the pending access is allowed to complete and the output
drivers are automatically tri-stated following the next rising edge of the C clock. Each
read access consists of a burst of two sequential transfers.
C
Input-Clock
Positive Input Clock for Output Data. C is used in conjunction with C to clock out the
Read data from the device. C and C can be used together to deskew the flight times of
various devices on the board back to the controller. See application example for further
details.
C
Input-Clock
Negative Input Clock for Output Data. C is used in conjunction with C to clock out the
Read data from the device. C and C can be used together to deskew the flight times of
various devices on the board back to the controller. See application example for further
details.


Similar Part No. - CY7C1412AV18-200BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1412AV18-200BZXI CYPRESS-CY7C1412AV18-200BZXI Datasheet
675Kb / 29P
   36-Mbit QDR-II SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1412AV18-200BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1410AV18 CYPRESS-CY7C1410AV18 Datasheet
277Kb / 23P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410BV18 CYPRESS-CY7C1410BV18 Datasheet
1Mb / 26P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410JV18 CYPRESS-CY7C1410JV18 Datasheet
629Kb / 26P
   36-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1410V18 CYPRESS-CY7C1410V18 Datasheet
407Kb / 23P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410AV18 CYPRESS-CY7C1410AV18_09 Datasheet
675Kb / 29P
   36-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1410BV18 CYPRESS-CY7C1410BV18_09 Datasheet
672Kb / 28P
   36-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1410JV18 CYPRESS-CY7C1410JV18_09 Datasheet
653Kb / 26P
   36-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1411BV18 CYPRESS-CY7C1411BV18 Datasheet
1Mb / 28P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1411AV18 CYPRESS-CY7C1411AV18_09 Datasheet
735Kb / 31P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1411BV18_0709 CYPRESS-CY7C1411BV18_0709 Datasheet
705Kb / 30P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com