Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1383FV25-100BGI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1383FV25-100BGI
Description  18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1383FV25-100BGI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1383FV25-100BGI Datasheet HTML 4Page - Cypress Semiconductor CY7C1383FV25-100BGI Datasheet HTML 5Page - Cypress Semiconductor CY7C1383FV25-100BGI Datasheet HTML 6Page - Cypress Semiconductor CY7C1383FV25-100BGI Datasheet HTML 7Page - Cypress Semiconductor CY7C1383FV25-100BGI Datasheet HTML 8Page - Cypress Semiconductor CY7C1383FV25-100BGI Datasheet HTML 9Page - Cypress Semiconductor CY7C1383FV25-100BGI Datasheet HTML 10Page - Cypress Semiconductor CY7C1383FV25-100BGI Datasheet HTML 11Page - Cypress Semiconductor CY7C1383FV25-100BGI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
CY7C1381DV25, CY7C1381FV25
CY7C1383DV25, CY7C1383FV25
Document #: 38-05547 Rev. *E
Page 8 of 28
and the IOs must be tri-stated prior to the presentation of data
to DQs. As a safety precaution, the data lines are tri-stated
once a write cycle is detected, regardless of the state of OE.
Single Write Accesses Initiated by ADSC
This write access is initiated when the following conditions are
satisfied at clock rise: (1) CE1, CE2, and CE3 [2] are all
asserted active, (2) ADSC is asserted LOW, (3) ADSP is
deserted HIGH, and (4) the write input signals (GW, BWE, and
BWX) indicate a write access. ADSC is ignored if ADSP is
active LOW.
The addresses presented are loaded into the address register
and the burst counter, the control logic, or both, and delivered
to the memory core. The information presented to DQX will be
written into the specified address location. Byte writes are
allowed. All IOs are tri-stated when a write is detected, even a
byte write. Since this is a common IO device, the
asynchronous OE input signal must be deasserted and the IOs
must be tri-stated prior to the presentation of data to DQs. As
a safety precaution, the data lines are tri-stated once a write
cycle is detected, regardless of the state of OE.
Burst Sequences
The
CY7C1381DV25/CY7C1383DV25/CY7C1381FV25/
CY7C1383FV25 provides an on-chip two-bit wraparound burst
counter inside the SRAM. The burst counter is fed by A[1:0],
and can follow either a linear or interleaved burst order. The
burst order is determined by the state of the MODE input. A
LOW on MODE will select a linear burst sequence. A HIGH on
MODE will select an interleaved burst order. Leaving MODE
unconnected will cause the device to default to a interleaved
burst sequence.
Sleep Mode
The ZZ input pin is an asynchronous input. Asserting ZZ
places the SRAM in a power conservation sleep mode. Two
clock cycles are required to enter into or exit from this sleep
mode. While in this mode, data integrity is guaranteed.
Accesses pending when entering the sleep mode are not
considered valid nor is the completion of the operation
guaranteed. The device must be deselected prior to entering
the sleep mode. CE1, CE2, CE3 [2], ADSP, and ADSC must
remain inactive for the duration of tZZREC after the ZZ input
returns LOW.
Interleaved Burst Address Table
(MODE = Floating or VDD)
First
Address
A1: A0
Second
Address
A1: A0
Third
Address
A1: A0
Fourth
Address
A1: A0
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00
Linear Burst Address Table (MODE = GND)
First
Address
A1: A0
Second
Address
A1: A0
Third
Address
A1: A0
Fourth
Address
A1: A0
00
01
10
11
01
10
11
00
10
11
00
01
11
00
01
10
ZZ Mode Electrical Characteristics
Parameter
Description
Test Conditions
Min.
Max.
Unit
IDDZZ
Sleep mode standby current
ZZ > VDD – 0.2V
80
mA
tZZS
Device operation to ZZ
ZZ > VDD – 0.2V
2tCYC
ns
tZZREC
ZZ recovery time
ZZ < 0.2V
2tCYC
ns
tZZI
ZZ active to sleep current
This parameter is sampled
2tCYC
ns
tRZZI
ZZ Inactive to exit sleep current
This parameter is sampled
0
ns
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1383FV25-100BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1383F CYPRESS-CY7C1383F Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1383F CYPRESS-CY7C1383F Datasheet
1Mb / 34P
   18 Mbit (512 K 횞 36/1 M 횞 18) Flow Through SRAM
CY7C1383F CYPRESS-CY7C1383F Datasheet
1Mb / 37P
   18-Mbit (512 K x 36/1 M x 18) Flow-Through SRAM
CY7C1383F-100BGC CYPRESS-CY7C1383F-100BGC Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1383F-100BGI CYPRESS-CY7C1383F-100BGI Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
More results

Similar Description - CY7C1383FV25-100BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D_07 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1383C CYPRESS-CY7C1383C Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1441AV25 CYPRESS-CY7C1441AV25 Datasheet
529Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
CY7C1441AV33 CYPRESS-CY7C1441AV33 Datasheet
572Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
CY7C1371D CYPRESS-CY7C1371D_07 Datasheet
1,011Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371C CYPRESS-CY7C1371C Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1371D CYPRESS-CY7C1371D Datasheet
447Kb / 30P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture
CY7C1371DV25 CYPRESS-CY7C1371DV25 Datasheet
444Kb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com