Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1380F-250BGXC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1380F-250BGXC
Description  18-Mbit (512K x 36/1M x 18) Pipelined SRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1380F-250BGXC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1380F-250BGXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1380F-250BGXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1380F-250BGXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1380F-250BGXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1380F-250BGXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1380F-250BGXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1380F-250BGXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1380F-250BGXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1380F-250BGXC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
CY7C1380D, CY7C1380F
CY7C1382D, CY7C1382F
Document #: 38-05543 Rev. *E
Page 7 of 30
Functional Overview
All synchronous inputs pass through input registers controlled
by the rising edge of the clock. All data outputs pass through
output registers controlled by the rising edge of the clock.
Maximum access delay from the clock rise (tCO) is 2.6 ns (250
MHz device).
The
CY7C1380D/CY7C1382D/CY7C1380F/CY7C1382F
supports secondary cache in systems utilizing a linear or
interleaved burst sequence. The interleaved burst order
supports Pentium® and i486
™ processors. The linear burst
sequence is suited for processors that utilize a linear burst
sequence. The burst order is user selectable, and is
determined by sampling the MODE input. Accesses can be
initiated with either the processor address strobe (ADSP) or
the controller address strobe (ADSC). Address advancement
through the burst sequence is controlled by the ADV input. A
two-bit on-chip wraparound burst counter captures the first
address in a burst sequence and automatically increments the
address for the rest of the burst access.
Byte write operations are qualified with the byte write enable
(BWE) and byte write select (BWX) inputs. A global write
enable (GW) overrides all byte write inputs and writes data to
all four bytes. All writes are simplified with on-chip
synchronous self-timed write circuitry.
Three synchronous chip selects (CE1, CE2, CE3) and an
asynchronous output enable (OE) provide for easy bank
selection and output tri-state control. ADSP is ignored if CE1
is HIGH.
Single Read Accesses
This access is initiated when the following conditions are
satisfied at clock rise: (1) ADSP or ADSC is asserted LOW,
(2) CE1, CE2, CE3 are all asserted active, and (3) the write
signals (GW, BWE) are all deserted HIGH. ADSP is ignored if
CE1 is HIGH. The address presented to the address inputs (A)
is stored into the address advancement logic and the address
register while being presented to the memory array. The
corresponding data is allowed to propagate to the input of the
output registers. At the rising edge of the next clock the data
is allowed to propagate through the output register and onto
the data bus within 2.6 ns (250 MHz device) if OE is active
LOW. The only exception occurs when the SRAM is emerging
from a deselected state to a selected state, its outputs are
always tri-stated during the first cycle of the access. After the
first cycle of the access, the outputs are controlled by the OE
signal. Consecutive single read cycles are supported. Once
the SRAM is deselected at clock rise by the chip select and
either ADSP or ADSC signals, its output will tri-state
immediately.
Single Write Accesses Initiated by ADSP
This access is initiated when both of the following conditions
are satisfied at clock rise: (1) ADSP is asserted LOW, and
(2) CE1, CE2, CE3 are all asserted active. The address
VSS
Ground
Ground for the core of the device.
VSSQ
IO Ground
Ground for the IO circuitry.
VDDQ
IO Power
Supply
Power supply for the IO circuitry.
MODE
Input-Static
Selects burst order. When tied to GND selects linear burst sequence. When tied to VDD or left
floating selects interleaved burst sequence. This is a strap pin and must remain static during
device operation. Mode pin has an internal pull up.
TDO
JTAG serial
output
Synchronous
Serial data-out to the JTAG circuit. Delivers data on the negative edge of TCK. If the JTAG
feature is not being utilized, this pin must be disconnected. This pin is not available on TQFP
packages.
TDI
JTAG serial
input
Synchronous
Serial data-in to the JTAG circuit. Sampled on the rising edge of TCK. If the JTAG feature is
not being utilized, this pin can be disconnected or connected to VDD. This pin is not available on
TQFP packages.
TMS
JTAG serial
input
Synchronous
Serial data-in to the JTAG circuit. Sampled on the rising edge of TCK. If the JTAG feature is
not being utilized, this pin can be disconnected or connected to VDD. This pin is not available on
TQFP packages.
TCK
JTAG-
Clock
Clock input to the JTAG circuitry. If the JTAG feature is not being utilized, this pin must be
connected to VSS. This pin is not available on TQFP packages.
NC
No Connects. 36M, 72M, 144M, 288M, 576M and 1G are address expansion pins and are not
internally connected to the die.
Pin Definitions (continued)
Name
IO
Description


Similar Part No. - CY7C1380F-250BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380F-167BZI CYPRESS-CY7C1380F-167BZI Datasheet
1Mb / 33P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1380F-167BZI CYPRESS-CY7C1380F-167BZI Datasheet
1Mb / 37P
   18-Mbit (512 K x 36/1 M x 18) Pipelined SRAM
More results

Similar Description - CY7C1380F-250BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380D CYPRESS-CY7C1380D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25_04 Datasheet
510Kb / 33P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380DV25 CYPRESS-CY7C1380DV25 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1380B CYPRESS-CY7C1380B Datasheet
841Kb / 34P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380C CYPRESS-CY7C1380C Datasheet
788Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined SRAM
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370D CYPRESS-CY7C1370D_06 Datasheet
511Kb / 28P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25_06 Datasheet
553Kb / 27P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com