Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1381DV25-100AXI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1381DV25-100AXI
Description  18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1381DV25-100AXI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1381DV25-100AXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1381DV25-100AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1381DV25-100AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1381DV25-100AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1381DV25-100AXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1381DV25-100AXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1381DV25-100AXI Datasheet HTML 11Page - Cypress Semiconductor CY7C1381DV25-100AXI Datasheet HTML 12Page - Cypress Semiconductor CY7C1381DV25-100AXI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
CY7C1381DV25, CY7C1381FV25
CY7C1383DV25, CY7C1383FV25
Document #: 38-05547 Rev. *E
Page 9 of 28
Truth Table [4, 5, 6, 7, 8]
Cycle Description
Address
Used
CE1 CE2 CE3 ZZ
ADSP
ADSC
ADV WRITE
OE
CLK
DQ
Deselected Cycle, Power
Down
None
H
X
X
L
X
L
X
X
X
L-H Tri-State
Deselected Cycle, Power
Down
None
L
L
X
L
L
X
X
X
X
L-H Tri-State
Deselected Cycle, Power
Down
None
L
X
H
L
L
X
X
X
X
L-H Tri-State
Deselected Cycle, Power
Down
None
L
L
X
L
H
L
X
X
X
L-H Tri-State
Deselected Cycle, Power
Down
None
X
X
X
L
H
L
X
X
X
L-H Tri-State
Sleep Mode, Power Down
None
X
X
X
H
X
X
X
X
X
X
Tri-State
Read Cycle, Begin Burst
External
L
H
L
L
L
X
X
X
L
L-H Q
Read Cycle, Begin Burst
External
L
H
L
L
L
X
X
X
H
L-H Tri-State
Write Cycle, Begin Burst
External
L
H
L
L
H
L
X
L
X
L-H D
Read Cycle, Begin Burst
External
L
H
L
L
H
L
X
H
L
L-H Q
Read Cycle, Begin Burst
External
L
H
L
L
H
L
X
H
H
L-H Tri-State
Read Cycle, Continue Burst
Next
X
X
X
L
H
H
L
H
L
L-H Q
Read Cycle, Continue Burst
Next
X
X
X
L
H
H
L
H
H
L-H Tri-State
Read Cycle, Continue Burst
Next
H
X
X
L
X
H
L
H
L
L-H Q
Read Cycle, Continue Burst
Next
H
X
X
L
X
H
L
H
H
L-H Tri-State
Write Cycle, Continue Burst
Next
X
X
X
L
H
H
L
L
X
L-H D
Write Cycle, Continue Burst
Next
H
X
X
L
X
H
L
L
X
L-H D
Read Cycle, Suspend Burst
Current
X
X
X
L
H
H
H
H
L
L-H Q
Read Cycle, Suspend Burst
Current
X
X
X
L
H
H
H
H
H
L-H Tri-State
Read Cycle, Suspend Burst
Current
H
X
X
L
X
H
H
H
L
L-H Q
Read Cycle, Suspend Burst
Current
H
X
X
L
X
H
H
H
H
L-H Tri-State
Write Cycle, Suspend Burst
Current
X
X
X
L
H
H
H
L
X
L-H D
Write Cycle, Suspend Burst
Current
H
X
X
L
X
H
H
L
X
L-H D
Notes
4. X = Don't Care, H = Logic HIGH, L = Logic LOW.
5. WRITE = L when any one or more byte write enable signals, and BWE = L or GW = L. WRITE = H when all byte write enable signals, BWE, GW = H.
6. The DQ pins are controlled by the current cycle and the OE signal. OE is asynchronous and is not sampled with the clock.
7. The SRAM always initiates a read cycle when ADSP is asserted, regardless of the state of GW, BWE, or BWX. Writes may occur only on subsequent clocks after
the ADSP or with the assertion of ADSC. As a result, OE must be driven HIGH prior to the start of the write cycle to allow the outputs to tri-state. OE is a don't
care for the remainder of the write cycle.
8. OE is asynchronous and is not sampled with the clock rise. It is masked internally during write cycles. During a read cycle all data bits are tri-state when OE is
inactive or when the device is deselected, and all data bits behave as output when OE is active (LOW).
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1381DV25-100AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1381D CYPRESS-CY7C1381D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D Datasheet
1Mb / 34P
   18 Mbit (512 K 횞 36/1 M 횞 18) Flow Through SRAM
CY7C1381D CYPRESS-CY7C1381D Datasheet
1Mb / 37P
   18-Mbit (512 K x 36/1 M x 18) Flow-Through SRAM
CY7C1381D-100AXC CYPRESS-CY7C1381D-100AXC Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
More results

Similar Description - CY7C1381DV25-100AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D_07 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1383C CYPRESS-CY7C1383C Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1441AV25 CYPRESS-CY7C1441AV25 Datasheet
529Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
CY7C1441AV33 CYPRESS-CY7C1441AV33 Datasheet
572Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
CY7C1371D CYPRESS-CY7C1371D_07 Datasheet
1,011Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371C CYPRESS-CY7C1371C Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1371D CYPRESS-CY7C1371D Datasheet
447Kb / 30P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture
CY7C1371DV25 CYPRESS-CY7C1371DV25 Datasheet
444Kb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com