Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1399BN-15ZI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1399BN-15ZI
Description  256K (32K x 8) Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1399BN-15ZI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1399BN-15ZI Datasheet HTML 1Page - Cypress Semiconductor CY7C1399BN-15ZI Datasheet HTML 2Page - Cypress Semiconductor CY7C1399BN-15ZI Datasheet HTML 3Page - Cypress Semiconductor CY7C1399BN-15ZI Datasheet HTML 4Page - Cypress Semiconductor CY7C1399BN-15ZI Datasheet HTML 5Page - Cypress Semiconductor CY7C1399BN-15ZI Datasheet HTML 6Page - Cypress Semiconductor CY7C1399BN-15ZI Datasheet HTML 7Page - Cypress Semiconductor CY7C1399BN-15ZI Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CY7C1399BN
Document #: 001-06490 Rev. *A
Page 4 of 8
Data Retention Characteristics (Over the Operating Range - L version only)
Parameter
Description
Conditions
Min.
Max.
Unit
VDR
VCC for Data Retention
2.0
V
ICCDR
Data Retention Current
VCC = VDR = 2.0V,
CE > VCC – 0.3V,
VIN > VCC – 0.3V or
VIN < 0.3V
0
20
µA
tCDR
Chip Deselect to Data
Retention Time
0
ns
tR
Operation Recovery Time
tRC
ns
Data Retention Waveform
3.0V
3.0V
tCDR
VDR > 2V
DATA RETENTION MODE
tR
CE
VCC
Switching Waveforms
Read Cycle No. 1[10, 11]
Read Cycle No. 2[11, 12]
Notes:
10. Device is continuously selected. OE, CE = VIL.
11. WE is HIGH for read cycle.
12. Address valid prior to or coincident with CE transition LOW.
ADDRESS
DATA OUT
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA
50%
50%
DATA VALID
tRC
tACE
tDOE
tLZOE
tLZCE
tPU
DATA OUT
HIGH IMPEDANCE
IMPEDANCE
ICC
ISB
tHZOE
tHZCE
tPD
OE
CE
HIGH
VCC
SUPPLY
CURRENT
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1399BN-15ZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399BN-15ZI CYPRESS-CY7C1399BN-15ZI Datasheet
299Kb / 8P
   256K (32K x 8) Static RAM
More results

Similar Description - CY7C1399BN-15ZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B_05 Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY62256N CYPRESS-CY62256N Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_09 Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
647Kb / 12P
   256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D_09 Datasheet
374Kb / 12P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN_09 Datasheet
422Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C CYPRESS-CY7C199C_06 Datasheet
317Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256 Datasheet
394Kb / 12P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com