Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1393BV18-167BZXI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1393BV18-167BZXI
Description  18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1393BV18-167BZXI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1393BV18-167BZXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1393BV18-167BZXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1393BV18-167BZXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1393BV18-167BZXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1393BV18-167BZXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1393BV18-167BZXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1393BV18-167BZXI Datasheet HTML 11Page - Cypress Semiconductor CY7C1393BV18-167BZXI Datasheet HTML 12Page - Cypress Semiconductor CY7C1393BV18-167BZXI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
CY7C1392BV18
CY7C1992BV18
CY7C1393BV18
CY7C1394BV18
Document Number: 38-05623 Rev. *C
Page 9 of 27
Truth Table[2, 3, 4, 5, 6, 7]
Operation
K
LD
R/W
DQ
DQ
Write Cycle:
Load address; wait one cycle; input write data on
consecutive K and K rising edges.
L-H
L
L
D(A + 0) at K(t + 1)
↑ D(A + 1) at K(t + 1) ↑
Read Cycle:
Load address; wait one and a half cycle; read data
on consecutive C and C rising edges.
L-H
L
H
Q(A + 0) at C(t + 1)
↑ Q(A + 1) at C(t + 2) ↑
NOP: No Operation
L-H
H
X
High-Z
High-Z
Standby: Clock Stopped
Stopped
X
X
Previous State
Previous State
Write Cycle Descriptions (CY7C1392BV18 and CY7C1393BV18) [2, 8]
BWS0/NWS0
BWS1/NWS1
KK
Comments
L
L
L-H
-
During the Data portion of a Write sequence
:
CY7C1392BV18
− both nibbles (D
[7:0]) are written into the device,
CY7C1393BV18
− both bytes (D
[17:0]) are written into the device.
L
L
-
L-H During the Data portion of a Write sequence
:
CY7C1392BV18
− both nibbles (D
[7:0]) are written into the device,
CY7C1393BV18
− both bytes (D
[17:0]) are written into the device.
L
H
L-H
-
During the Data portion of a Write sequence
:
CY7C1392BV18
− only the lower nibble (D
[3:0]) is written into the device. D[7:4]
will remain unaltered,
CY7C1393BV18
− only the lower byte (D
[8:0]) is written into the device. D[17:9]
will remain unaltered.
L
H
-
L-H During the Data portion of a Write sequence
:
CY7C1392BV18
− only the lower nibble (D
[3:0]) is written into the device. D[7:4]
will remain unaltered,
CY7C1393BV18
− only the lower byte (D
[8:0]) is written into the device. D[17:9]
will remain unaltered.
H
L
L-H
During the Data portion of a Write sequence
:
CY7C1392BV18
− only the upper nibble (D
[7:4]) is written into the device. D[3:0]
will remain unaltered,
CY7C1393BV18
− only the upper byte (D
[17:9]) is written into the device. D[8:0]
will remain unaltered.
H
L
L-H During the Data portion of a Write sequence
:
CY7C1392BV18
− only the upper nibble (D
[7:4]) is written into the device. D[3:0]
will remain unaltered,
CY7C1393BV18
− only the upper byte (D
[17:9]) is written into the device. D[8:0]
will remain unaltered.
H
H
L-H
No data is written into the devices during this portion of a Write operation.
H
H
L-H No data is written into the devices during this portion of a Write operation.
Notes:
2. X = “Don't Care,” H = Logic HIGH, L = Logic LOW,
represents rising edge.
3. Device will power-up deselected and the outputs in a tri-state condition.
4. “A” represents address location latched by the devices when transaction was initiated. A + 0, A + 1 represents the internal address sequence in the burst.
5. “t” represents the cycle at which a Read/Write operation is started. t+1, t + 2 and t +3 are the first, second and third clock cycles succeeding the “t” clock cycle.
6. Data inputs are registered at K and K rising edges. Data outputs are delivered on C and C rising edges, except when in single clock mode.
7. It is recommended that K = K and C = C = HIGH when clock is stopped. This is not essential, but permits most rapid restart by overcoming transmission line
charging symmetrically.
8. Assumes a Write cycle was initiated per the Write Cycle Description Truth Table. BWS0, BWS1 in the case of CY7C1392BV18 and CY7C1393BV18 and also
BWS2, BWS3 in the case of CY7C1394BV18 can be altered on different portions of a write cycle, as long as the set-up and hold requirements are achieved.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1393BV18-167BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1393AV18 CYPRESS-CY7C1393AV18 Datasheet
332Kb / 21P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1393AV18-167BZC CYPRESS-CY7C1393AV18-167BZC Datasheet
332Kb / 21P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1393AV18-200BZC CYPRESS-CY7C1393AV18-200BZC Datasheet
332Kb / 21P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1393AV18-250BZC CYPRESS-CY7C1393AV18-250BZC Datasheet
332Kb / 21P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1393CV18 CYPRESS-CY7C1393CV18 Datasheet
695Kb / 30P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1393BV18-167BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1392JV18 CYPRESS-CY7C1392JV18 Datasheet
1Mb / 26P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392CV18 CYPRESS-CY7C1392CV18 Datasheet
695Kb / 30P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392AV18 CYPRESS-CY7C1392AV18 Datasheet
332Kb / 21P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392KV18 CYPRESS-CY7C1392KV18_12 Datasheet
787Kb / 30P
   18-Mbit DDR II SIO SRAM Two-Word Burst Architecture
CY7C1392KV18 CYPRESS-CY7C1392KV18 Datasheet
854Kb / 31P
   18-Mbit DDR II SIO SRAM Two-Word Burst Architecture
CY7C1522AV18 CYPRESS-CY7C1522AV18_07 Datasheet
686Kb / 30P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1522V18 CYPRESS-CY7C1522V18 Datasheet
446Kb / 28P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422JV18 CYPRESS-CY7C1422JV18 Datasheet
678Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422AV18 CYPRESS-CY7C1422AV18 Datasheet
466Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1522AV18 CYPRESS-CY7C1522AV18 Datasheet
1Mb / 28P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com