Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1382D-200BZI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1382D-200BZI
Description  18-Mbit (512K x 36/1M x 18) Pipelined SRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1382D-200BZI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1382D-200BZI Datasheet HTML 1Page - Cypress Semiconductor CY7C1382D-200BZI Datasheet HTML 2Page - Cypress Semiconductor CY7C1382D-200BZI Datasheet HTML 3Page - Cypress Semiconductor CY7C1382D-200BZI Datasheet HTML 4Page - Cypress Semiconductor CY7C1382D-200BZI Datasheet HTML 5Page - Cypress Semiconductor CY7C1382D-200BZI Datasheet HTML 6Page - Cypress Semiconductor CY7C1382D-200BZI Datasheet HTML 7Page - Cypress Semiconductor CY7C1382D-200BZI Datasheet HTML 8Page - Cypress Semiconductor CY7C1382D-200BZI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380D, CY7C1380F
CY7C1382D, CY7C1382F
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-05543 Rev. *E
Revised Feburary 07, 2007
Features
• Supports bus operation up to 250 MHz
• Available speed grades are 250, 200, and 167 MHz
• Registered inputs and outputs for pipelined operation
• 3.3V core power supply
• 2.5V or 3.3V IO power supply
• Fast clock-to-output times
— 2.6 ns (for 250 MHz device)
• Provides high-performance 3-1-1-1 access rate
• User selectable burst counter supporting Intel® Pentium®
interleaved or linear burst sequences
• Separate processor and controller address strobes
• Synchronous self-timed write
• Asynchronous output enable
• Single cycle chip deselect
• CY7C1380D/CY7C1382D available in JEDEC-standard
Pb-free 100-pin TQFP, Pb-free and non Pb-free 165-ball
FBGA package. CY7C1380F/CY7C1382F available in
Pb-free and non Pb-free 119-ball BGA package
• IEEE 1149.1 JTAG-Compatible Boundary Scan
• ZZ sleep mode option
Functional Description [1]
The
CY7C1380D/CY7C1382D/CY7C1380F/CY7C1382F
SRAM integrates 524,288 x 36 and 1,048,576 x 18 SRAM
cells with advanced synchronous peripheral circuitry and a
two-bit counter for internal burst operation. All synchronous
inputs are gated by registers controlled by a positive edge
triggered clock input (CLK). The synchronous inputs include
all addresses, all data inputs, address-pipelining chip enable
(CE1), depth-expansion chip enables (CE2 and CE3 [2]), burst
control inputs (ADSC, ADSP, and ADV), write enables (BWX,
and BWE), and global write (GW). Asynchronous inputs
include the output enable (OE) and the ZZ pin.
Addresses and chip enables are registered at rising edge of
clock when address strobe processor (ADSP) or address
strobe controller (ADSC) are active. Subsequent burst
addresses can be internally generated as they are controlled
by the advance pin (ADV).
Address, data inputs, and write controls are registered on-chip
to initiate a self-timed write cycle.This part supports byte write
operations (see Pin Definitions on page 6 and Truth Table [4,
5, 6, 7, 8] on page 9 for further details). Write cycles can be one
to two or four bytes wide as controlled by the byte write control
inputs. GW when active LOW causes all bytes to be written.
The
CY7C1380D/CY7C1382D/CY7C1380F/CY7C1382F
operates from a +3.3V core power supply while all outputs
operate with a +2.5 or +3.3V power supply. All inputs and
outputs are JEDEC-standard and JESD8-5-compatible.
Selection Guide
250 MHz
200 MHz
167 MHz
Unit
Maximum Access Time
2.6
3.0
3.4
ns
Maximum Operating Current
350
300
275
mA
Maximum CMOS Standby Current
70
70
70
mA
Notes:
1. For best practices or recommendations, please refer to the Cypress application note AN1064, SRAM System Design Guidelines on www.cypress.com.
2. CE3, CE2 are for TQFP and 165 FBGA packages only. 119 BGA is offered only in 1 chip enable.


Similar Part No. - CY7C1382D-200BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1382D-200BZC CYPRESS-CY7C1382D-200BZC Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1382D-200BZXC CYPRESS-CY7C1382D-200BZXC Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
More results

Similar Description - CY7C1382D-200BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380D CYPRESS-CY7C1380D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25_04 Datasheet
510Kb / 33P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380DV25 CYPRESS-CY7C1380DV25 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1380B CYPRESS-CY7C1380B Datasheet
841Kb / 34P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380C CYPRESS-CY7C1380C Datasheet
788Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined SRAM
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370D CYPRESS-CY7C1370D_06 Datasheet
511Kb / 28P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25_06 Datasheet
553Kb / 27P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com