Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1425AV18-167BZXC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1425AV18-167BZXC
Description  36-Mbit QDR-II??SRAM 2-Word Burst Architecture
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1425AV18-167BZXC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1425AV18-167BZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1425AV18-167BZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1425AV18-167BZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1425AV18-167BZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1425AV18-167BZXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1425AV18-167BZXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1425AV18-167BZXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1425AV18-167BZXC Datasheet HTML 12Page - Cypress Semiconductor CY7C1425AV18-167BZXC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
CY7C1410AV18
CY7C1425AV18
CY7C1412AV18
CY7C1414AV18
Document #: 38-05615 Rev. *D
Page 9 of 25
Application Example[1]
Truth Table[2, 3, 4, 5, 6, 7]
Operation
K
RPS
WPS
DQ
DQ
Write Cycle:
Load address on the rising edge of K clock; input
write data on K and K rising edges.
L-H
X
L
D(A + 0) at K(t)
D(A + 1) at K(t)
Read Cycle:
Load address on the rising edge of K clock; wait one
and a half cycle; read data on C and C rising edges.
L-H
L
X
Q(A + 0) at C(t + 1)
↑ Q(A + 1) at C(t + 2) ↑
NOP: No Operation
L-H
H
H
D = X
Q = High-Z
D = X
Q = High-Z
Standby: Clock Stopped
Stopped
X
X
Previous State
Previous State
Write Cycle Descriptions (CY7C1410AV18 and CY7C1412AV18) [2, 8]
BWS0/NWS0 BWS1/NWS1
KK
Comments
L
L
L-H
During the data portion of a write sequence
:
CY7C1410AV18
− both nibbles (D[7:0]) are written into the device,
CY7C1412AV18
− both bytes (D[17:0]) are written into the device.
L
L
L-H
During the data portion of a write sequence
:
CY7C1410AV18
− both nibbles (D[7:0]) are written into the device,
CY7C1412AV18
− both bytes (D[17:0]) are written into the device.
L
H
L-H
During the data portion of a write sequence
:
CY7C1410AV18
− only the lower nibble (D[3:0]) is written into the device. D[7:4]
remains unaltered,
CY7C1412AV18
− only the lower byte (D[8:0]) is written into the device. D[17:9]
remains unaltered.
Notes:
1. The above application shows four QDR-II being used.
2. X = “Don't Care,” H = Logic HIGH, L= Logic LOW,
represents rising edge.
3. Device powers up deselected and the outputs in a tri-state condition.
4. “A” represents address location latched by the devices when transaction was initiated. A + 00, A + 01 represents the internal address sequence in the burst.
5. “t” represents the cycle at which a Read/Write operation is started. t + 1 and t + 2 are the first and second clock cycles respectively succeeding the “t” clock cycle.
6. Data inputs are registered at K and K rising edges. Data outputs are delivered on C and C rising edges, except when in single clock mode.
7. It is recommended that K = K and C = C = HIGH when clock is stopped. This is not essential, but permits most rapid restart by overcoming transmission line
charging symmetrically.
8. Assumes a Write cycle was initiated according to the Write Port Cycle Description Truth Table. NWS0, NWS1, BWS0, BWS1, BWS2 and BWS3 can be altered
on different portions of a Write cycle, as long as the setup and hold requirements are achieved.
Vt = Vddq/2
CC#
D
A
K
CC#
D
A
K
BUS
MASTER
(CPU
or
ASIC)
SRAM #1
SRAM #4
DATA IN
DATA OUT
Address
RPS#
WPS#
BWS#
Source K
Source K#
Delayed K
Delayed K#
R = 50
οηµσ
R = 250
οηµσ
R = 250
οηµσ
R
P
S
#
W
P
S
#
B
W
S
#
R
P
S
#
W
P
S
#
B
W
S
#
Vt
Vt
Vt
R
R
R
ZQ
CQ/CQ#
Q
K#
ZQ
CQ/CQ#
Q
K#
CLKIN/CLKIN#


Similar Part No. - CY7C1425AV18-167BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1425AV18-167BZXC CYPRESS-CY7C1425AV18-167BZXC Datasheet
675Kb / 29P
   36-Mbit QDR-II SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1425AV18-167BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1410AV18 CYPRESS-CY7C1410AV18 Datasheet
277Kb / 23P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410BV18 CYPRESS-CY7C1410BV18 Datasheet
1Mb / 26P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410JV18 CYPRESS-CY7C1410JV18 Datasheet
629Kb / 26P
   36-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1410V18 CYPRESS-CY7C1410V18 Datasheet
407Kb / 23P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410AV18 CYPRESS-CY7C1410AV18_09 Datasheet
675Kb / 29P
   36-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1410BV18 CYPRESS-CY7C1410BV18_09 Datasheet
672Kb / 28P
   36-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1410JV18 CYPRESS-CY7C1410JV18_09 Datasheet
653Kb / 26P
   36-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1411BV18 CYPRESS-CY7C1411BV18 Datasheet
1Mb / 28P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1411AV18 CYPRESS-CY7C1411AV18_09 Datasheet
735Kb / 31P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1411BV18_0709 CYPRESS-CY7C1411BV18_0709 Datasheet
705Kb / 30P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com