Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1381FV25-100BGXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1381FV25-100BGXC
Description  18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1381FV25-100BGXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1381FV25-100BGXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1381FV25-100BGXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1381FV25-100BGXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1381FV25-100BGXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1381FV25-100BGXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1381FV25-100BGXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1381FV25-100BGXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1381FV25-100BGXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1381FV25-100BGXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381DV25, CY7C1381FV25
CY7C1383DV25, CY7C1383FV25
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-05547 Rev. *E
Revised Feburary 14, 2007
Features
• Supports 133 MHz bus operations
• 512K x 36/1M x 18 common IO
• 2.5V core power supply (VDD)
• 2.5V IO supply (VDDQ)
• Fast clock-to-output times, 6.5 ns (133 MHz version)
• Provides high-performance 2-1-1-1 access rate
• User selectable burst counter supporting Intel® Pentium®
interleaved or linear burst sequences
• Separate processor and controller address strobes
• Synchronous self timed write
• Asynchronous output enable
• CY7C1381DV25/CY7C1383DV25 available in
JEDEC-standard Pb-free 100-pin TQFP, Pb-free and non
Pb-free 165-ball FBGA package.
CY7C1381FV25/CY7C1383FV25 available in Pb-free and
non Pb-free 119-ball BGA package
• IEEE 1149.1 JTAG-Compatible Boundary Scan
• ZZ sleep mode option
Functional Description [1]
The
CY7C1381DV25/CY7C1383DV25/CY7C1381FV25/
CY7C1383FV25 is a 2.5V, 512K x 36 and 1M x 18
synchronous flow through SRAMs, designed to interface with
high-speed microprocessors with minimum glue logic.
Maximum access delay from clock rise is 6.5 ns (133 MHz
version). A 2-bit on-chip counter captures the first address in
a burst and increments the address automatically for the rest
of the burst access. All synchronous inputs are gated by
registers controlled by a positive edge triggered clock input
(CLK). The synchronous inputs include all addresses, all data
inputs, address pipelining chip enable (CE1), depth expansion
chip enables (CE2 and CE3 [2]), burst control inputs (ADSC,
ADSP, and ADV), write enables (BWx, and BWE), and global
write (GW). Asynchronous inputs include the output enable
(OE) and the ZZ pin.
The
CY7C1381DV25/CY7C1383DV25/CY7C1381FV25/
CY7C1383FV25 allows interleaved or linear burst sequences,
selected by the MODE input pin. A HIGH selects an
interleaved burst sequence, while a LOW selects a linear burst
sequence. Burst accesses can be initiated with the processor
address strobe (ADSP) or the cache controller address strobe
(ADSC) inputs. Address advancement is controlled by the
address advancement (ADV) input.
Addresses and chip enables are registered at rising edge of
clock when either address strobe processor (ADSP) or
address strobe controller (ADSC) are active. Subsequent
burst addresses can be internally generated as controlled by
the advance pin (ADV).
The
CY7C1381DV25/CY7C1383DV25/CY7C1381FV25/
CY7C1383FV25 operates from a +2.5V core power supply
while all outputs also operate with a +2.5 supply. All inputs and
outputs are JEDEC-standard and JESD8-5-compatible.
Selection Guide
133 MHz
100 MHz
Unit
Maximum Access Time
6.5
8.5
ns
Maximum Operating Current
210
175
mA
Maximum CMOS Standby Current
70
70
mA
Notes
1. For best practices or recommendations, please refer to the Cypress application note AN1064, SRAM System Design Guidelines on www.cypress.com.
2. CE3, CE2 are for TQFP and 165 FBGA package only. 119 BGA is offered only in 1 chip enable.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1381FV25-100BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1381F CYPRESS-CY7C1381F Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381F CYPRESS-CY7C1381F Datasheet
1Mb / 34P
   18 Mbit (512 K 횞 36/1 M 횞 18) Flow Through SRAM
CY7C1381F-100BGC CYPRESS-CY7C1381F-100BGC Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381F-100BGI CYPRESS-CY7C1381F-100BGI Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381F-100BGXC CYPRESS-CY7C1381F-100BGXC Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
More results

Similar Description - CY7C1381FV25-100BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D_07 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1383C CYPRESS-CY7C1383C Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1441AV25 CYPRESS-CY7C1441AV25 Datasheet
529Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
CY7C1441AV33 CYPRESS-CY7C1441AV33 Datasheet
572Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
CY7C1371D CYPRESS-CY7C1371D_07 Datasheet
1,011Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371C CYPRESS-CY7C1371C Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1371D CYPRESS-CY7C1371D Datasheet
447Kb / 30P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture
CY7C1371DV25 CYPRESS-CY7C1371DV25 Datasheet
444Kb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com