Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1382FV25-200BGXC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1382FV25-200BGXC
Description  18-Mbit (512K x 36/1M x 18) Pipelined SRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1382FV25-200BGXC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1382FV25-200BGXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1382FV25-200BGXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1382FV25-200BGXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1382FV25-200BGXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1382FV25-200BGXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1382FV25-200BGXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1382FV25-200BGXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1382FV25-200BGXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1382FV25-200BGXC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
CY7C1380DV25, CY7C1380FV25
CY7C1382DV25, CY7C1382FV25
Document #: 38-05546 Rev. *E
Page 6 of 29
Pin Definitions
Name
IO
Description
A0, A1, A
Input-
Synchronous
Address inputs used to select one of the address locations. Sampled at the rising
edge of the CLK if ADSP or ADSC is active LOW, and CE1, CE2, and CE3[2]are sampled
active. A1: A0 are fed to the two-bit counter.
BWA, BWB
BWC, BWD
Input-
Synchronous
Byte write select inputs, active LOW. Qualified with BWE to conduct byte writes to
the SRAM. Sampled on the rising edge of CLK.
GW
Input-
Synchronous
Global write enable input, active LOW. When asserted LOW on the rising edge of
CLK, a global write is conducted (all bytes are written, regardless of the values on BWX
and BWE).
BWE
Input-
Synchronous
Byte write enable input, active LOW. Sampled on the rising edge of CLK. This signal
must be asserted LOW to conduct a byte write.
CLK
Input-
Clock
Clock input. Used to capture all synchronous inputs to the device. Also used to
increment the burst counter when ADV is asserted LOW, during a burst operation.
CE1
Input-
Synchronous
Chip enable 1 input, active LOW. Sampled on the rising edge of CLK. Used in
conjunction with CE2 and CE3 to select or deselect the device. ADSP is ignored if CE1
is HIGH. CE1 is sampled only when a new external address is loaded.
CE2 [2]
Input-
Synchronous
Chip enable 2 input, active HIGH. Sampled on the rising edge of CLK. Used in
conjunction with CE1 and CE3 to select or deselect the device. CE2 is sampled only
when a new external address is loaded.
CE3 [2]
Input-
Synchronous
Chip enable 3 input, active LOW. Sampled on the rising edge of CLK. Used in
conjunction with CE1 and CE2 to select or deselect the device. CE3 is sampled only
when a new external address is loaded.
OE
Input-
Asynchronous
Output enable, asynchronous input, active LOW. Controls the direction of the IO
pins. When LOW, the IO pins behave as outputs. When deasserted HIGH, IO pins are
tri-stated, and act as input data pins. OE is masked during the first clock of a read cycle
when emerging from a deselected state.
ADV
Input-
Synchronous
Advance input signal, sampled on the rising edge of CLK, active LOW. When
asserted, it automatically increments the address in a burst cycle.
ADSP
Input-
Synchronous
Address strobe from processor, sampled on the rising edge of CLK, active LOW.
When asserted LOW, addresses presented to the device are captured in the address
registers. A1: A0 are also loaded into the burst counter. When ADSP and ADSC are
both asserted, only ADSP is recognized. ASDP is ignored when CE1 is deasserted
HIGH.
ADSC
Input-
Synchronous
Address strobe from controller, sampled on the rising edge of CLK, active LOW.
When asserted LOW, addresses presented to the device are captured in the address
registers. A1: A0 are also loaded into the burst counter. When ADSP and ADSC are
both asserted, only ADSP is recognized.
ZZ
Input-
Asynchronous
ZZ sleep input. This active HIGH input places the device in a non-time critical sleep
condition with data integrity preserved. For normal operation, this pin has to be LOW
or left floating. ZZ pin has an internal pull down.
DQs, DQPX
IO-
Synchronous
Bidirectional data IO lines. As inputs, they feed into an on-chip data register that is
triggered by the rising edge of CLK. As outputs, they deliver the data contained in the
memory location specified by the addresses presented during the previous clock rise
of the read cycle. The direction of the pins is controlled by OE. When OE is asserted
LOW, the pins behave as outputs. When HIGH, DQs and DQPX are placed in a tri-state
condition.
VDD
Power Supply
Power supply inputs to the core of the device.
VSS
Ground
Ground for the core of the device.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1382FV25-200BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1382F CYPRESS-CY7C1382F Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1382F CYPRESS-CY7C1382F Datasheet
1Mb / 33P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1382F-167BGC CYPRESS-CY7C1382F-167BGC Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1382F-167BGI CYPRESS-CY7C1382F-167BGI Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1382F-167BGXC CYPRESS-CY7C1382F-167BGXC Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
More results

Similar Description - CY7C1382FV25-200BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380D CYPRESS-CY7C1380D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380D CYPRESS-CY7C1380D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25_04 Datasheet
510Kb / 33P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1380B CYPRESS-CY7C1380B Datasheet
841Kb / 34P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380C CYPRESS-CY7C1380C Datasheet
788Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined SRAM
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370D CYPRESS-CY7C1370D_06 Datasheet
511Kb / 28P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25_06 Datasheet
553Kb / 27P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com