Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTD1029 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FTD1029
Description  P-Channel Silicon MOSFET General-Purpose Switching Device
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FTD1029 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FTD1029 Datasheet HTML 1Page - Sanyo Semicon Device FTD1029 Datasheet HTML 2Page - Sanyo Semicon Device FTD1029 Datasheet HTML 3Page - Sanyo Semicon Device FTD1029 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FTD1029
No. A0532-3/4
--0.5
--1.0
--2.0
--1.5
--2.5
--3.0
--3.5
--60
--40
--20
0
20
40
60
80
100
120
160
140
0
--2
--4
--8
--10
--6
--20
--12
--14
--16
--18
RDS(on) -- VGS
IT08950
0
0
--0.5
--1.0
--1.5
--2.0
--3.5
--0.2
--2.5
--3.0
0
20
40
60
80
100
120
140
160
180
200
0
50
150
100
200
0
--0.6
--0.5
--0.4
--0.3
--1.0
--0.9
--0.8
--0.7
--0.1
ID -- VDS
IT08948
0
--1
--2
--3
--4
ID -- VGS
IT08949
RDS(on) -- Ta
IT08951
VDS= --10V
Ta=25
°C
VGS= --2.5V
--3.0V
I D
= --1A,
V GS
= --4.0V
I D=
--1A,
V GS
= --4.5V
ID=
--2A,
VGS
= --10V
ID= --1A
--2A
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
--0.01
--1.0
72
3
5
7
--0.1
72
3
5
23
5
--10
7
7
5
1000
3
2
5
10
7
5
3
2
100
SW Time -- ID
VDD= --15V
VGS= --10V
td(on)
td(off)
tf
IT08954
Ciss, Coss, Crss -- VDS
0
--2
--4
--8
--12
--16
--6
--10
--14
--18
--20
3
100
2
7
5
5
3
1000
7
IT08955
Ciss
Crss
Coss
f=1MHz
IT08952
--0.001
--0.01
--0.1
--1.0
23
5 7
23
5 7
23
5 7
23
5 7 --10
1.0
10
5
3
7
2
5
3
7
2
7
5
0.01
0.1
3
2
yfs -- ID
VDS= --10V
75
°C
25
°C
IT08953
--0.3
--0.4
--0.5
--0.7
--0.6
--0.9
--0.8
--1.0
--1.1
--0.001
--0.1
--0.01
--1.0
--10
7
7
5
3
2
7
5
3
2
7
5
3
2
5
3
2
IS -- VSD
VGS=0V
Ta=
--25
°C
Drain Current, ID -- A
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
Drain-to-Source Voltage, VDS -- V


Similar Part No. - FTD1029

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTD1020 FS-FTD1020 Datasheet
108Kb / 1P
   TRANSISTOR (NPN)
logo
Sanyo Semicon Device
FTD1028 SANYO-FTD1028 Datasheet
42Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
More results

Similar Description - FTD1029

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FW168 SANYO-FW168 Datasheet
44Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
2SJ663 SANYO-2SJ663 Datasheet
42Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
2SJ665 SANYO-2SJ665 Datasheet
41Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
CPH3341 SANYO-CPH3341 Datasheet
38Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
ECH8305 SANYO-ECH8305_07 Datasheet
40Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
ECH8611 SANYO-ECH8611 Datasheet
42Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
EMH2302 SANYO-EMH2302 Datasheet
42Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
FSS174 SANYO-FSS174 Datasheet
43Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
2SJ670 SANYO-2SJ670 Datasheet
42Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
CPH3325 SANYO-CPH3325 Datasheet
39Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
CPH3326 SANYO-CPH3326 Datasheet
38Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com