Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1381FV25 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1381FV25
Description  18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1381FV25 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1381FV25 Datasheet HTML 6Page - Cypress Semiconductor CY7C1381FV25 Datasheet HTML 7Page - Cypress Semiconductor CY7C1381FV25 Datasheet HTML 8Page - Cypress Semiconductor CY7C1381FV25 Datasheet HTML 9Page - Cypress Semiconductor CY7C1381FV25 Datasheet HTML 10Page - Cypress Semiconductor CY7C1381FV25 Datasheet HTML 11Page - Cypress Semiconductor CY7C1381FV25 Datasheet HTML 12Page - Cypress Semiconductor CY7C1381FV25 Datasheet HTML 13Page - Cypress Semiconductor CY7C1381FV25 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
CY7C1381DV25, CY7C1381FV25
CY7C1383DV25, CY7C1383FV25
Document #: 38-05547 Rev. *E
Page 10 of 28
Truth Table for Read/Write [4, 9]
Function (CY7C1381DV25/CY7C1381FV25)
GW
BWE
BWD
BWC
BWB
BWA
Read
H
H
X
X
X
X
Read
H
L
H
H
H
H
Write Byte A (DQA, DQPA)H
L
H
H
H
L
Write Byte B (DQB, DQPB)H
L
H
H
L
H
Write Bytes A, B (DQA, DQB, DQPA, DQPB)H
L
H
H
L
L
Write Byte C (DQC, DQPC)
H
LHLH
H
Write Bytes C, A (DQC, DQA, DQPC, DQPA)
H
LHLH
L
Write Bytes C, B (DQC, DQB, DQPC, DQPB)H
L
H
L
L
H
Write Bytes C, B, A (DQC, DQB, DQA, DQPC,
DQPB, DQPA)
HL
H
L
L
L
Write Byte D (DQD, DQPD)H
L
L
H
H
H
Write Bytes D, A (DQD, DQA, DQPD, DQPA)H
L
L
H
H
L
Write Bytes D, B (DQD, DQA, DQPD, DQPA)H
L
L
H
L
H
Write Bytes D, B, A (DQD, DQB, DQA, DQPD,
DQPB, DQPA)
HL
L
H
L
L
Write Bytes D, B (DQD, DQB, DQPD, DQPB)H
L
L
L
H
H
Write Bytes D, B, A (DQD, DQC, DQA, DQPD,
DQPC, DQPA)
HL
L
L
H
L
Write Bytes D, C, A (DQD, DQB, DQA, DQPD,
DQPB, DQPA)
HL
L
L
L
H
Write All Bytes
H
L
L
L
L
L
Write All Bytes
L
X
X
X
X
X
Truth Table for Read/Write [4, 9]
Function (CY7C1383DV25/CY7C1383FV25)
GW
BWE
BWB
BWA
Read
H
H
X
X
Read
H
L
H
H
Write Byte A – (DQA and DQPA)H
L
H
L
Write Byte B – (DQB and DQPB)H
L
L
H
Write All Bytes
H
L
L
L
Write All Bytes
L
X
X
X
Note
9. Table only lists a partial listing of the byte write combinations. Any combination of BWX is valid. Appropriate write will be done based on which byte write is active.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1381FV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1381F CYPRESS-CY7C1381F Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381F CYPRESS-CY7C1381F Datasheet
1Mb / 34P
   18 Mbit (512 K 횞 36/1 M 횞 18) Flow Through SRAM
CY7C1381F-100BGC CYPRESS-CY7C1381F-100BGC Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381F-100BGI CYPRESS-CY7C1381F-100BGI Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381F-100BGXC CYPRESS-CY7C1381F-100BGXC Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
More results

Similar Description - CY7C1381FV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D_07 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1383C CYPRESS-CY7C1383C Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1441AV25 CYPRESS-CY7C1441AV25 Datasheet
529Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
CY7C1441AV33 CYPRESS-CY7C1441AV33 Datasheet
572Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
CY7C1371D CYPRESS-CY7C1371D_07 Datasheet
1,011Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371C CYPRESS-CY7C1371C Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1371D CYPRESS-CY7C1371D Datasheet
447Kb / 30P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture
CY7C1371DV25 CYPRESS-CY7C1371DV25 Datasheet
444Kb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com