Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR300 Datasheet(PDF) 1 Page - Electronic devices inc.

Part # SR300
Description  FAST RECOVERY,100ns. HIGH VOLTAGE 25ma,MINIATURE SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

SR300 Datasheet(HTML) 1 Page - Electronic devices inc.

  SR300 Datasheet HTML 1Page - Electronic devices inc. SR300 Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SR 300 SR 1500
ELECTRICAL CHARACTERISTICS(at TA=25 C Unless Otherwise
Specified)
NOTES:
o
FAST RECOVERY,100ns. HIGH VOLTAGE
25ma,MINIATURE SILICON
RECTIFIERS
Average Rectified Forward Current @ 50
oC, I
O
Max. Peak Surge Current, I FSM
Max. Forward Voltage Drop @ 25 m
A, VF
Max. DC Reverse Current @ PRV and 25
oC, IR
Max. DC Reverse Current @ PRV and 100
oC, IR
Ambient Operating Temperature Range, TA
Storage T emperature Range,
TSTG
25 mA
3 Amp
26Volts
1
15
-55
oC to +150 oC
-55
oC to +150 oC
A
A
(8.3ms)
Max. Reverse Recovery ,(Fig.4), t rr
100nanosec
EDI
Type
PRV
Volts
COLOR
CODE DOT
SR300
3,000
Orange
SR500
5,000
Green
SR800
8,000
Gray
SR1000
10,000
Red
SR1200
12,000
Blank
SMALL SIZED MOLDED PACKAGE
PRV 3,000 TO 15,000 VOLTS
AVALANCHE CHARACTERISTICS
LOW LEAKAGE
SR1500
15,000
White
1.It is recommended that a proper heat sink be used on the terminals of this device between the body and
soldering point to prevent damage from excess heat.
2.If operated over 10,000v/inch in length, devices should be immersed in oil or re - encapsulated.
EDI reservesthe rightto changethese specificationsat any time withoutnotice.


Similar Part No. - SR300

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SR300 LUMINIS-SR300 Datasheet
304Kb / 4P
   Ceiling mount
logo
Advantech Co., Ltd.
SR300 ADVANTECH-SR300 Datasheet
305Kb / 2P
   FLEXIBLE, MODULAR LAN ROUTER
December 7, 2017 10:46 AM
logo
Lumins Inc.
SR300C LUMINIS-SR300C Datasheet
304Kb / 4P
   Ceiling mount
logo
Advantech Co., Ltd.
SR300 ADVANTECH-SR300_V01 Datasheet
363Kb / 3P
   FLEXIBLE, MODULAR LAN ROUTER
February 15, 2018 10:23 AM
SR300 ADVANTECH-SR300_V02 Datasheet
409Kb / 3P
   FLEXIBLE, MODULAR LAN ROUTER
October 23, 2019 3:27 PM
More results

Similar Description - SR300

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
DL1200 EDI-DL1200 Datasheet
37Kb / 2P
   FAST RECOVERY HIGH VOLTAGE 25mA MINIATURE SILICON RECTIFIERS
DR300 EDI-DR300 Datasheet
45Kb / 2P
   FAST RECOVERY HIGH VOLTAGE 25mA MINIATURE SILICON RECTIFIERS
logo
First Components Intern...
FR02 FCI-FR02 Datasheet
93Kb / 2P
   HIGH VOLTAGE, FAST RECOVERY MINIATURE PLASTIC RECTIFIERS
logo
Semtech Corporation
DD300 SEMTECH-DD300 Datasheet
93Kb / 2P
   FAST RECOVERY HIGH VOLTAGE SILICON RECTIFIERS
logo
Fuji Electric
CS57-04A FUJI-CS57-04A Datasheet
32Kb / 2P
   Fast Recovery High Voltage Silicon Rectifiers
logo
Voltage Multipliers Inc...
X25UFG VMI-X25UFG_13 Datasheet
99Kb / 2P
   High Voltage Diodes - Axial Lead 25mA - 250mA ??100ns ??Hermetic
logo
Edal Industries, Inc.
BS757 EDAL-BS757 Datasheet
55Kb / 1P
   SUB-MINIATURE SILICON HIGH VOLTAGE FAST RECOVERY RECTIFIER
BR757 EDAL-BR757 Datasheet
55Kb / 1P
   SUB-MINIATURE SILICON HIGH VOLTAGE FAST RECOVERY RECTIFIER
BT757 EDAL-BT757 Datasheet
50Kb / 1P
   SUB-MINIATURE SILICON HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Electronic devices inc.
RVF EDI-RVF Datasheet
45Kb / 2P
   FAST RECOVERY - HIGH VOLTAGE HIGH CURRENT SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com