Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C170-12JM Datasheet(PDF) 7 Page - Pyramid Semiconductor Corporation

Part # P4C170-12JM
Description  ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C170-12JM Datasheet(HTML) 7 Page - Pyramid Semiconductor Corporation

Back Button P4C170-12JM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C170-12JM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C170-12JM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C170-12JM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C170-12JM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C170-12JM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C170-12JM Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C170-12JM Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C170-12JM Datasheet HTML 11Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
P4C168, P4C169, P4C170
Page 7 of 15
Document # SRAM107 REV A
* including scope and test fixture.
Note:
Because of the ultra-high speed of the P4C168, P4C169 AND P4C170
care must be taken when testing these devices; an inadequate setup
can cause a normal functioning part to be rejected as faulty. Long high-
inductance leads that cause supply bounce must be avoided by bringing
the V
CC and ground planes directly up to the contactor fingers. A high
frequency capacitor of 0.01 µF is also required between V
CC and ground.
Figure 1. Output Load
Figure 2. Thevenin Equivalent
Input Pulse Levels
GND to 3.0V
Input Rise and Fall Times
3ns
Input Timing Reference Level
1.5V
Output Timing Reference Level
1.5V
Output Load
See Figures 1 and 2
AC TEST CONDITIONS
To avoid signal reflections, proper termination must be used; for
example, a 50
Ω test environment should be terminated into a 50Ω load
with 1.73V (Thevenin Voltage) at the comparator input, and a 116
resistor must be used in series with D
OUT to match 166Ω (Thevenin
Resistance).
LCC PIN CONFIGURATION
LCC (L9)


Similar Part No. - P4C170-12JM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C170 ETC1-P4C170 Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C17012DC ETC1-P4C17012DC Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C17012DM ETC1-P4C17012DM Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C17012DMB ETC1-P4C17012DMB Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C17012JC ETC1-P4C17012JC Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
More results

Similar Description - P4C170-12JM

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1681 PYRAMID-P4C1681 Datasheet
194Kb / 10P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C168 ETC1-P4C168 Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C1681 ETC-P4C1681 Datasheet
59Kb / 6P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C148 PYRAMID-P4C148 Datasheet
281Kb / 10P
   ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
P4C1281 PYRAMID-P4C1281 Datasheet
895Kb / 11P
   ULTRA HIGH SPEED 64K X 4 cmos STATIC RAMS
P4C1981 PYRAMID-P4C1981 Datasheet
337Kb / 13P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C188 PYRAMID-P4C188 Datasheet
203Kb / 12P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1981 ETC1-P4C1981 Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com