Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7206L40JG Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT7206L40JG
Description  CMOS ASYNCHRONOUS FIFO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7206L40JG Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT7206L40JG Datasheet HTML 1Page - Integrated Device Technology IDT7206L40JG Datasheet HTML 2Page - Integrated Device Technology IDT7206L40JG Datasheet HTML 3Page - Integrated Device Technology IDT7206L40JG Datasheet HTML 4Page - Integrated Device Technology IDT7206L40JG Datasheet HTML 5Page - Integrated Device Technology IDT7206L40JG Datasheet HTML 6Page - Integrated Device Technology IDT7206L40JG Datasheet HTML 7Page - Integrated Device Technology IDT7206L40JG Datasheet HTML 8Page - Integrated Device Technology IDT7206L40JG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
COMMERCIAL,INDUSTRIALANDMILITARY
TEMPERATURERANGES
IDT7203/7204/7205/7206/7207/7208 CMOS ASYNCHRONOUS FIFO
2,048 x 9, 4,096 x 9, 8,192 x 9, 16,384 x 9, 32,768 x 9 and 65,536 x 9
APRIL 3, 2006
Commercial
Com'l & Ind'l
Com'l & Military
Commercial
Com'l & Ind'l
IDT7203L12
IDT7203L15(2)
IDT7203L20
IDT7208L20
IDT7203L25(2)
IDT7204L12
IDT7204L15(2)
IDT7204L20
IDT7204L25(2)
IDT7205L12
IDT7205L15
IDT7205L20
IDT7205L25(3)
IDT7206L15
IDT7206L20
IDT7206L25(3)
IDT7207L15
IDT7207L20
IDT7207L25(3)
IDT7208L25(3)
Symbol
Parameters
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fS
Shift Frequency
50
40
33.3
33.3
28.5
MHz
tRC
Read Cycle Time
20
25
30
30
35
ns
tA
Access Time
12
15
20
20
25
ns
tRR
Read Recovery Time
8
10
10
10
10
ns
tRPW
Read Pulse Width(4)
12
15
20
20
25
ns
tRLZ
Read LOW to Data Bus LOW(5)
3—
5
5—
5—
5—
ns
tWLZ
Write HIGH to Data Bus Low-Z(5,6)
3—
5
5—
5—
5—
ns
tDV
Data Valid from Read HIGH
5
5
5
5
5
ns
tRHZ
Read HIGH to Data Bus High-Z(5)
—12
15
—15
15
—18
ns
tWC
Write Cycle Time
20
25
30
30
35
ns
tWPW
Write Pulse Width(4)
12
15
20
20
25
ns
tWR
Write Recovery Time
8
10
10
10
10
ns
tDS
DataSet-upTime
9
11
12
12
15
ns
tDH
Data Hold Time
0
0
0
0
0
ns
tRSC
Reset Cycle Time
20
25
30
30
35
ns
tRS
Reset Pulse Width(4)
12
15
20
20
25
ns
tRSS
Reset Set-up Time(5)
12
15
20
20
25
ns
tRTR
Reset Recovery Time
8
10
10
10
10
ns
tRTC
Retransmit Cycle Time
20
25
30
30
35
ns
tRT
Retransmit Pulse Width(4)
12
15
20
20
25
ns
tRTS
RetransmitSet-upTime(5)
12
15
20
20
25
ns
tRTR
Retransmit Recovery Time
8
10
10
10
10
ns
tEFL
Reset to
EF LOW
—12
25
—30
30
—35
ns
tHFH, tFFH
Reset to
HF and FF HIGH
17
25
30
30
35
ns
tRTF
Retransmit LOW to Flags Valid
20
25
30
30
35
ns
tREF
Read LOW to
EF LOW
—12
15
—20
20
—25
ns
tRFF
Read HIGH to
FF HIGH
14
15
20
20
25
ns
tRPE
Read Pulse Width after
EF HIGH
12
15
20
20
25
ns
tWEF
Write HIGH to
EF HIGH
12
15
20
20
25
ns
tWFF
Write LOW to
FF LOW
—14
15
—20
20
—25
ns
tWHF
Write LOW to
HF Flag LOW
17
25
30
30
35
ns
tRHF
Read HIGH to
HF Flag HIGH
17
25
30
30
35
ns
tWPF
Write Pulse Width after
FF HIGH
12
15
20
20
25
ns
tXOL
Read/Write LOW to
XO LOW
—12
15
—20
20
—25
ns
tXOH
Read/Write HIGH to
XO HIGH
12
15
20
20
25
ns
tXI
XI Pulse Width(4)
12
15
20
20
25
ns
tXIR
XI Recovery Time
8
10
10
10
10
ns
tXIS
XISet-up Time
8
10
10
10
10
ns
AC ELECTRICAL CHARACTERISTICS(1)
(Commercial: VCC = 5V ± 10%, TA = 0
°C to +70°C; Industrial: VCC = 5V ± 10%, TA = –40°C to +85°C; Military: VCC = 5V ± 10%, TA = –55°C to +125°C)
NOTES:
1. Timings referenced as in AC Test Conditions.
2. Industrial temperature range product for 15ns and 25ns speed grades are available as a standard device.
3. Industrial temperature range product for 25ns speed grade only is available as a standard device. All other speed grades are available by special order.
4. Pulse widths less than minimum are not allowed.
5. Values guaranteed by design, not currently tested.
6. Only applies to read data flow-through mode.


Similar Part No. - IDT7206L40JG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7206L40J IDT-IDT7206L40J Datasheet
147Kb / 14P
   CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
IDT7206L40JB IDT-IDT7206L40JB Datasheet
147Kb / 14P
   CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
More results

Similar Description - IDT7206L40JG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7202LA20JG IDT-7202LA20JG Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7203 IDT-IDT7203_17 Datasheet
143Kb / 14P
   CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7203 RENESAS-IDT7203 Datasheet
276Kb / 15P
   CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L_17 Datasheet
139Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_12 Datasheet
295Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
logo
Sharp Corporation
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7280 RENESAS-IDT7280 Datasheet
114Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V01 IDT-IDT72V01_12 Datasheet
301Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V06 IDT-IDT72V06 Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com