Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PKR10F Datasheet(PDF) 2 Page - Electronic devices inc.

Part # PKR10F
Description  FAST RECOVERY MINIBRIDGE 10 AMPERES-TAB TERMINALS SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

PKR10F Datasheet(HTML) 2 Page - Electronic devices inc.

  PKR10F Datasheet HTML 1Page - Electronic devices inc. PKR10F Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG. 1
PKR-F SERIES
CURRENT DERATING
Figure 3
NON-REPETITIVE SURGE
CURRENT
POWER DISSIP ATION
100
50
1
2
3
4
6
10
20
30 40
60
8
NUMBER OF CYCLES AT 60 Hz
IF(AV). AVERAGE FORWARD CURRENT (AMP)
0
0
2
4
6
8
BRIDGE OUTPUT
RES IND LOADS
21 GRAY OAKS AVENUE
* YONKERS. NEW YORK 10710 914-965-4400
* FAX 914-965-5531
* 1-800-678-0828
ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
0
2
4
40
60
80
100
120
140
160
BRIDGE OUTPUT
RES IND LOADS
O
TC CASE TEMPERATURE
( C)
50
70
90
110
130
150
170
6
8
10
12
180
20
30
70
150
200
300
80 100
4
8
12
16
20
24
10
Ee-mail:sales@edidiodes.com
Wwebsite:http:// www.edidiodes.com
*
PKR-F
1.0A
0.5A
T RR
ZERO
REFERENCE
0.25A
R R
1, 2 NON-INDUCTIVE RESISTORS
PULSE GENERATOR - HEWLETT PACKARD 214A OR EQUIV
.
IKC REP.RATE, 10 SEC. PULSE WIDTH
ADJUST PULSE AMPLITUDE FOR PEAK IR
FIG. 4
TEST CIRCUIT
PULSE
GENERATOR
D.U.T.
SCOPE
R
2
1 OHM
R1
50 OHM
-
PKR-F SERIES MECH. OUTLINE
Dielectric test voltage 1500 volts rms, max. 50-60Hz
+
.85 MAX.
.150 DIA.
THRU
AC
.30 MAX.
AC
METAL BASE
EPOXY
.50 MAX.
,
.250 x .032 TH K
FASTON
4 PLACES
FIG. 2
NOTE: A thin film of silicone thermal compound is recommended between the Minibridge
case and mounting surface for improved thermal onduction.


Similar Part No. - PKR10F

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PKR10 EDI-PKR10 Datasheet
53Kb / 2P
   FAST RECOVERY MINIBRIDGE 8 AMPERES SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PKR100 EDI-PKR100 Datasheet
53Kb / 2P
   FAST RECOVERY MINIBRIDGE 8 AMPERES SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
More results

Similar Description - PKR10F

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PT-F EDI-PT-F Datasheet
45Kb / 2P
   MINIBRIDGE 8 AMPERES-TAB TERMINALS SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PK-F EDI-PK-F Datasheet
52Kb / 2P
   MINIBRIDGE 12 AMPERES-TAB TERMINALS SINGLE-PHASE, FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PK05 EDI-PK05 Datasheet
50Kb / 2P
   MINIBRIDGE 10 AMPERES SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PKR EDI-PKR Datasheet
53Kb / 2P
   FAST RECOVERY MINIBRIDGE 8 AMPERES SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PWT05 EDI-PWT05 Datasheet
50Kb / 2P
   MINIBRIDGE 30 AMPERES THREE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
DY05F EDI-DY05F Datasheet
50Kb / 2P
   12 AMPERES HIGH SURGE TAB TERMINALS SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PBTR EDI-PBTR Datasheet
49Kb / 2P
   FAST RECOVERY MINIBRIDGE 200 NANOSECOND RECOVERY 17 AMPERE THREE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PBT05 EDI-PBT05 Datasheet
46Kb / 2P
   27.5 AMPERES THREE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
BRUS2 EDI-BRUS2 Datasheet
64Kb / 2P
   ULTRA-FAST RECOVERY SINGLE-PHASE, FULL-WAVE BRIDGES HEAT SINK CHASSIS P.C. BOARD MOUNTING
BRUS6 EDI-BRUS6 Datasheet
58Kb / 2P
   ULTRA-FAST RECOVERY 8 AMPERES SINGLE-PHASE, FULL-WAVE BRIDGES HEAT SINK CHASSIS P .C. BOARD MOUNTING
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com