Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTIDT71P79804267BQI Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDTIDT71P79804267BQI
Description  18Mb Pipelined DDR?줚I SIO SRAM Burst of 2
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTIDT71P79804267BQI Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDTIDT71P79804267BQI Datasheet HTML 5Page - Integrated Device Technology IDTIDT71P79804267BQI Datasheet HTML 6Page - Integrated Device Technology IDTIDT71P79804267BQI Datasheet HTML 7Page - Integrated Device Technology IDTIDT71P79804267BQI Datasheet HTML 8Page - Integrated Device Technology IDTIDT71P79804267BQI Datasheet HTML 9Page - Integrated Device Technology IDTIDT71P79804267BQI Datasheet HTML 10Page - Integrated Device Technology IDTIDT71P79804267BQI Datasheet HTML 11Page - Integrated Device Technology IDTIDT71P79804267BQI Datasheet HTML 12Page - Integrated Device Technology IDTIDT71P79804267BQI Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
6.42
9
IDT71P79204 (2Mx8-Bit), 71P79104 (2Mx9-Bit), 71P79804 (1Mx18-Bit) 71P79604 (512Kx36-Bit)
18 Mb DDR II SIO SRAM Burst of 2
Commercial and Industrial Temperature Ranges
Absolute Maximum Ratings(1)(2)
Capacitance (TA = +25°C, f = 1.0MHz)(1)
Notes:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating only and
functionaloperationofthedeviceattheseoranyotherconditionsabovethose
indicatedintheoperationalsectionsofthisspecificationisnotimplied.Exposure
to absolute maximum rating conditions for extended periods may affect
reliability.
2. VDDQ must not exceed VDD during normal operation.
Note:
1. Tested at characterization and retested after any design or process change that
may affect these parameters.
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VDD = 1.8V
VDDQ = 1.5V
5pF
CCLK
Clock Input Capacitance
6
pF
CO
Output Capacitance
7
pF
6432 tbl 06
Symbol
Rating
Value
Unit
VTERM
Supply Voltage on VDD with
Respect to GND
–0.5 to +2.9
V
VTERM
Supply Voltage on VDDQ with
Respect to GND
–0.5 to VDD+0.3
V
VTERM
Voltage on Input terminals with
respect to GND
–0.5 to VDD +0.3
V
VTERM
Voltage on output and I/O
terminals with respect to GND
–0.5 to VDDQ +0.3
TBIAS
Temperature Under Bias
–55 to +125
°C
TSTG
Storage Temperature
–65 to +150
°C
IOUT
Continuous Current into Outputs
+ 20
mA
6432 tbl 05
Recommended DC Operating
Conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Power Supply Voltage
1.7
1.8
1.9
V
VDDQ
I/O Supply Voltage
1.4
1.5
1.9
V
VSS
Ground
0
0
0
V
VREF
Input Reference Voltage
-
VDDQ/2
-V
TA
Ambient
Temperature(1)
Commercial
0 to +70
o
c
Industrial
-40 to +85
o
c
6432 tbl 04
Notes:
1) All byte write (
BWx) and nibble write (NWx) signals are sampled on
the rising edge of K and again on
K. The data that is present on the data bus\
in the designated byte/nibble will be latched into the input if the corresponding
BWx or NWx is held low. The rising edge of K will sample the first byte/nibble
of the two word burst and the rising edge of
K will sample the second byte
nibble of the two word burst.
2) The availability of the
BWx or NWx on designated devices is described in the
pin description table.
3) The DDRII SIO Burst of two SRAM has data forwarding. A read request that
is initiated on cycle following a write request to the same address will produce
the newly written data in response to the read request.
Signal
BW0
BW1
BW2
BW3
NW0
NW1
Write Byte 0
L
XXXX
X
Write Byte 1
X
L
XXX
X
Write Byte 2
X
X
L
X
X
X
Write Byte 3
X
X
X
L
X
X
Write Nibble 0
X
X
X
X
L
X
Write Nibble 1
X
XXXX
L
6432 tbl 09
Write Descriptions(1,2)
Note:
1. During production testing, the case temperature equals the ambient
temperature.


Similar Part No. - IDTIDT71P79804267BQI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTIDT71P71604167BQ IDT-IDTIDT71P71604167BQ Datasheet
228Kb / 23P
   18Mb Pipelined DDR?줚I SRAM Burst of 2
IDTIDT71P71604200BQ IDT-IDTIDT71P71604200BQ Datasheet
228Kb / 23P
   18Mb Pipelined DDR?줚I SRAM Burst of 2
IDTIDT71P71604250BQ IDT-IDTIDT71P71604250BQ Datasheet
228Kb / 23P
   18Mb Pipelined DDR?줚I SRAM Burst of 2
IDTIDT71P71804167BQ IDT-IDTIDT71P71804167BQ Datasheet
228Kb / 23P
   18Mb Pipelined DDR?줚I SRAM Burst of 2
IDTIDT71P71804200BQ IDT-IDTIDT71P71804200BQ Datasheet
228Kb / 23P
   18Mb Pipelined DDR?줚I SRAM Burst of 2
More results

Similar Description - IDTIDT71P79804267BQI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71P71804 IDT-IDT71P71804 Datasheet
228Kb / 23P
   18Mb Pipelined DDR?줚I SRAM Burst of 2
IDT71P73204 IDT-IDT71P73204 Datasheet
635Kb / 25P
   18Mb Pipelined DDR?줚I SRAM Burst of 4
IDT71P72204 IDT-IDT71P72204 Datasheet
589Kb / 22P
   18Mb Pipelined QDRII SRAM Burst of 2
logo
GSI Technology
GS8182S18D GSI-GS8182S18D Datasheet
1Mb / 31P
   18Mb Burst of 2 DDR SigmaSIO-II SRAM
GS8182S08 GSI-GS8182S08 Datasheet
764Kb / 36P
   18Mb Burst of 2 SigmaSIO DDR-IITM SRAM
logo
Integrated Device Techn...
IDT71P74204 IDT-IDT71P74204 Datasheet
578Kb / 22P
   18Mb Pipelined QDR II SRAM Burst of 4
logo
GSI Technology
GS8180QV36BD-200I GSI-GS8180QV36BD-200I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-200I GSI-GS8180QV18BD-200I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BGD-167 GSI-GS8180QV18BGD-167 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-167 GSI-GS8180QV18BD-167 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com