Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTIDT71P79204267BQI Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDTIDT71P79204267BQI
Description  18Mb Pipelined DDR?줚I SIO SRAM Burst of 2
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTIDT71P79204267BQI Datasheet(HTML) 4 Page - Integrated Device Technology

  IDTIDT71P79204267BQI Datasheet HTML 1Page - Integrated Device Technology IDTIDT71P79204267BQI Datasheet HTML 2Page - Integrated Device Technology IDTIDT71P79204267BQI Datasheet HTML 3Page - Integrated Device Technology IDTIDT71P79204267BQI Datasheet HTML 4Page - Integrated Device Technology IDTIDT71P79204267BQI Datasheet HTML 5Page - Integrated Device Technology IDTIDT71P79204267BQI Datasheet HTML 6Page - Integrated Device Technology IDTIDT71P79204267BQI Datasheet HTML 7Page - Integrated Device Technology IDTIDT71P79204267BQI Datasheet HTML 8Page - Integrated Device Technology IDTIDT71P79204267BQI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
6.42
4
IDT71P79204 (2Mx8-Bit), 71P79104 (2Mx9-Bit), 71P79804 (1Mx18-Bit) 71P79604 (512Kx36-Bit)
18 Mb DDR II SIO SRAM Burst of 2
Commercial and Industrial Temperature Ranges
Symbol
Pin Function
Description
Doff
Input
DLL Turn Off. When low this input will turn off the DLL inside the device. The AC timings with the DLL
turned off will be different from those listed in this data sheet. There will be an increased propagation delay
from the incidence of C and
C to Q, or K and K to Q as configured. The propagation delay is not a tested
parameter, but will be similar to the propagation delay of other SRAM devices in this speed grade.
TDO
Output
TDO pin for JTAG.
TCK
Input
TCK pin for JTAG.
TDI
Input
TDI pin for JTAG. An internal resistor will pull TDI to VDD when the pin is unconnected.
TMS
Input
TMS pin for JTAG. An internal resistor will pull TMS to VDD when the pin is unconnected.
NC
No connects inside the package. Can be tied to any voltage level.
VREF
Input
Reference
Reference Voltage input. Static input used to set the reference level for HSTL inputs and Outputs as well
as AC measurement points.
VDD
Power
Supply
Power supply inputs to the core of the device. Should be connected to a 1.8V power supply.
VSS
Ground
Ground for the device. Should be connected to ground of the system.
VDDQ
Power
Supply
Power supply for the outputs of the device. Should be connected to a 1.5V power supply for HSTL or
scaled to the desired output voltage.
6432 tbl 02b
Pin Definitions continued


Similar Part No. - IDTIDT71P79204267BQI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTIDT71P71604167BQ IDT-IDTIDT71P71604167BQ Datasheet
228Kb / 23P
   18Mb Pipelined DDR?줚I SRAM Burst of 2
IDTIDT71P71604200BQ IDT-IDTIDT71P71604200BQ Datasheet
228Kb / 23P
   18Mb Pipelined DDR?줚I SRAM Burst of 2
IDTIDT71P71604250BQ IDT-IDTIDT71P71604250BQ Datasheet
228Kb / 23P
   18Mb Pipelined DDR?줚I SRAM Burst of 2
IDTIDT71P71804167BQ IDT-IDTIDT71P71804167BQ Datasheet
228Kb / 23P
   18Mb Pipelined DDR?줚I SRAM Burst of 2
IDTIDT71P71804200BQ IDT-IDTIDT71P71804200BQ Datasheet
228Kb / 23P
   18Mb Pipelined DDR?줚I SRAM Burst of 2
More results

Similar Description - IDTIDT71P79204267BQI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71P71804 IDT-IDT71P71804 Datasheet
228Kb / 23P
   18Mb Pipelined DDR?줚I SRAM Burst of 2
IDT71P73204 IDT-IDT71P73204 Datasheet
635Kb / 25P
   18Mb Pipelined DDR?줚I SRAM Burst of 4
IDT71P72204 IDT-IDT71P72204 Datasheet
589Kb / 22P
   18Mb Pipelined QDRII SRAM Burst of 2
logo
GSI Technology
GS8182S18D GSI-GS8182S18D Datasheet
1Mb / 31P
   18Mb Burst of 2 DDR SigmaSIO-II SRAM
GS8182S08 GSI-GS8182S08 Datasheet
764Kb / 36P
   18Mb Burst of 2 SigmaSIO DDR-IITM SRAM
logo
Integrated Device Techn...
IDT71P74204 IDT-IDT71P74204 Datasheet
578Kb / 22P
   18Mb Pipelined QDR II SRAM Burst of 4
logo
GSI Technology
GS8180QV36BD-200I GSI-GS8180QV36BD-200I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-200I GSI-GS8180QV18BD-200I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BGD-167 GSI-GS8180QV18BGD-167 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-167 GSI-GS8180QV18BD-167 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com