Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PM150CSA060 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. PM150CSA060
Description  FLAT-BASE TYPE INSULATED PACKAGE
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

PM150CSA060 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Sep.1998
Description:
Mitsubishi Intelligent Power Mod-
ules are isolated base modules de-
signed for power switching applica-
tions operating at frequencies to
20kHz. Built-in control circuits pro-
vide optimum gate drive and pro-
tection for the IGBT and free-wheel
diode power devices.
Features:
Complete Output Power
Circuit
Gate Drive Circuit
Protection Logic
– Short Circuit
– Over Current
– Over Temperature
– Under Voltage
Applications:
Inverters
UPS
Motion/Servo Control
Power Supplies
Ordering Information:
Example: Select the complete
part number from the table below
-i.e. PM150CSA060 is a 600V,
150 Ampere Intelligent Power Mod-
ule.
Type
Current Rating
VCES
Amperes
Volts (x 10)
PM
150
60
Dimensions
Inches
Millimeters
A
4.33
±0.04
110.0
±1.0
B
3.74
±0.02
95.0
±0.5
C
3.50
±0.04
89.0
±1.0
D
3.27
83.0
E
2.91
±0.02
74.0
±0.5
F
2.44
62.0
G
1.28
32.6
H
1.24
31.6
J
1.02
26.0
K
0.94
24.0
L
0.87 +0.06/-0 22.0 +1.5/-0.0
M
0.79
20.0
N
0.76
19.4
P
0.75
19.0
Q
0.708
17.98
R
0.670
17.02
Dimensions
Inches
Millimeters
S
0.67
17.0
T
0.52
13.2
U
0.39
10.0
V
0.27
7.0
W
0.30
7.5
X
0.24
6.0
Y
0.24 Rad.
Rad. 6.0
Z
0.22 Dia.
Dia. 5.5
AA
Metric M5
M5
AB
0.127
3.22
AC
0.10
2.6
AD
0.08
2.0
AE
0.07
1.8
AF
0.06
1.6
AG
0.02
±0.01
0.5
±0.3
MITSUBISHI INTELLIGENT POWER MODULES
PM150CSA060
FLAT-BASE TYPE
INSULATED PACKAGE
Outline Drawing and Circuit Diagram
T
AC
1.
2.
3.
4.
5.
6.
7.
8.
9.
V
V
V
V
V
V
V
10.
11.
12.
13.
14.
15.
16.
U
U
VV
W
W
WPC
UPI
VPI
WPI
NC
NI
P
N
P
P
N
N
UPC
FO
V VPC
17.
18.
19.
NC
WFO
O
VF
O
UF
B
S
M
M
AD
AG
AG
K
J
J
E
U
U
U
AB
Q
AB
R
F
A
U
D
X
P
X
W
W
C
78
9
10
11
13 15
12 34
56
V
W
U
AA - THD (6 TYP.)
Z - DIA. (4 TYP.)
AD (15 TYP.)
12
14 16 18
17 19
Y (4 TYP.)
N
AE
G H
L
AF
V
2.54 MM DIA. (2 TYP.)
(19 TYP.)
0.5 MM SQ. PIN
TEMP
P
U
V
W
N
NC


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PM10CSJ060FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PM200DVA120FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PM400HSA120FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 Mitsubishi Electric Semiconductor
PM800HSA060FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PM50RLB060MITSUBISHI INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PM50CSE120FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PM75CLA060FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PM10CZF120FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PM20CSJ060FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PM50CTK060FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn