Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C1256L-20JMBLF Datasheet(PDF) 8 Page - Pyramid Semiconductor Corporation

Part # P4C1256L-20JMBLF
Description  HIGH SPEED 32K x 8 STATIC CMOS RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1256L-20JMBLF Datasheet(HTML) 8 Page - Pyramid Semiconductor Corporation

Back Button P4C1256L-20JMBLF Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1256L-20JMBLF Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1256L-20JMBLF Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1256L-20JMBLF Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1256L-20JMBLF Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1256L-20JMBLF Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C1256L-20JMBLF Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C1256L-20JMBLF Datasheet HTML 11Page - Pyramid Semiconductor Corporation P4C1256L-20JMBLF Datasheet HTML 12Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
P4C1256
Page 8 of 17
Document # SRAM119 REV G
Input Pulse Levels
GND to 3.0V
Input Rise and Fall Times
3ns
Input Timing Reference Level
1.5V
Output Timing Reference Level
1.5V
Output Load
See Figures 1 and 2
AC TEST CONDITIONS
Figure 1. Output Load
Figure 2. Thevenin Equivalent
* including scope and test fixture.
Note:
Because of the ultra-high speed of the P4C1256, care must be taken when
testing this device; an inadequate setup can cause a normal functioning part
to be rejected as faulty. Long high-inductance leads that cause supply
bounce must be avoided by bringing the V
CC and ground planes directly up
to the contactor fingers. A 0.01 µF high frequency capacitor is also required
between V
CC and ground. To avoid signal reflections, proper termination
must be used; for example, a 50
Ω test environment should be terminated
into a 50
Ω load with 1.73V (Thevenin Voltage) at the comparator input,
and a 116
Ω resistor must be used in series with D
OUT to match 166Ω
(Thevenin Resistance).
Write
Active
Read
TRUTH TABLE
Mode
Standby
Standby
D
OUT Disabled
Standby
Power
I/O
WE
WE
WE
WE
WE
OE
OE
OE
OE
OE
CE
CE
CE
CE
CE
High Z
High Z
D
OUT
High Z
X
X
H
H
L
X
X
H
L
X
H
L
L
L
Standby
Active
Active
High Z
X


Similar Part No. - P4C1256L-20JMBLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C1256L-55PC ETC-P4C1256L-55PC Datasheet
84Kb / 8P
   LOW POWER 32K x 8 STATIC CMOS RAM
P4C1256L-55PI ETC-P4C1256L-55PI Datasheet
84Kb / 8P
   LOW POWER 32K x 8 STATIC CMOS RAM
P4C1256L-55SC ETC-P4C1256L-55SC Datasheet
84Kb / 8P
   LOW POWER 32K x 8 STATIC CMOS RAM
P4C1256L-55SI ETC-P4C1256L-55SI Datasheet
84Kb / 8P
   LOW POWER 32K x 8 STATIC CMOS RAM
P4C1256L-70PC ETC-P4C1256L-70PC Datasheet
84Kb / 8P
   LOW POWER 32K x 8 STATIC CMOS RAM
More results

Similar Description - P4C1256L-20JMBLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM?
logo
Winbond
W24L257A WINBOND-W24L257A Datasheet
209Kb / 9P
   32K X 8 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C256AL ISSI-IS61C256AL Datasheet
633Kb / 12P
   32K X 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
P4C1256 ETC1-P4C1256 Datasheet
89Kb / 8P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Taiwan Memory Technolog...
T14M256A TMT-T14M256A_04 Datasheet
76Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C256AH ISSI-IS61C256AH Datasheet
60Kb / 8P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com