Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72403L15P Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT72403L15P
Description  CMOS PARALLEL FIFO 64 x 4 and 64 x 5
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72403L15P Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT72403L15P Datasheet HTML 1Page - Integrated Device Technology IDT72403L15P Datasheet HTML 2Page - Integrated Device Technology IDT72403L15P Datasheet HTML 3Page - Integrated Device Technology IDT72403L15P Datasheet HTML 4Page - Integrated Device Technology IDT72403L15P Datasheet HTML 5Page - Integrated Device Technology IDT72403L15P Datasheet HTML 6Page - Integrated Device Technology IDT72403L15P Datasheet HTML 7Page - Integrated Device Technology IDT72403L15P Datasheet HTML 8Page - Integrated Device Technology IDT72403L15P Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MILITARY AND COMMERCIAL
TEMPERATURE RANGES
IDT72401/72403
CMOS PARALLEL FIFO 64 x 4, 64 x 5
6
Figure 6. The Mechanism of Shifting Data Out of the FIFO
NOTES:
1. OR HIGH indicates that data is available and a SO pulse may be applied.
2. SO goes HIGH causing the next step.
3. OR goes LOW.
4. The read pointer is incremented.
5. OR goes HIGH indicating that new data (B) is now available at the FIFO outputs.
6. If the FIFO has only one word loaded (A DATA) then OR stays LOW and the A DATA remains unchanged at the outputs.
7. SO pulses applied when OR is LOW will be ignored.
Figure 5. Output TIming
STABLE DATA
SO
SI
IR
INPUT DATA
(2)
(3)
(1)
tIPH
tPT
(4)
(5)
2747 drw 08
tHIR
tSIR
NOTES:
1. FIFO is initially full.
2. SO pulse is applied.
3. SI is held HIGH.
4. As soon as IR becomes HIGH the Input Data is loaded into the FIFO.
5. The write pointer is incremented. SI should not go LOW until (tPT + tIPH).
Figure 4. Data is Shifted In Whenever Shift In and Input Ready are Both HIGH
SO
OR
OUTPUT DATA
A- DATA
(2)
(3)
(5)
2747 drw 10
(6)
(4)
(1)
(7)
A or B
B- DATA
SO
OR
OUTPUT DATA
tORL
2747 drw 09
1/fOUT
1/fOUT
tSOH
tSOL
tODH
tORH
C-DATA
B-DATA
A-DATA
tODS
(2)
(1)
NOTES:
1. This data is loaded consecutively A, B, C.
2. Data is shifted out when SO makes a HIGH to LOW transition.


Similar Part No. - IDT72403L15P

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72403L15P IDT-IDT72403L15P Datasheet
95Kb / 9P
   CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
IDT72403L15PB IDT-IDT72403L15PB Datasheet
95Kb / 9P
   CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
More results

Similar Description - IDT72403L15P

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401 Datasheet
95Kb / 9P
   CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
logo
Cypress Semiconductor
CY7C401 CYPRESS-CY7C401 Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
logo
Renesas Technology Corp
IDT72413 RENESAS-IDT72413 Datasheet
384Kb / 11P
   CMOS PARALLEL FIFO WITH FLAGS 64 x 5
JUNE 2012
logo
Integrated Device Techn...
IDT72413 IDT-IDT72413 Datasheet
104Kb / 11P
   CMOS PARALLEL 64 x 5-BIT FIFO WITH FLAGS
logo
Sharp Corporation
LH5481 SHARP-LH5481 Datasheet
125Kb / 16P
   Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO
logo
Cypress Semiconductor
CY7C408A-409A CYPRESS-CY7C408A-409A Datasheet
344Kb / 16P
   64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO
logo
Advanced Micro Devices
C67401 AMD-C67401 Datasheet
450Kb / 9P
   FIRST - IN FIRST - OUT (FIFO) 64 X 4, 64 X 5 CASCADABLE MEMORY
logo
Fairchild Semiconductor
3341 FAIRCHILD-3341 Datasheet
174Kb / 3P
   64 x 4 FIFO Serial Memory
logo
NXP Semiconductors
74HC7404 PHILIPS-74HC7404 Datasheet
131Kb / 28P
   5-Bit x 64-word FIFO register; 3-state
September 1993
74HC7403 PHILIPS-74HC7403 Datasheet
163Kb / 28P
   4-Bit x 64-word FIFO register; 3-state
September 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com