Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1371D-133BZC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1371D-133BZC
Description  18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1371D-133BZC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1371D-133BZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1371D-133BZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1371D-133BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1371D-133BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1371D-133BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1371D-133BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1371D-133BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1371D-133BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1371D-133BZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
18-Mbit (512K x 36/1M x 18)
Flow-Through SRAM with NoBL™ Architecture
CY7C1371D
CY7C1373D
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-05556 Rev. *F
Revised July 09, 2007
Features
• No Bus Latency
™ (NoBL™) architecture eliminates dead
cycles between write and read cycles
• Supports up to 133-MHz bus operations with zero wait
states
— Data is transferred on every clock
• Pin-compatible and functionally equivalent to ZBT™
devices
• Internally self-timed output buffer control to eliminate the
need to use OE
• Registered inputs for flow through operation
• Byte Write capability
• 3.3V/2.5V IO power supply (VDDQ)
• Fast clock-to-output times
— 6.5 ns (for 133-MHz device)
• Clock Enable (CEN) pin to enable clock and suspend
operation
• Synchronous self-timed writes
• Asynchronous Output Enable
• Available in JEDEC-standard Pb-free 100-pin TQFP,
Pb-free and non-Pb-free 119-Ball BGA and 165-Ball FBGA
package.
• Three chip enables for simple depth expansion
• Automatic Power down feature available using ZZ mode or
CE deselect
• IEEE 1149.1 JTAG-Compatible Boundary Scan
• Burst Capability — linear or interleaved burst order
• Low standby power
Functional Description[1]
The CY7C1371D/CY7C1373D is a 3.3V, 512K x 36/1M x 18
Synchronous flow through Burst SRAM designed specifically
to support unlimited true back-to-back Read/Write operations
with no wait state insertion. The CY7C1371D/CY7C1373D is
equipped with the advanced No Bus Latency (NoBL) logic
required to enable consecutive Read/Write operations with
data being transferred on every clock cycle. This feature
dramatically improves the throughput of data through the
SRAM, especially in systems that require frequent Write-Read
transitions.
All synchronous inputs pass through input registers controlled
by the rising edge of the clock. The clock input is qualified by
the Clock Enable (CEN) signal, which when deasserted
suspends operation and extends the previous clock cycle.
Maximum access delay from the clock rise is 6.5 ns (133-MHz
device).
Write operations are controlled by the two or four Byte Write
Select (BWX) and a Write Enable (WE) input. All writes are
conducted with on-chip synchronous self-timed write circuitry.
Three synchronous Chip Enables (CE1, CE2, CE3) and an
asynchronous Output Enable (OE) provide for easy bank
selection and output tri-state control. To avoid bus contention,
the output drivers are synchronously tri-stated during the data
portion of a write sequence.
Selection Guide
133 MHz
100 MHz
Unit
Maximum Access Time
6.5
8.5
ns
Maximum Operating Current
210
175
mA
Maximum CMOS Standby Current
70
70
mA
Note:
1. For best-practices recommendations, please refer to the Cypress application note System Design Guidelines on www.cypress.com.


Similar Part No. - CY7C1371D-133BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1371D-133BZC CYPRESS-CY7C1371D-133BZC Datasheet
447Kb / 30P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture
More results

Similar Description - CY7C1371D-133BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1371C CYPRESS-CY7C1371C Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1371DV25 CYPRESS-CY7C1371DV25 Datasheet
444Kb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1461AV25 CYPRESS-CY7C1461AV25 Datasheet
459Kb / 29P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370D CYPRESS-CY7C1370D_06 Datasheet
511Kb / 28P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25_06 Datasheet
553Kb / 27P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370D CYPRESS-CY7C1370D Datasheet
344Kb / 30P
   18-Mbit (512K X 36/1M X 18) Pipelined SRAM with NoBL Architecture
CY7C1371D CYPRESS-CY7C1371D Datasheet
447Kb / 30P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture
CY7C1461AV33 CYPRESS-CY7C1461AV33_08 Datasheet
859Kb / 32P
   36 Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1371B CYPRESS-CY7C1371B Datasheet
876Kb / 26P
   512K x 36/1M x 18 Flow-Thru SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com