Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIG400Q2CMB1X Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # MIG400Q2CMB1X
Description  High Power Switching Applications Motor Control Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MIG400Q2CMB1X Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  MIG400Q2CMB1X Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MIG400Q2CMB1X Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MIG400Q2CMB1X Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MIG400Q2CMB1X Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MIG400Q2CMB1X Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MIG400Q2CMB1X Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MIG400Q2CMB1X Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MIG400Q2CMB1X Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MIG400Q2CMB1X Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MIG400Q2CMB1X
2004-10-01
5/9
2.
Control stage (Tj = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
High side
ID (H)
13
17
Control circuit current
Low side
ID (L)
VD = 15 V
13
17
mA
Input on signal voltage
VIN (on)
1.4
1.6
1.8
Input off signal voltage
VIN (off)
VD = 15 V
2.2
2.5
2.8
V
Protection
IFO (on)
8
10
12
Fault output current
Normal
IFO (off)
VD = 15 V
0.1
mA
Overcurrent protection trip level
OC
VD = 15 V, Tj <
= 125°C
640
A
Short-circuit protection trip level
SC
VD = 15 V, Tj <
= 125°C
640
A
Overcurrent cut-off time
toff (OC)
VD = 15 V
5
µs
Trip level
OT
110
118
125
Overtemperature
protection
Reset level
OTr
Case temperature
98
°C
Trip level
UV
11.0
12.0
12.5
Control supply under
voltage protection
Reset level
UVr
12.0
12.5
13.0
V
Fault output pulse width
tFO
VD = 15 V
1
2
3
ms
3.
Thermal resistance (Tc
= 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
IGBT
0.033
Junction to case thermal resistance
Rth (j-c)
FRD
0.068
°C/W
Case to fin thermal resistance
Rth (c-f)
Compound is applied
0.013
°C/W


Similar Part No. - MIG400Q2CMB1X

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MIG400Q2CMB1X TOSHIBA-MIG400Q2CMB1X Datasheet
178Kb / 10P
   High Power Switching Applications Motor Control Applications
logo
Powerex Power Semicondu...
MIG400Q2CMB1X POWEREX-MIG400Q2CMB1X Datasheet
250Kb / 6P
   Compact IPM Series
More results

Similar Description - MIG400Q2CMB1X

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MIG100J201HC TOSHIBA-MIG100J201HC Datasheet
141Kb / 6P
   High Power Switching Applications Motor Control Applications
logo
Mitsubishi Electric Sem...
MG400V2YS60A MITSUBISHI-MG400V2YS60A Datasheet
184Kb / 9P
   High Power Switching Applications Motor Control Applications
logo
Toshiba Semiconductor
GT10Q301 TOSHIBA-GT10Q301 Datasheet
321Kb / 7P
   HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS
MIG50J906H TOSHIBA-MIG50J906H Datasheet
429Kb / 9P
   HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS
logo
Mitsubishi Electric Sem...
MIG200Q2CSB1X MITSUBISHI-MIG200Q2CSB1X Datasheet
239Kb / 10P
   High Power Switching Applications Motor Control Applications
logo
Toshiba Semiconductor
MIG75J7CSB1W TOSHIBA-MIG75J7CSB1W Datasheet
186Kb / 11P
   High Power Switching Applications Motor Control Applications
logo
Mitsubishi Electric Sem...
MG300Q2YS60A MITSUBISHI-MG300Q2YS60A Datasheet
218Kb / 8P
   High Power Switching Applications Motor Control Applications
MG400Q2YS60A MITSUBISHI-MG400Q2YS60A Datasheet
219Kb / 8P
   High Power Switching Applications Motor Control Applications
MG400V1US51A MITSUBISHI-MG400V1US51A Datasheet
118Kb / 7P
   HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS
MIG75Q7CSB1X MITSUBISHI-MIG75Q7CSB1X Datasheet
194Kb / 10P
   High Power Switching Applications Motor Control Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com