Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7207L20TDG Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT7207L20TDG
Description  CMOS ASYNCHRONOUS FIFO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7207L20TDG Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT7207L20TDG Datasheet HTML 2Page - Integrated Device Technology IDT7207L20TDG Datasheet HTML 3Page - Integrated Device Technology IDT7207L20TDG Datasheet HTML 4Page - Integrated Device Technology IDT7207L20TDG Datasheet HTML 5Page - Integrated Device Technology IDT7207L20TDG Datasheet HTML 6Page - Integrated Device Technology IDT7207L20TDG Datasheet HTML 7Page - Integrated Device Technology IDT7207L20TDG Datasheet HTML 8Page - Integrated Device Technology IDT7207L20TDG Datasheet HTML 9Page - Integrated Device Technology IDT7207L20TDG Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
COMMERCIAL,INDUSTRIALANDMILITARY
TEMPERATURERANGES
IDT7203/7204/7205/7206/7207/7208 CMOS ASYNCHRONOUS FIFO
2,048 x 9, 4,096 x 9, 8,192 x 9, 16,384 x 9, 32,768 x 9 and 65,536 x 9
APRIL 3, 2006
loaded(seeOperatingModes).TheSingleDeviceModeisinitiatedbygrounding
the Expansion In (
XI).
The IDT7203/7204/7205/7206/7207/7208 can be made to retransmit data
when the Retransmit Enable Control (
RT) input is pulsed LOW. A retransmit
operationwillsettheinternalreadpointertothefirstlocationandwillnotaffectthe
writepointer. ThestatusoftheFlagswillchangedependingontherelativelocations
of the read and write pointers. Read Enable (
R) and Write Enable (W) must be
intheHIGHstateduringretransmit. Thisfeatureisusefulwhenlessthan2,048/
4,096/8,192/16,384/32,768/65,536writesareperformedbetweenresets. The
retransmitfeatureisnotcompatiblewiththeDepthExpansionMode.
EXPANSION IN (
XI)—Thisinputisadual-purposepin. ExpansionIn(XI)
isgroundedtoindicateanoperationinthesingledevicemode. ExpansionIn(
XI)
isconnectedtoExpansionOut(
XO)ofthepreviousdeviceintheDepthExpansion
or Daisy-Chain Mode.
OUTPUTS:
FULL FLAG
(FF )—TheFullFlag(FF)willgoLOW,inhibitingfurtherwrite
operations,whenthedeviceisfull. IfthereadpointerisnotmovedafterReset(
RS),
the Full Flag (
FF) will go LOW after 2,048/4,096/8,192/16,384/32,768/65,536
writes.
EMPTY FLAG (
EF)—TheEmptyFlag(EF)willgoLOW,inhibitingfurther
readoperations,whenthereadpointerisequaltothewritepointer,indicatingthat
thedeviceisempty.
EXPANSIONOUT/HALF-FULLFLAG(
XO/HF)—Thisisadual-purpose
output. Inthesingledevicemode,whenExpansionIn(
XI)isgrounded,thisoutput
actsasanindicationofahalf-fullmemory.
Afterhalfofthememoryisfilled,andatthefallingedgeofthenextwriteoperation,
the Half-Full Flag (
HF)willbesettoLOWandwillremainsetuntilthedifference
betweenthewritepointerandreadpointerislessthanorequaltoonehalfofthe
totalmemoryofthedevice. TheHalf-FullFlag(
HF)isthenresetbytherisingedge
of the read operation.
IntheDepthExpansionMode,ExpansionIn(
XI)isconnectedtoExpansion
Out (
XO) of the previous device. This output acts as a signal to the next device
intheDaisyChainbyprovidingapulsetothenextdevicewhenthepreviousdevice
reaches the last location of memory. There will be an
XOpulsewhentheWrite
pointerreachesthelastlocationofmemory,andanadditional
XOpulsewhenthe
Readpointerreachesthelastlocationofmemory.
DATA OUTPUTS (Q0-Q8) — Q0-Q8 are data outputs for 9-bit wide data.
Theseoutputsareinahigh-impedanceconditionwheneverRead(
R)isinaHIGH
state.
SIGNAL DESCRIPTIONS
INPUTS:
DATA IN (D0–D8)
Data inputs for 9-bit wide data.
CONTROLS:
RESET (
RS ) — Reset is accomplished whenever the Reset (RS) input is
takentoaLOWstate. Duringreset,bothinternalreadandwritepointersareset
tothefirstlocation.Aresetisrequiredafterpower-upbeforeawriteoperationcan
take place. Both the Read Enable (
R) and Write Enable (W) inputs must
be in the HIGH state during the window shown in Figure 2 (i.e. tRSS before
the rising edge of
RS) and should not change until tRSR after the rising
edge of
RS.
WRITE ENABLE (
W ) —A write cycle is initiated on the falling edge of this
inputiftheFullFlag(
FF)isnotset.Dataset-upandholdtimesmustbeadhered-
to,withrespecttotherisingedgeoftheWriteEnable(
W).DataisstoredintheRAM
array sequentially and independently of any on-going read operation.
Afterhalfofthememoryisfilled,andatthefallingedgeofthenextwriteoperation,
theHalf-FullFlag(
HF)willbesettoLOW,andwillremainsetuntilthedifference
betweenthewritepointerandreadpointerisless-thanorequaltoone-halfofthe
totalmemoryofthedevice.TheHalf-FullFlag(
HF)isthenresetbytherisingedge
of the read operation.
To prevent data overflow, the Full Flag (
FF)willgoLOWonthefallingedge
ofthelastwritesignal,whichinhibitsfurtherwriteoperations. Uponthecompletion
of a valid read operation, the Full Flag (
FF) will go HIGH after tRFF, allowing a
newvalidwritetobegin.WhentheFIFOisfull,theinternalwritepointerisblocked
from
W, so external changes inW will not affect the FIFO when it is full.
READENABLE(
R)—A readcycleisinitiatedonthefallingedgeoftheRead
Enable (
R), provided the Empty Flag (EF) is not set. The data is accessed on
aFirst-In/First-Outbasis,independentofanyongoingwriteoperations. AfterRead
Enable (
R) goes HIGH, the Data Outputs (Q0 through Q8) will return to a high-
impedanceconditionuntilthenextReadoperation. Whenallthedatahasbeen
read from the FIFO, the Empty Flag (
EF) will go LOW, allowing the “final” read
cyclebutinhibitingfurtherreadoperations,withthedataoutputsremaininginahigh-
impedancestate.Onceavalidwriteoperationhasbeenaccomplished,theEmpty
Flag (
EF) will go HIGH after tWEF and a valid Read can then begin. When the
FIFOisempty,theinternalreadpointerisblockedfrom
Rsoexternalchangeswill
not affect the FIFO when it is empty.
FIRST LOAD/RETRANSMIT (
FL/RT ) — This is a dual-purpose input. In
theDepthExpansionMode,thispinisgroundedtoindicatethatitisthefirstdevice


Similar Part No. - IDT7207L20TDG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7207L20D IDT-IDT7207L20D Datasheet
148Kb / 12P
   CMOS ASYNCHRONOUS FIFO 32,768 x 9
IDT7207L20DB IDT-IDT7207L20DB Datasheet
148Kb / 12P
   CMOS ASYNCHRONOUS FIFO 32,768 x 9
IDT7207L20J IDT-IDT7207L20J Datasheet
148Kb / 12P
   CMOS ASYNCHRONOUS FIFO 32,768 x 9
IDT7207L20JB IDT-IDT7207L20JB Datasheet
148Kb / 12P
   CMOS ASYNCHRONOUS FIFO 32,768 x 9
IDT7207L20L IDT-IDT7207L20L Datasheet
148Kb / 12P
   CMOS ASYNCHRONOUS FIFO 32,768 x 9
More results

Similar Description - IDT7207L20TDG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7202LA20JG IDT-7202LA20JG Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7203 IDT-IDT7203_17 Datasheet
143Kb / 14P
   CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7203 RENESAS-IDT7203 Datasheet
276Kb / 15P
   CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L_17 Datasheet
139Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_12 Datasheet
295Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
logo
Sharp Corporation
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7280 RENESAS-IDT7280 Datasheet
114Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V01 IDT-IDT72V01_12 Datasheet
301Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V06 IDT-IDT72V06 Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com