Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1368C-166AXC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1368C-166AXC
Description  9-Mbit (256K x 32) Pipelined DCD Sync SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1368C-166AXC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1368C-166AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1368C-166AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1368C-166AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1368C-166AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1368C-166AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1368C-166AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1368C-166AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1368C-166AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1368C-166AXC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CY7C1368C
Document #: 38-05686 Rev. *F
Page 6 of 18
Functional Overview
All synchronous inputs pass through input registers controlled
by the rising edge of the clock. All data outputs pass through
output registers controlled by the rising edge of the clock.
The CY7C1368C supports secondary cache in systems
utilizing either a linear or interleaved burst sequence. The
interleaved
burst
order
supports
Pentium
and
i486
processors. The linear burst sequence is suited for processors
that utilize a linear burst sequence. The burst order is user
selectable, and is determined by sampling the MODE input.
Accesses can be initiated with either the Processor Address
Strobe (ADSP) or the Controller Address Strobe (ADSC).
Address advancement through the burst sequence is
controlled by the ADV input. A two-bit on-chip wraparound
burst counter captures the first address in a burst sequence
and automatically increments the address for the rest of the
burst access.
Byte write operations are qualified with the Byte Write Enable
(BWE) and Byte Write Select (BW[A:D]) inputs. A Global Write
Enable (GW) overrides all byte write inputs and writes data to
all four bytes. All writes are simplified with on-chip
synchronous self-timed write circuitry.
Synchronous
Chip
Selects
CE1, CE2, CE3 and an
asynchronous Output Enable (OE) provide for easy bank
selection and output tri-state control. ADSP is ignored if CE1
is HIGH.
Single Read Accesses
This access is initiated when the following conditions are
satisfied at clock rise: (1) ADSP or ADSC is asserted LOW, (2)
chip selects are all asserted active, and (3) the write signals
(GW, BWE) are all deasserted HIGH. ADSP is ignored if CE1
is HIGH. The address presented to the address inputs is
stored into the address advancement logic and the Address
Register while being presented to the memory core. The corre-
sponding data is allowed to propagate to the input of the
Output Registers. At the rising edge of the next clock the data
is allowed to propagate through the output register and onto
the data bus within tco if OE is active LOW. The only exception
occurs when the SRAM is emerging from a deselected state
to a selected state, its outputs are always tri-stated during the
first cycle of the access. After the first cycle of the access, the
outputs are controlled by the OE signal. Consecutive single
read cycles are supported.
The CY7C1368C is a double-cycle deselect part. Once the
SRAM is deselected at clock rise by the chip select and either
ADSP or ADSC signals, its output will tri-state immediately
after the next clock rise.
Single Write Accesses Initiated by ADSP
This access is initiated when both of the following conditions
are satisfied at clock rise: (1) ADSP is asserted LOW, and (2)
chip select is asserted active. The address presented is
loaded
into
the
address
register
and
the
address
advancement logic while being delivered to the memory core.
The write signals (GW, BWE, and BW[A:D]) and ADV inputs are
ignored during this first cycle.
ADSP triggered write accesses require two clock cycles to
complete. If GW is asserted LOW on the second clock rise, the
data presented to the DQx inputs is written into the corre-
sponding address location in the memory core. If GW is HIGH,
then the write operation is controlled by BWE and BW[A:D]
signals. The CY7C1368C provides byte write capability that
is described in the Write Cycle Description table. Asserting the
Byte Write Enable input (BWE) with the selected Byte Write
input will selectively write to only the desired bytes. Bytes not
selected during a byte write operation will remain unaltered. A
synchronous self-timed write mechanism has been provided
to simplify the write operations.
Because the CY7C1368C is a common I/O device, the Output
Enable (OE) must be deasserted HIGH before presenting data
to the DQ inputs. Doing so will tri-state the output drivers. As
a safety precaution, DQs are automatically tri-stated whenever
a write cycle is detected, regardless of the state of OE.
Single Write Accesses Initiated by ADSC
ADSC write accesses are initiated when the following condi-
tions are satisfied: (1) ADSC is asserted LOW, (2) ADSP is
deasserted HIGH, (3) chip select is asserted active, and (4)
the appropriate combination of the write inputs (GW, BWE,
and BW[A:D]) are asserted active to conduct a write to the
desired byte(s). ADSC triggered write accesses require a
single clock cycle to complete. The address presented is
loaded
into
the
address
register
and
the
address
advancement logic while being delivered to the memory core.
The ADV input is ignored during this cycle. If a global write is
conducted, the data presented to the DQX is written into the
corresponding address location in the memory core. If a byte
write is conducted, only the selected bytes are written. Bytes
not selected during a byte write operation will remain
VDDQ
4, 11, 20, 27,
54, 61, 70, 77
I/O Power
Supply
Power supply for the I/O circuitry.
VSSQ
5, 10, 21, 26,
55, 60, 71, 76
I/O Ground
Ground for the I/O circuitry.
MODE
31
Input-
Static
Selects Burst Order. When tied to GND selects linear burst sequence. When tied
to VDD or left floating selects interleaved burst sequence. This is a strap pin and
should remain static during device operation. Mode Pin has an internal pull-up.
NC
1, 16, 30, 38,
39, 42,
43(AJC), 51,
66, 80
No Connects. Not internally connected to the die.
NC/(18M,36M, 72M, 144M, 288M, 576M, 1G) These pins are not connected.
They will be used for expansion to the 18M, 36M, 72M, 144M, 288M, 576M and 1G
densities.
Pin Descriptions (continued)
Pin
TQFP
Type
Description
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1368C-166AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C136 CYPRESS-CY7C136 Datasheet
339Kb / 18P
   2Kx8 Dual-Port Static RAM
CY7C136 CYPRESS-CY7C136 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
CY7C136 CYPRESS-CY7C136 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C136 CYPRESS-CY7C136 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C136 CYPRESS-CY7C136 Datasheet
443Kb / 15P
   2K x 8 Dual-Port Static RAM High speed access: 15 ns
More results

Similar Description - CY7C1368C-166AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1364C CYPRESS-CY7C1364C Datasheet
399Kb / 18P
   9-Mbit (256K x 32) Pipelined Sync SRAM
CY7C1366C CYPRESS-CY7C1366C_06 Datasheet
549Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366C CYPRESS-CY7C1366C Datasheet
458Kb / 27P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1328G CYPRESS-CY7C1328G Datasheet
379Kb / 16P
   4-Mbit (256K x 18) Pipelined DCD Sync SRAM
CY7C1340G CYPRESS-CY7C1340G Datasheet
349Kb / 16P
   4-Mbit (128K x 32) Pipelined DCD Sync SRAM
CY7C1364B CYPRESS-CY7C1364B Datasheet
335Kb / 16P
   9-Mb (256K x 32) Pipelined Sync SRAM
CY7C1366B CYPRESS-CY7C1366B Datasheet
550Kb / 32P
   9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1328F CYPRESS-CY7C1328F Datasheet
341Kb / 17P
   4-Mb (256K x 18) Pipelined DCD Sync SRAM
CY7C1365C CYPRESS-CY7C1365C Datasheet
400Kb / 18P
   9-Mbit (256K x 32) Flow-Through Sync SRAM
CY7C1298H CYPRESS-CY7C1298H Datasheet
383Kb / 16P
   1-Mbit (64K x 18) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com