Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1356CV25-200BZC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1356CV25-200BZC
Description  9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1356CV25-200BZC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1356CV25-200BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1356CV25-200BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1356CV25-200BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1356CV25-200BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1356CV25-200BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1356CV25-200BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1356CV25-200BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1356CV25-200BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1356CV25-200BZC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
CY7C1354CV25
CY7C1356CV25
Document #: 38-05537 Rev. *H
Page 7 of 28
Functional Overview
The
CY7C1354CV25
and
CY7C1356CV25
are
synchronous-pipelined Burst NoBL SRAMs designed specifi-
cally to eliminate wait states during Write/Read transitions. All
synchronous inputs pass through input registers controlled by
the rising edge of the clock. The clock signal is qualified with
the Clock Enable input signal (CEN). If CEN is HIGH, the clock
signal is not recognized and all internal states are maintained.
All synchronous operations are qualified with CEN. All data
outputs pass through output registers controlled by the rising
edge of the clock. Maximum access delay from the clock rise
(tCO) is 2.8 ns (250-MHz device).
Accesses can be initiated by asserting all three Chip Enables
(CE1, CE2, CE3) active at the rising edge of the clock. If Clock
Enable (CEN) is active LOW and ADV/LD is asserted LOW,
the address presented to the device will be latched. The
access can either be a Read or Write operation, depending on
the status of the Write Enable (WE). BW[d:a] can be used to
conduct Byte Write operations.
Write operations are qualified by the Write Enable (WE). All
Writes are simplified with on-chip synchronous self-timed
Write circuitry.
Three synchronous Chip Enables (CE1, CE2, CE3) and an
asynchronous Output Enable (OE) simplify depth expansion.
All operations (Reads, Writes, and Deselects) are pipelined.
ADV/LD should be driven LOW once the device has been
deselected in order to load a new address for the next
operation.
Single Read Accesses
A read access is initiated when the following conditions are
satisfied at clock rise: (1) CEN is asserted LOW, (2) CE1, CE2,
and CE3 are ALL asserted active, (3) the Write Enable input
signal WE is deasserted HIGH, and (4) ADV/LD is asserted
LOW. The address presented to the address inputs is latched
into the address register and presented to the memory core
and control logic. The control logic determines that a read
access is in progress and allows the requested data to
propagate to the input of the output register. At the rising edge
of the next clock the requested data is allowed to propagate
through the output register and onto the data bus within 2.8 ns
(250-MHz device) provided OE is active LOW. After the first
clock of the read access the output buffers are controlled by
OE and the internal control logic. OE must be driven LOW in
order for the device to drive out the requested data. During the
second clock, a subsequent operation (Read/Write/Deselect)
can be initiated. Deselecting the device is also pipelined.
Therefore, when the SRAM is deselected at clock rise by one
of the chip enable signals, its output will tri-state following the
next clock rise.
Burst Read Accesses
The CY7C1354CV25 and CY7C1356CV25 have an on-chip
burst counter that allows the user the ability to supply a single
address and conduct up to four Reads without reasserting the
address inputs. ADV/LD must be driven LOW in order to load
a new address into the SRAM, as described in the Single Read
Access section above. The sequence of the burst counter is
determined by the MODE input signal. A LOW input on MODE
selects a linear burst mode, a HIGH selects an interleaved
burst sequence. Both burst counters use A0 and A1 in the
burst sequence, and will wrap around when incremented suffi-
ciently. A HIGH input on ADV/LD will increment the internal
burst counter regardless of the state of chip enables inputs or
WE. WE is latched at the beginning of a burst cycle. Therefore,
the type of access (Read or Write) is maintained throughout
the burst sequence.
Single Write Accesses
Write access are initiated when the following conditions are
satisfied at clock rise: (1) CEN is asserted LOW, (2) CE1, CE2,
and CE3 are ALL asserted active, and (3) the Write signal WE
is asserted LOW. The address presented to A0∠A16 is loaded
into the Address Register. The write signals are latched into
the Control Logic block.
On the subsequent clock rise the data lines are automatically
tri-stated regardless of the state of the OE input signal. This
allows the external logic to present the data on DQ and DQP
(DQa,b,c,d/DQPa,b,c,d for CY7C1354CV25 and DQa,b/DQPa,b
for CY7C1356CV25). In addition, the address for the subse-
quent access (Read/Write/Deselect) is latched into the
address register (provided the appropriate control signals are
asserted).
On the next clock rise the data presented to DQ and DQP
(DQa,b,c,d/DQPa,b,c,d for CY7C1354CV25 and DQa,b/DQPa,b
for CY7C1356CV25) (or a subset for byte write operations,
see Write Cycle Description table for details) inputs is latched
into the device and the Write is complete.
The data written during the Write operation is controlled by BW
(BWa,b,c,d
for
CY7C1354CV25
and
BWa,b
for
CY7C1356CV25)
signals.
The
CY7C1354CV25/56CV25
provides Byte Write capability that is described in the Write
Cycle Description table. Asserting the Write Enable input (WE)
with the selected Byte Write Select (BW) input will selectively
write to only the desired bytes. Bytes not selected during a
Byte Write operation will remain unaltered. A synchronous
self-timed write mechanism has been provided to simplify the
Write operations. Byte Write capability has been included in
NC
No connects. This pin is not connected to the die.
NC (18,
36, 72,
144, 288,
576, 1G
These pins are not connected. They will be used for expansion to the 18M, 36M, 72M, 144M
288M, 576M, and 1G densities.
ZZ
Input-
Asynchronous
ZZ “sleep” Input. This active HIGH input places the device in a non-time critical “sleep” condition
with data integrity preserved. For normal operation, this pin has to be LOW or left floating.
ZZ pin has an internal pull-down.
Pin Definitions (continued)
Pin Name
I/O Type
Pin Description
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1356CV25-200BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1356CV25-200BZC CYPRESS-CY7C1356CV25-200BZC Datasheet
338Kb / 25P
   9-Mbit ( 256K x 36/512K x 18 ) Pipelined SRAM with NoBL-TM Architecture
More results

Similar Description - CY7C1356CV25-200BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354C CYPRESS-CY7C1354C_06 Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25 Datasheet
338Kb / 25P
   9-Mbit ( 256K x 36/512K x 18 ) Pipelined SRAM with NoBL-TM Architecture
CY7C1354BV25 CYPRESS-CY7C1354BV25 Datasheet
518Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354A CYPRESS-CY7C1354A Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
CY7C1354A CYPRESS-CY7C1354A_04 Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354B CYPRESS-CY7C1354B Datasheet
475Kb / 29P
   9-Mb (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com