Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1355C-100BGXC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1355C-100BGXC
Description  9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1355C-100BGXC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1355C-100BGXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1355C-100BGXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1355C-100BGXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1355C-100BGXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1355C-100BGXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1355C-100BGXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1355C-100BGXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1355C-100BGXC Datasheet HTML 12Page - Cypress Semiconductor CY7C1355C-100BGXC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
CY7C1355C
CY7C1357C
Document #: 38-05539 Rev. *E
Page 9 of 28
precaution, DQs and DQPX are automatically tri-stated during
the data portion of a write cycle, regardless of the state of OE.
Burst Write Accesses
The CY7C1355C/CY7C1357C has an on-chip burst counter
that allows the user the ability to supply a single address and
conduct up to four Write operations without reasserting the
address inputs. ADV/LD must be driven LOW in order to load
the initial address, as described in the Single Write Access
section above. When ADV/LD is driven HIGH on the subse-
quent clock rise, the Chip Enables (CE1, CE2, and CE3) and
WE inputs are ignored and the burst counter is incremented.
The correct BWX inputs must be driven in each cycle of the
burst write, in order to write the correct bytes of data.
Sleep Mode
The ZZ input pin is an asynchronous input. Asserting ZZ
places the SRAM in a power conservation “sleep” mode. Two
clock cycles are required to enter into or exit from this “sleep”
mode. While in this mode, data integrity is guaranteed.
Accesses pending when entering the “sleep” mode are not
considered valid nor is the completion of the operation
guaranteed. The device must be deselected prior to entering
the “sleep” mode. CE1, CE2, and CE3, must remain inactive
for the duration of tZZREC after the ZZ input returns LOW.
. .
Interleaved Burst Address Table
(MODE = Floating or VDD)
First
Address
A1: A0
Second
Address
A1: A0
Third
Address
A1: A0
Fourth
Address
A1: A0
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00
Linear Burst Address Table (MODE = GND)
First
Address
A1: A0
Second
Address
A1: A0
Third
Address
A1: A0
Fourth
Address
A1: A0
00
01
10
11
01
10
11
00
10
11
00
01
11
00
01
10
ZZ Mode Electrical Characteristics
Parameter
Description
Test Conditions
Min.
Max.
Unit
IDDZZ
Sleep mode standby current
ZZ > VDD – 0.2V
50
mA
tZZS
Device operation to ZZ
ZZ > VDD – 0.2V
2tCYC
ns
tZZREC
ZZ recovery time
ZZ < 0.2V
2tCYC
ns
tZZI
ZZ active to sleep current
This parameter is sampled
2tCYC
ns
tRZZI
ZZ Inactive to exit sleep current
This parameter is sampled
0
ns
Truth Table[2, 3, 4, 5, 6, 7, 8]
Operation
Address
Used
CE1 CE2 CE3 ZZ ADV/LD WE BWX OE CEN CLK
DQ
Deselect Cycle
None
H
X
X
L
L
X
X
X
L
L->H
Tri-State
Deselect Cycle
None
X
X
H
L
L
X
X
X
L
L->H
Tri-State
Deselect Cycle
None
X
L
X
L
L
X
X
X
L
L->H
Tri-State
Continue Deselect Cycle
None
X
X
X
L
H
X
X
X
L
L->H
Tri-State
READ Cycle (Begin Burst)
External
L
H
L
L
L
H
X
L
L
L->H Data Out (Q)
READ Cycle (Continue Burst)
Next
X
X
X
L
H
X
X
L
L
L->H Data Out (Q)
NOP/DUMMY READ (Begin Burst)
External
L
H
L
L
L
H
X
H
L
L->H
Tri-State
DUMMY READ (Continue Burst)
Next
X
X
X
L
H
X
X
H
L
L->H
Tri-State
WRITE Cycle (Begin Burst)
External
L
H
L
L
L
L
L
X
L
L->H
Data In (D)
WRITE Cycle (Continue Burst)
Next
X
X
X
L
H
X
L
X
L
L->H
Data In (D)
Notes:
2. X = “Don't Care.” H = Logic HIGH, L = Logic LOW. BWx = L signifies at least one Byte Write Select is active, BWx = Valid signifies that the desired Byte Write
Selects are asserted, see Truth Table for details.
3. Write is defined by BWX, and WE. See Truth Table for Read/Write.
4. When a Write cycle is detected, all I/Os are tri-stated, even during Byte Writes.
5. The DQs and DQPX pins are controlled by the current cycle and the OE signal. OE is asynchronous and is not sampled with the clock.
6. CEN = H, inserts wait states.
7. Device will power-up deselected and the I/Os in a tri-state condition, regardless of OE.
8. OE is asynchronous and is not sampled with the clock rise. It is masked internally during Write cycles. During a Read cycle DQs and DQPX = Tri-state when OE
is inactive or when the device is deselected, and DQs and DQPX = data when OE is active.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1355C-100BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1355C-100BGC CYPRESS-CY7C1355C-100BGC Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C-100BGC CYPRESS-CY7C1355C-100BGC Datasheet
795Kb / 32P
   9-Mbit (256 K x 36 / 512 K x 18) Flow-through SRAM with NoBL Architecture
CY7C1355C-100BGI CYPRESS-CY7C1355C-100BGI Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
More results

Similar Description - CY7C1355C-100BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355B-100AC CYPRESS-CY7C1355B-100AC Datasheet
560Kb / 33P
   9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354C CYPRESS-CY7C1354C_06 Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1371D CYPRESS-CY7C1371D_07 Datasheet
1,011Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371C CYPRESS-CY7C1371C Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1371DV25 CYPRESS-CY7C1371DV25 Datasheet
444Kb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_06 Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com