Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72T54262L5BBI Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT72T54262L5BBI
Description  2.5V QUAD/DUAL TeraSync??DDR/SDR FIFO x10 QUAD FIFO or x10/x20 DUAL FIFO CONFIGURATIONS
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72T54262L5BBI Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT72T54262L5BBI Datasheet HTML 4Page - Integrated Device Technology IDT72T54262L5BBI Datasheet HTML 5Page - Integrated Device Technology IDT72T54262L5BBI Datasheet HTML 6Page - Integrated Device Technology IDT72T54262L5BBI Datasheet HTML 7Page - Integrated Device Technology IDT72T54262L5BBI Datasheet HTML 8Page - Integrated Device Technology IDT72T54262L5BBI Datasheet HTML 9Page - Integrated Device Technology IDT72T54262L5BBI Datasheet HTML 10Page - Integrated Device Technology IDT72T54262L5BBI Datasheet HTML 11Page - Integrated Device Technology IDT72T54262L5BBI Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
8
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT72T54242/72T54252/72T54262 2.5V QUAD/DUAL TeraSyncDDR/SDR FIFO
32K x 10 x 4/16K x 20 x 2, 64K x 10 x 4/32K x 20 x 2 and 128K x 10 x 4/64K x 20 x 2
MARCH 22, 2005
PAF0/1/2/3
Programmable
HSTL-LVTTL This flag can operate in synchronous or asynchronous mode depending on the sate of the PFM pin
(Continued)
Almost-Full Flags0-3
OUTPUT(1)
during master reset. If Dual mode is selected
PAF1 and PAF3 are not used and can be left floating.
PD
Power Down
HSTL-LVTTL This input provides considerable power saving in HSTL/eHSTL mode. If this pin is low, the input
INPUT
level translators for all the data input pins, clocks and non-essential control pins are turned off.
When
PD is brought high, power-up sequence timing will have to be adhered to before the inputs
will be recognized. It is essential that the user respect these conditions when powering down the
part and powering up the part, so as to not produce runt pulses or glitches on the clocks if the clocks
are free running.
PD does not provide any power consumption savings when the inputs are
configured for LVTTL.
PFM
Programmable
CMOS(2)
During master reset, a HIGH on PFM selects synchronous
PAE/PAF flag timing, a Low during
Flag Mode
INPUT
master reset selects asynchronous
PAE/PAFflagtiming.ThispincontrolsallPAE/PAFflagoutputs.
PRS0/1/2/3
PartialReset
HSTL-LVTTL These are the partial reset inputs for each internal FIFO. The read, write, flag pointers, and output
INPUT
registers will all be set to zero when partial reset is activated. During partial reset, the existing mode
(IDT or FWFT), input/output bus width and rate mode, and the programmable flag settings are all
retained. If Dual mode is selected,
PRS1 and PRS3 are not used and should be tied to VCC.
Q[39:0]
Data Output Bus
HSTL-LVTTL These are the Data Outputs for the device. Data is read from the part via these outputs using the
OUTPUT(1)
respective read port clocks and enables. In Quad mode, these outputs provide four separate busses
from the four separate FIFO's. Q[9:0] is FIFO[0], Q[19:10] is FIFO[1], Q[29:20] is FIFO[2], Q[39:30]
is FIFO[3]. In Dual mode these outputs provide two separate busses from the two separate FIFO's.
Q[19:0] is FIFO[0] and Q[39:20] is FIFO[2].
RCLK0/1/2/3
Read Clock 0/1/2/3
HSTL-LVTTL These are the clock inputs corresponding to each of the four FIFOs on the read port. If Dual mode
INPUT
is selected then RCLK1 and RCLK3 are not used and should be tied to GND. In SDR mode data
willbeaccessedontherisingedgeofRCLKwhen
RENandRCSareLOWattherisingedgeofRCLK.
In DDR mode data will be accessed on both rising and falling edge of RCLK when
REN is LOW.
RCS0/1/2/3
Read Chip Select
HSTL-LVTTL These are the read chip select inputs corresponding to each of the four FIFOs on the read port. This
INPUT
pin provides synchronous control of the read port and high impedance control of the output data bus.
RCS is only sampled on the rising edge of RCLK. During master or partial reset this input is a don’t
care, if
OE is LOW the data inputs will be in Low-Impedance regardless of the state of RCS. If Dual
mode is selected then
RCS1 and RCS3 are not used and should be tied to VCC.
REN0/1/2/3
Read Enable
HSTL-LVTTL These are the read enable inputs corresponding to each of the four FIFOs on the read port. In SDR,
INPUT
when this signal (and
RCS) are LOW data will be sent from the FIFO memory to the output bus on
every rising edge of RCLK. In DDR mode, data will be accessed on both rising and falling edges
of RCLK. Note in DDR mode the
REN and RCS are only sampled on the rising edge of RCLK. New
data will always begin from the rising edge not the falling edge of RCLK. If Dual mode is selected
then
REN1 and REN3 are not used and should be tied to VCC.
RDDR
Read Port DDR
CMOS(2)
Duringmasterreset,thispinselectstheoutputporttooperateinDDRorSDRformat.IfRDDRisHIGH,
INPUT
then a word is read on the rising and falling edge of the appropriate RCLK0, 1, 2 and 3 input. If RDDR
is LOW, then a word is read only on the rising edge of the appropriate RCLK0, 1, 2 and 3 inputs.
SCLK
Serial Clock
HSTL-LVTTL Serial clock for writing and reading the
PAE and PAF offset registers. On the rising edge of each
INPUT
SCLK,when
SWENislow,onebitofdataisshiftedintothePAEandPAFregisters.Ontherisingedge
of each SCLK, when
SREN is low, one bit of data is shifted out of the PAEand PAF offset registers.
The reading of the
PAEandPAFregistersisnon-destructive.IfprogrammingofthePAE/PAFoffset
registers are done via the JTAG port, this input must be tied to VCC.
SDO
Serial Data
LVTTL
This output is used to read data from the programmable flag offset registers. It is used in conjunction
OUTPUT(1)
with the
SREN and SCLK signals.
SREN
Serial Read Enable HSTL-LVTTL When
SREN is brought LOW before the rising edge of SCLK, the contents of the PAE and PAF
INPUT
offset registers are copied to a serial shift register. While
SREN is maintained LOW, on each rising
edge of SCLK, one bit of data is shifted out of this serial shift register through the SDO output pin.
Ifprogrammingofthe
PAE/PAFoffsetregistersisdoneviatheJTAGport,thisinputmustbetiedHIGH.
SWEN
Serial Write Enable
HSTL-LVTTL On each rising edge of SCLK when
SWEN is LOW, data from the FWFT/SI pin is serially loaded
INPUT
into the
PAE and PAF registers. If programming of the PAE/PAF offset registers is done via the
JTAG port, this input must be tied HIGH.
Symbol
Name
I/O Type
Description
PIN DESCRIPTIONS (CONTINUED)


Similar Part No. - IDT72T54262L5BBI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T51233 IDT-IDT72T51233 Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51233L5BB IDT-IDT72T51233L5BB Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51233L5BBI IDT-IDT72T51233L5BBI Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51233L6BB IDT-IDT72T51233L6BB Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51233L6BBI IDT-IDT72T51233L6BBI Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
More results

Similar Description - IDT72T54262L5BBI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T4088 IDT-IDT72T4088 Datasheet
497Kb / 52P
   2.5 VOLT HIGH-SPEED TeraSync DDR/SDR FIFO 40-BIT CONFIGURATION
IDT72T3645 IDT-IDT72T3645_09 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285_09 Datasheet
465Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
IDT72T2098 IDT-IDT72T2098 Datasheet
481Kb / 51P
   2.5 VOLT HIGH-SPEED TeraSync??DDR/SDR FIFO 20-BIT/10-BIT CONFIGURATION
IDT72T36135M IDT-IDT72T36135M Datasheet
479Kb / 48P
   2.5V 18M-BIT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS 524,288 x 36
logo
Exar Corporation
XR16C854 EXAR-XR16C854 Datasheet
476Kb / 51P
   QUAD UART WITH RX/TX FIFO COUNTERS,128-BYTE FIFO
logo
Integrated Device Techn...
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
IDT72T18125 IDT-IDT72T18125 Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T1845 IDT-IDT72T1845_09 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com