Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1356C-200BGXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1356C-200BGXC
Description  9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1356C-200BGXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1356C-200BGXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1356C-200BGXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1356C-200BGXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1356C-200BGXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1356C-200BGXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1356C-200BGXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1356C-200BGXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1356C-200BGXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1356C-200BGXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
9-Mbit (256K x 36/512K x 18)
Pipelined SRAM with NoBL™ Architecture
CY7C1354C
CY7C1356C
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-05538 Rev. *G
Revised September 14, 2006
Features
• Pin-compatible and functionally equivalent to ZBT
• Supports 250-MHz bus operations with zero wait states
— Available speed grades are 250, 200, and 166 MHz
• Internally self-timed output buffer control to eliminate
the need to use asynchronous OE
• Fully registered (inputs and outputs) for pipelined
operation
• Byte Write capability
• Single 3.3V power supply (VDD)
• 3.3V or 2.5V I/O power supply (VDDQ)
• Fast clock-to-output times
— 2.8 ns (for 250-MHz device)
• Clock Enable (CEN) pin to suspend operation
• Synchronous self-timed writes
• Available in lead-free 100-Pin TQFP package, lead-free
and non lead-free 119-Ball BGA package and 165-Ball
FBGA package
• IEEE 1149.1 JTAG-Compatible Boundary Scan
• Burst capability–linear or interleaved burst order
• “ZZ” Sleep Mode option and Stop Clock option
Functional Description[1]
The CY7C1354C and CY7C1356C are 3.3V, 256K x 36 and
512K x 18 Synchronous pipelined burst SRAMs with No Bus
Latency™ (NoBL
™) logic, respectively. They are designed to
support unlimited true back-to-back Read/Write operations
with no wait states. The CY7C1354C and CY7C1356C are
equipped with the advanced (NoBL) logic required to enable
consecutive Read/Write operations with data being trans-
ferred on every clock cycle. This feature dramatically improves
the throughput of data in systems that require frequent
Write/Read transitions. The CY7C1354C and CY7C1356C are
pin compatible and functionally equivalent to ZBT devices.
All synchronous inputs pass through input registers controlled
by the rising edge of the clock. All data outputs pass through
output registers controlled by the rising edge of the clock. The
clock input is qualified by the Clock Enable (CEN) signal,
which when deasserted suspends operation and extends the
previous clock cycle.
Write operations are controlled by the Byte Write Selects
(BWa–BWd for CY7C1354C and BWa–BWb for CY7C1356C)
and a Write Enable (WE) input. All writes are conducted with
on-chip synchronous self-timed write circuitry.
Three synchronous Chip Enables (CE1, CE2, CE3) and an
asynchronous Output Enable (OE) provide for easy bank
selection and output tri-state control. In order to avoid bus
contention, the output drivers are synchronously tri-stated
during the data portion of a write sequence.
Note:
1. For best-practices recommendations, please refer to the Cypress application note System Design Guidelines on www.cypress.com.
A0, A1, A
C
MODE
BWa
BWb
WE
CE1
CE2
CE3
OE
READ LOGIC
DQs
DQPa
DQPb
DQPc
DQPd
D
A
T
A
S
T
E
E
R
I
N
G
O
U
T
P
U
T
B
U
F
F
E
R
S
MEMORY
ARRAY
E
E
INPUT
REGISTER 0
ADDRESS
REGISTER 0
WRITE ADDRESS
REGISTER 1
WRITE ADDRESS
REGISTER 2
WRITE REGISTRY
AND DATA COHERENCY
CONTROL LOGIC
BURST
LOGIC
A0'
A1'
D1
D0
Q1
Q0
A0
A1
C
ADV/LD
ADV/LD
E
INPUT
REGISTER 1
S
E
N
S
E
A
M
P
S
E
CLK
CEN
WRITE
DRIVERS
BWc
BWd
ZZ
SLEEP
CONTROL
O
U
T
P
U
T
R
E
G
I
S
T
E
R
S
Logic Block Diagram–CY7C1354C (256K x 36)
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1356C-200BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1356C-250AXC CYPRESS-CY7C1356C-250AXC Datasheet
1Mb / 32P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1356C-200BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25 Datasheet
338Kb / 25P
   9-Mbit ( 256K x 36/512K x 18 ) Pipelined SRAM with NoBL-TM Architecture
CY7C1354BV25 CYPRESS-CY7C1354BV25 Datasheet
518Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354A CYPRESS-CY7C1354A Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
CY7C1354A CYPRESS-CY7C1354A_04 Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354B CYPRESS-CY7C1354B Datasheet
475Kb / 29P
   9-Mb (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com