Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72T54262 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT72T54262
Description  2.5V QUAD/DUAL TeraSync??DDR/SDR FIFO x10 QUAD FIFO or x10/x20 DUAL FIFO CONFIGURATIONS
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72T54262 Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT72T54262 Datasheet HTML 1Page - Integrated Device Technology IDT72T54262 Datasheet HTML 2Page - Integrated Device Technology IDT72T54262 Datasheet HTML 3Page - Integrated Device Technology IDT72T54262 Datasheet HTML 4Page - Integrated Device Technology IDT72T54262 Datasheet HTML 5Page - Integrated Device Technology IDT72T54262 Datasheet HTML 6Page - Integrated Device Technology IDT72T54262 Datasheet HTML 7Page - Integrated Device Technology IDT72T54262 Datasheet HTML 8Page - Integrated Device Technology IDT72T54262 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
4
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT72T54242/72T54252/72T54262 2.5V QUAD/DUAL TeraSyncDDR/SDR FIFO
32K x 10 x 4/16K x 20 x 2, 64K x 10 x 4/32K x 20 x 2 and 128K x 10 x 4/64K x 20 x 2
MARCH 22, 2005
DESCRIPTION
The IDT72T54242/72T54252/72T54262 Quad/Dual TeraSync FIFO
devices are ideal for many applications where data stream convergence and
parallel buffering of multiple data paths are required. These applications may
include communication systems such as data bandwidth aggregation, data
acquisition systems and medical equipment, etc. The Quad/Dual FIFO allows
theusertoselecteithertwoorfourindividualinternalFIFOsforoperation.Each
internal FIFO has its own discrete read and write clock, independent read and
write enables, and separate status flags. The density of each FIFO is fixed.
IfQuadmodeisselected,therewillbeatotalofeightclockdomains,fourread
and four write clocks. Data can be written into any of the four write ports totally
independent of any other port, and can be read out of any of the four read ports
corresponding to their respective write port. Each port has its own control
enables and status flags and is 10 bits wide. The device functions as four
separate 10-bit wide FIFOs.
If Dual mode is selected, there will be a total of four clock domains, two read
and two write clocks. Data can be written into any of the two write ports totally
independent of any other port, and can be read out of any of the two read ports
corresponding to their respective write port. Each port has its own control
enables and status flags. All input and output ports have bus-matching
capabilities of x10 or x20 bits wide.
As typical with most IDT FIFOs, two types of data transfer are available, IDT
Standard mode and First Word Fall Through (FWFT) mode. This affects the
deviceoperationandalsotheflagoutputs.Thedeviceprovideseightflagoutputs
perinputandoutputport.AdedicatedSerialClockisusedforprogrammingthe
flagoffsets.Thisclockisalsousedforreadingtheoffsetvalues. Theserialread
and write operations are performed via the SCLK, FWFT/SI,
SWEN, SREN,
and SDO pins. The flag offsets can also be programmed using the JTAG port.
If this option is selected, the SCLK,
SWEN,andSRENpinsmustbedisabled.
TheQuad/Dualdeviceoffersamaximumthroughputof2Gbpsperport,with
selectableSDRorDDRdatatransfermodesfortheinputsandoutputs.InSDR
mode, the input clock can operate up to 200MHz. Data will transition/latch on
therisingedgeoftheclock.InDDRmode,theinputclockcanoperateupto100
MHz,withdatatransitioning/latchedonbothrisingandfallingedgesoftheclock.
The advantage of DDR is that it can achieve the same throughput as SDR with
only half the number of bits, assuming the frequency is constant. For example,
a 4Gbps throughput in SDR is 100MHz x 40 bits. In DDR mode, it is 100MHz
x 20 bits, because two bits transition per clock cycle.
All Read ports provide the user with a dedicated Echo Read Enable,
EREN
and Echo Read Clock, ERCLK output. These outputs aid in high speed
applications where synchronization of the input clock and data of receiving
device is critical. Otherwise known as “Source Synchronous Clocking,” the
echo outputs provide tighter synchronization of the data transmitted from the
FIFO and the read clock interfacing the FIFO outputs.
A Master Reset input is provided and all setup and configuration pins are
latched with respect to a Master Reset pulse. For example, the mode of
operation,bus-matching,anddatarateareselectedatMasterReset. APartial
Reset is provided for each internal FIFO. When a Partial Reset is performed
on a FIFO the read and write pointers of that FIFO are reset to the first memory
location. The flag offset values, timing modes, and initial configurations are
retained.
The Quad/Dual device has the capability of operating its I/O at either 2.5V
LVTTL, 1.5V HSTL or 1.8V eHSTL levels. A Voltage Reference, Vref input
is provided for HSTL and eHSTL interfaces. The type of I/O is selected via the
IOSELpin. Thecoresupplyvoltageofthedevice,VCCisalways2.5V,however
theoutputpinshaveaseparatesupply,VDDQwhichcanbe2.5V,1.8V,or1.5V.
Theinputsofthisdeviceare3.3VtolerantwhenVDDQissetto2.5V. Thedevice
also offers significant power savings, most notably achieved by the presence
of a Power Down input,
PD.
A JTAG test port is provided. The Quad/Dual device has a fully functional
BoundaryScanfeature,compliantwithIEEE1149.1StandardTestAccessPort
and Boundary Scan Architecture.


Similar Part No. - IDT72T54262

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T51233 IDT-IDT72T51233 Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51233L5BB IDT-IDT72T51233L5BB Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51233L5BBI IDT-IDT72T51233L5BBI Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51233L6BB IDT-IDT72T51233L6BB Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51233L6BBI IDT-IDT72T51233L6BBI Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
More results

Similar Description - IDT72T54262

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T4088 IDT-IDT72T4088 Datasheet
497Kb / 52P
   2.5 VOLT HIGH-SPEED TeraSync DDR/SDR FIFO 40-BIT CONFIGURATION
IDT72T3645 IDT-IDT72T3645_09 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285_09 Datasheet
465Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
IDT72T2098 IDT-IDT72T2098 Datasheet
481Kb / 51P
   2.5 VOLT HIGH-SPEED TeraSync??DDR/SDR FIFO 20-BIT/10-BIT CONFIGURATION
IDT72T36135M IDT-IDT72T36135M Datasheet
479Kb / 48P
   2.5V 18M-BIT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS 524,288 x 36
logo
Exar Corporation
XR16C854 EXAR-XR16C854 Datasheet
476Kb / 51P
   QUAD UART WITH RX/TX FIFO COUNTERS,128-BYTE FIFO
logo
Integrated Device Techn...
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
IDT72T18125 IDT-IDT72T18125 Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T1845 IDT-IDT72T1845_09 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com