Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1365C-100AJXI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1365C-100AJXI
Description  9-Mbit (256K x 32) Flow-Through Sync SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1365C-100AJXI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1365C-100AJXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1365C-100AJXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1365C-100AJXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1365C-100AJXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1365C-100AJXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1365C-100AJXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1365C-100AJXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1365C-100AJXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1365C-100AJXI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
CY7C1365C
Document #: 38-05690 Rev. *E
Page 7 of 18
Functional Overview
All synchronous inputs pass through input registers controlled
by the rising edge of the clock. Maximum access delay from
the clock rise (tCDV) is 6.5 ns (133-MHz device).
The CY7C1365C supports secondary cache in systems
utilizing either a linear or interleaved burst sequence. The
interleaved burst order supports Pentium and i486 processors.
The linear burst sequence is suited for processors that utilize
a linear burst sequence. The burst order is user-selectable,
and is determined by sampling the MODE input. Accesses can
be initiated with either the Processor Address Strobe (ADSP)
or
the
Controller
Address
Strobe
(ADSC).
Address
advancement through the burst sequence is controlled by the
ADV input. A two-bit on-chip wraparound burst counter
captures the first address in a burst sequence and automati-
cally increments the address for the rest of the burst access.
Byte write operations are qualified with the Byte Write Enable
(BWE) and Byte Write Select (BW[A:D]) inputs. A Global Write
Enable (GW) overrides all byte write inputs and writes data to
all four bytes. All writes are simplified with on-chip
synchronous self-timed write circuitry.
Three synchronous Chip Selects (CE1, CE2, CE3) and an
asynchronous Output Enable (OE) provide for easy bank
selection and output tri-state control. ADSP is ignored if CE1
is HIGH.
Single Read Accesses
A single read access is initiated when the following conditions
are satisfied at clock rise: (1) CE1, CE2, and CE3 are all
asserted active, and (2) ADSP or ADSC is asserted LOW (if
the access is initiated by ADSC, the write inputs must be
deasserted during this first cycle). The address presented to
the address inputs is latched into the address register and the
burst counter/control logic and presented to the memory core.
If the OE input is asserted LOW, the requested data will be
available at the data outputs a maximum to tCDV after clock
rise. ADSP is ignored if CE1 is HIGH.
Single Write Accesses Initiated by ADSP
This access is initiated when the following conditions are
satisfied at clock rise: (1) CE1, CE2, CE3 are all asserted
active, and (2) ADSP is asserted LOW. The addresses
presented are loaded into the address register and the burst
inputs (GW, BWE, and BW[A:D]) are ignored during this first
clock cycle. If the write inputs are asserted active (see Write
Cycle Descriptions table for appropriate states that indicate a
write) on the next clock rise, the appropriate data will be
latched and written into the device.Byte writes are allowed.
During byte writes, BWA controls DQA and BWB controls
DQB, BWC controls DQC, and BWD controls DQD. All I/Os
are tri-stated during a byte write.Since this is a common I/O
device, the asynchronous OE input signal must be deasserted
and the I/Os must be tri-stated prior to the presentation of data
to DQs. As a safety precaution, the data lines are tri-stated
once a write cycle is detected, regardless of the state of OE.
Single Write Accesses Initiated by ADSC
This write access is initiated when the following conditions are
satisfied at clock rise: (1) CE1, CE2, and CE3 are all asserted
active, (2) ADSC is asserted LOW, (3) ADSP is deasserted
HIGH, and (4) the write input signals (GW, BWE, and BW[A:D])
indicate a write access. ADSC is ignored if ADSP is active
LOW.
The addresses presented are loaded into the address register
and the burst counter/control logic and delivered to the
memory core. The information presented to DQ[D:A] will be
written into the specified address location. Byte writes are
allowed. During byte writes, BWA controls DQA, BWB controls
DQB, BWC controls DQC, and BWD controls DQD. All I/Os
are tri-stated when a write is detected, even a byte write. Since
this is a common I/O device, the asynchronous OE input signal
must be deasserted and the I/Os must be tri-stated prior to the
presentation of data to DQs. As a safety precaution, the data
lines are tri-stated once a write cycle is detected, regardless
of the state of OE.
Burst Sequences
The CY7C1365C provides an on-chip two-bit wraparound
burst counter inside the SRAM. The burst counter is fed by
A[1:0], and can follow either a linear or interleaved burst order.
The burst order is determined by the state of the MODE input.
A LOW on MODE will select a linear burst sequence. A HIGH
on MODE will select an interleaved burst order. Leaving
MODE unconnected will cause the device to default to a inter-
leaved burst sequence.
Sleep Mode
The ZZ input pin is an asynchronous input. Asserting ZZ
places the SRAM in a power conservation “sleep” mode. Two
clock cycles are required to enter into or exit from this “sleep”
mode. While in this mode, data integrity is guaranteed.
Accesses pending when entering the “sleep” mode are not
considered valid nor is the completion of the operation
guaranteed. The device must be deselected prior to entering
the “sleep” mode. CEs, ADSP, and ADSC must remain
inactive for the duration of tZZREC after the ZZ input returns
LOW.
Interleaved Burst Address Table
(MODE = Floating or VDD)
First
Address
A1, A0
Second
Address
A1, A0
Third
Address
A1, A0
Fourth
Address
A1, A0
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00
Linear Burst Address Table (MODE = GND)
First
Address
A1, A0
Second
Address
A1, A0
Third
Address
A1, A0
Fourth
Address
A1, A0
00
01
10
11
01
10
11
00
10
11
00
01
11
00
01
10
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1365C-100AJXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1365CV33 CYPRESS-CY7C1365CV33 Datasheet
567Kb / 21P
   9-Mbit (256 K 횞 32) Flow-Through Sync SRAM
More results

Similar Description - CY7C1365C-100AJXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1364C CYPRESS-CY7C1364C Datasheet
399Kb / 18P
   9-Mbit (256K x 32) Pipelined Sync SRAM
CY7C1325G CYPRESS-CY7C1325G Datasheet
337Kb / 16P
   4-Mbit (256K x 18) Flow-Through Sync SRAM
CY7C1379B CYPRESS-CY7C1379B Datasheet
465Kb / 15P
   9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
CY7C1379C CYPRESS-CY7C1379C Datasheet
348Kb / 15P
   9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
CY7C1368C CYPRESS-CY7C1368C Datasheet
402Kb / 18P
   9-Mbit (256K x 32) Pipelined DCD Sync SRAM
CY7C1338G CYPRESS-CY7C1338G_06 Datasheet
396Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
CY7C1336F CYPRESS-CY7C1336F Datasheet
327Kb / 15P
   2-Mbit (64K x 32) Flow-Through Sync SRAM
CY7C1336H CYPRESS-CY7C1336H Datasheet
675Kb / 15P
   2-Mbit (64K x 32) Flow-Through Sync SRAM
CY7C1338G CYPRESS-CY7C1338G Datasheet
291Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
CY7C1214H CYPRESS-CY7C1214H Datasheet
354Kb / 15P
   1-Mbit (32K x 32) Flow-Through Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com