Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1364C-200AXI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1364C-200AXI
Description  9-Mbit (256K x 32) Pipelined Sync SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1364C-200AXI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1364C-200AXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1364C-200AXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1364C-200AXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1364C-200AXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1364C-200AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1364C-200AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1364C-200AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1364C-200AXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1364C-200AXI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CY7C1364C
Document #: 38-05689 Rev. *E
Page 6 of 18
Burst Sequences
The CY7C1364C provides a two-bit wraparound counter, fed
by A[1:0], that implements either an interleaved or linear burst
sequence. The interleaved burst sequence is designed specif-
ically to support Intel Pentium applications. The linear burst
sequence is designed to support processors that follow a
linear burst sequence. The burst sequence is user selectable
through the MODE input.
Asserting ADV LOW at clock rise will automatically increment
the burst counter to the next address in the burst sequence.
Both Read and Write burst operations are supported.
Sleep Mode
The ZZ input pin is an asynchronous input. Asserting ZZ
places the SRAM in a power conservation “sleep” mode. Two
clock cycles are required to enter into or exit from this “sleep”
mode. While in this mode, data integrity is guaranteed.
Accesses pending when entering the “sleep” mode are not
considered valid nor is the completion of the operation
guaranteed. The device must be deselected prior to entering
the “sleep” mode. CE1, CE2, CE3, ADSP, and ADSC must
remain inactive for the duration of tZZREC after the ZZ input
returns LOW.
Interleaved Burst Address Table
(MODE = Floating or VDD)
First
Address
A[1:0]
Second
Address
A[1:0]
Third
Address
A[1:0]
Fourth
Address
A[1:0]
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00
Linear Burst Address Table (MODE = GND)
First
Address
A[1:0]
Second
Address
A[1:0]
Third
Address
A[1:0]
Fourth
Address
A[1:0]
00
01
10
11
01
10
11
00
10
11
00
01
11
00
01
10
ZZ Mode Electrical Characteristics
Parameter
Description
Test Conditions
Min.
Max.
Unit
IDDZZ
Sleep mode standby current
ZZ > VDD – 0.2V
50
mA
tZZS
Device operation to ZZ
ZZ > VDD – 0.2V
2tCYC
ns
tZZREC
ZZ recovery time
ZZ < 0.2V
2tCYC
ns
tZZI
ZZ Active to Sleep current
This parameter is sampled
2tCYC
ns
tRZZI
ZZ Inactive to exit Sleep current
This parameter is sampled
0
ns
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1364C-200AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1364CV33 CYPRESS-CY7C1364CV33 Datasheet
567Kb / 21P
   9-Mbit (256 K 횞 32) Pipelined Sync SRAM
More results

Similar Description - CY7C1364C-200AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1368C CYPRESS-CY7C1368C Datasheet
402Kb / 18P
   9-Mbit (256K x 32) Pipelined DCD Sync SRAM
CY7C1364B CYPRESS-CY7C1364B Datasheet
335Kb / 16P
   9-Mb (256K x 32) Pipelined Sync SRAM
CY7C1365C CYPRESS-CY7C1365C Datasheet
400Kb / 18P
   9-Mbit (256K x 32) Flow-Through Sync SRAM
CY7C1327G CYPRESS-CY7C1327G Datasheet
340Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1327G CYPRESS-CY7C1327G_06 Datasheet
373Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1366C CYPRESS-CY7C1366C_06 Datasheet
549Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366C CYPRESS-CY7C1366C Datasheet
458Kb / 27P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1378C CYPRESS-CY7C1378C Datasheet
310Kb / 13P
   9-Mbit (256K x 32) Pipelined SRAM with NoBL??Architecture
CY7C1378B CYPRESS-CY7C1378B Datasheet
351Kb / 14P
   9-Mbit (256K x 32) Pipelined SRAM with NoBL Architecture
CY7C1339G CYPRESS-CY7C1339G_06 Datasheet
415Kb / 18P
   4-Mbit (128K x 32) Pipelined Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com