Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1365C-133AJXI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1365C-133AJXI
Description  9-Mbit (256K x 32) Flow-Through Sync SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1365C-133AJXI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1365C-133AJXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1365C-133AJXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1365C-133AJXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1365C-133AJXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1365C-133AJXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1365C-133AJXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1365C-133AJXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1365C-133AJXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1365C-133AJXI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CY7C1365C
Document #: 38-05690 Rev. *E
Page 6 of 18
VDD
15,41,65, 91
Power Supply Power supply inputs to the core of the device.
VSS
17,40,67,90
Ground
Ground for the core of the device.
VDDQ
4,11,20,27,54,61,70,77,
I/O Power
Supply
Power supply for the I/O circuitry.
VSSQ
5,10,21,26,55,60,71,76
I/O Ground
Ground for the I/O circuitry.
MODE
31
Input-
Static
Selects Burst Order. When tied to GND selects linear burst
sequence. When tied to VDD or left floating selects interleaved burst
sequence. This is a strap pin and should remain static during device
operation. Mode Pin has an internal pull-up.
NC
1,30,51,80,14,16,38,39,42,66
43 (for 2 Chip Enable Version)
No Connects. Not Internally connected to the die.
Pin Descriptions (continued)
Name
TQFP
I/O
Description
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1365C-133AJXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1365CV33 CYPRESS-CY7C1365CV33 Datasheet
567Kb / 21P
   9-Mbit (256 K 횞 32) Flow-Through Sync SRAM
More results

Similar Description - CY7C1365C-133AJXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1364C CYPRESS-CY7C1364C Datasheet
399Kb / 18P
   9-Mbit (256K x 32) Pipelined Sync SRAM
CY7C1325G CYPRESS-CY7C1325G Datasheet
337Kb / 16P
   4-Mbit (256K x 18) Flow-Through Sync SRAM
CY7C1379B CYPRESS-CY7C1379B Datasheet
465Kb / 15P
   9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
CY7C1379C CYPRESS-CY7C1379C Datasheet
348Kb / 15P
   9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
CY7C1368C CYPRESS-CY7C1368C Datasheet
402Kb / 18P
   9-Mbit (256K x 32) Pipelined DCD Sync SRAM
CY7C1338G CYPRESS-CY7C1338G_06 Datasheet
396Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
CY7C1336F CYPRESS-CY7C1336F Datasheet
327Kb / 15P
   2-Mbit (64K x 32) Flow-Through Sync SRAM
CY7C1336H CYPRESS-CY7C1336H Datasheet
675Kb / 15P
   2-Mbit (64K x 32) Flow-Through Sync SRAM
CY7C1338G CYPRESS-CY7C1338G Datasheet
291Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
CY7C1214H CYPRESS-CY7C1214H Datasheet
354Kb / 15P
   1-Mbit (32K x 32) Flow-Through Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com