Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1361C-133AJXC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1361C-133AJXC
Description  9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1361C-133AJXC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1361C-133AJXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1361C-133AJXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1361C-133AJXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1361C-133AJXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1361C-133AJXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1361C-133AJXC Datasheet HTML 12Page - Cypress Semiconductor CY7C1361C-133AJXC Datasheet HTML 13Page - Cypress Semiconductor CY7C1361C-133AJXC Datasheet HTML 14Page - Cypress Semiconductor CY7C1361C-133AJXC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
CY7C1361C
CY7C1363C
Document #: 38-05541 Rev. *F
Page 11 of 31
Partial Truth Table for Read/Write[3, 8]
Function (CY7C1361C)
GW
BWE
BWD
BWC
BWB
BWA
Read
H
H
X
X
X
X
Read
H
L
HH
HH
Write Byte (A, DQPA)H
L
H
H
H
L
Write Byte (B, DQPB)H
L
H
H
L
H
Write Bytes (B, A, DQPA, DQPB)H
L
H
H
L
L
Write Byte (C, DQPC)
H
LHLH
H
Write Bytes (C, A, DQPC, DQPA)
H
LHLH
L
Write Bytes (C, B, DQPC, DQPB)H
L
H
L
L
H
Write Bytes (C, B, A, DQPC, DQPB, DQPA)
H
L
H
LLL
Write Byte (D, DQPD)H
L
L
H
H
H
Write Bytes (D, A, DQPD, DQPA)H
L
L
H
H
L
Write Bytes (D, B, DQPD, DQPA)H
L
L
H
L
H
Write Bytes (D, B, A, DQPD, DQPB, DQPA)H
L
L
H
L
L
Write Bytes (D, B, DQPD, DQPB)H
L
L
L
H
H
Write Bytes (D, B, A, DQPD, DQPC, DQPA)H
L
L
L
H
L
Write Bytes (D, C, A, DQPD, DQPB, DQPA)
H
L
LLL
H
Write All Bytes
H
L
LLLL
Write All Bytes
L
X
X
X
X
X
Truth Table for Read/Write[3, 8]
Function (CY7C1363C)
GW
BWE
BWB
BWA
Read
H
H
X
X
Read
H
L
H
H
Write Byte A – (DQA and DQPA)H
L
H
L
Write Byte B – (DQB and DQPB)H
L
L
H
Write All Bytes
H
L
L
L
Write All Bytes
L
X
X
X
Note:
8. Table only lists a partial listing of the byte write combinations. Any Combination of BWX is valid Appropriate write will be done based on which byte write is active.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1361C-133AJXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1361C-133AJXC CYPRESS-CY7C1361C-133AJXC Datasheet
476Kb / 30P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C-133AJXC CYPRESS-CY7C1361C-133AJXC Datasheet
517Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C-133AJXC CYPRESS-CY7C1361C-133AJXC Datasheet
1Mb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C-133AJXC CYPRESS-CY7C1361C-133AJXC Datasheet
1Mb / 34P
   9-Mbit (256 K 횞 36/512 K 횞 18) Flow-Through SRAM
More results

Similar Description - CY7C1361C-133AJXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_09 Datasheet
517Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C_2009 CYPRESS-CY7C1361C_2009 Datasheet
1Mb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1363C CYPRESS-CY7C1363C Datasheet
476Kb / 30P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1360 CYPRESS-CY7C1360 Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C_06 Datasheet
521Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com