Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT82V2048S Datasheet(PDF) 57 Page - Integrated Device Technology

Part # IDT82V2048S
Description  OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT WITH SINGLE ENDED OPTION
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT82V2048S Datasheet(HTML) 57 Page - Integrated Device Technology

Back Button IDT82V2048S Datasheet HTML 53Page - Integrated Device Technology IDT82V2048S Datasheet HTML 54Page - Integrated Device Technology IDT82V2048S Datasheet HTML 55Page - Integrated Device Technology IDT82V2048S Datasheet HTML 56Page - Integrated Device Technology IDT82V2048S Datasheet HTML 57Page - Integrated Device Technology IDT82V2048S Datasheet HTML 58Page - Integrated Device Technology IDT82V2048S Datasheet HTML 59Page - Integrated Device Technology IDT82V2048S Datasheet HTML 60Page - Integrated Device Technology IDT82V2048S Datasheet HTML 61Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 62 page
background image
57
IDT82V2048S OCTAL T1/E1 SHORT HAUL LIU WITH SINGLE ENDED OPTION
INDUSTRIAL TEMPERATURE RANGES
MOTOROLA MODE READ TIMING CHARACTERISTICS
Figure-33 Non-Multiplexed Motorola Mode Read Timing
Figure-34 Multiplexed Motorola Mode Read Timing
Symbol
Parameter
Min
Typ
Max
Unit
Comments
t1
Active DS Pulse Width
90
ns
(1)
1. The t1 is determined by the start time of the valid data when the ACK signal is not used.
t2
Active CS to Active DS Setup Time
0
ns
t3
Inactive DS to Inactive CS Hold Time
0
ns
t4
Valid R/W to Active DS Setup Time
0
ns
t5
Inactive DS to R/W Hold Time
0.5
ns
t6
Valid Address to Active DS Setup Time (in Non-Multiplexed Mode)
5
ns
t7
Active DS to Address Hold Time (in Non-Multiplexed Mode)
10
ns
t8
Active DS to Data Valid Delay Time (in Non-Multiplexed Mode)
20
35
ns
t9
Active DS to Data Output Enable Time
7.5
15
ns
t10
Inactive DS to Data High-Z Delay Time
7.5
15
ns
t11
Active DS to Active ACK Delay Time
30
85
ns
t12
Inactive DS to Inactive ACK Delay Time
10
15
ns
t13
Inactive DS to Invalid INT Delay Time
20
ns
t14
Active AS to Active DS Setup Time (in Multiplexed Mode)
5
ns
INT
ACK
D[7:0]
A[4:0]
ALE(=1)
DS
CS
t1
ADDRESS
DATA OUT
R/W
t2
t3
t4
t5
t6
t8
t10
t11
t12
t13
t7
t9
INT
ACK
AD[7:0]
AS
DS
CS
DATA OUT
ADDRESS
R/W
t1
t2
t3
t4
t5
t6
t7
t8
t11
t10
t12
t13
t14
t9


Similar Part No. - IDT82V2048S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT82V2048S RENESAS-IDT82V2048S Datasheet
671Kb / 63P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT WITH SINGLE ENDED OPTION
November 14, 2012
IDT82V2048SBBG RENESAS-IDT82V2048SBBG Datasheet
671Kb / 63P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT WITH SINGLE ENDED OPTION
November 14, 2012
IDT82V2048SDAG RENESAS-IDT82V2048SDAG Datasheet
671Kb / 63P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT WITH SINGLE ENDED OPTION
November 14, 2012
More results

Similar Description - IDT82V2048S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT82V2048S RENESAS-IDT82V2048S Datasheet
671Kb / 63P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT WITH SINGLE ENDED OPTION
November 14, 2012
IDT82V2048 RENESAS-IDT82V2048 Datasheet
723Kb / 63P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
November 14, 2012
logo
Integrated Device Techn...
IDT82V2048 IDT-IDT82V2048 Datasheet
673Kb / 61P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2048 IDT-IDT82V2048_10 Datasheet
1Mb / 62P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2048E RENESAS-IDT82V2048E Datasheet
2Mb / 77P
   OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
March 2009
logo
Dallas Semiconductor
DS26303 DALLAS-DS26303_07 Datasheet
1,011Kb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
logo
Maxim Integrated Produc...
DS26303 MAXIM-DS26303 Datasheet
1,004Kb / 97P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV 072205
logo
Integrated Device Techn...
IDT82V2058 IDT-IDT82V2058 Datasheet
609Kb / 52P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2058-10 IDT-IDT82V2058-10 Datasheet
1Mb / 53P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2058 RENESAS-IDT82V2058 Datasheet
889Kb / 54P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
January 21, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com