Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT82V2048S Datasheet(PDF) 47 Page - Integrated Device Technology

Part # IDT82V2048S
Description  OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT WITH SINGLE ENDED OPTION
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT82V2048S Datasheet(HTML) 47 Page - Integrated Device Technology

Back Button IDT82V2048S Datasheet HTML 43Page - Integrated Device Technology IDT82V2048S Datasheet HTML 44Page - Integrated Device Technology IDT82V2048S Datasheet HTML 45Page - Integrated Device Technology IDT82V2048S Datasheet HTML 46Page - Integrated Device Technology IDT82V2048S Datasheet HTML 47Page - Integrated Device Technology IDT82V2048S Datasheet HTML 48Page - Integrated Device Technology IDT82V2048S Datasheet HTML 49Page - Integrated Device Technology IDT82V2048S Datasheet HTML 50Page - Integrated Device Technology IDT82V2048S Datasheet HTML 51Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 62 page
background image
47
IDT82V2048S OCTAL T1/E1 SHORT HAUL LIU WITH SINGLE ENDED OPTION
INDUSTRIAL TEMPERATURE RANGES
POWER CONSUMPTION
DC CHARACTERISTICS
Symbol
Parameter
LEN
Min
Typ
Max(1)(2)
1. Maximum power and current consumption over the full operating temperature and power supply voltage range. Includes all channels.
2. Power consumption includes power absorbed by line load and external transmitter components.
Unit
E1, 3.3 V, 75
Ω Load
50% ones density data:
100% ones density data:
000
000
-
-
662
1100
-
1177
mW
mW
E1, 3.3 V, 120
Ω Load
50% ones density data:
100% ones density data:
000
000
-
-
576
930
-
992
mW
mW
E1, 5.0 V, 75
Ω Load
50% ones density data:
100% ones density data:
000
000
-
-
910
1585
-
1690
mW
mW
E1, 5.0 V, 120
Ω Load
50% ones density data:
100% ones density data:
000
000
-
-
785
1315
-
1410
mW
mW
T1, 5.0 V, 100
Ω Load (3)
50% ones density data:
100% ones density data:
101
111
-
-
1185
2395
-
2670
mW
mW
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input Low Level Voltage
MODE2, JAS and LPn pins
VDDIO-0.2
V
All other digital inputs pins
0.8
V
VIM
Input Mid Level Voltage
MODE2, JAS and LPn pins
VDDIO+0.2
VDDIO
VDDIO-0.2
V
VIH
Input High Voltage
MODE2, JAS and LPn pins
VDDIO+ 0.2
V
All other digital inputs pins
2.0
V
VOL
Output Low level Voltage(1) (Iout = 1.6 mA)
1. Output drivers will output CMOS logic levels into CMOS loads.
0.4
V
VOH
Output High level Voltage(1) (Iout = 400
µA)
2.4
VDDIO
V
VMA
Analog Input Quiescent Voltage (RTIPn/RRINGn pin while floating)
1.33
1.4
1.47
V
IH
Input High Level Current (MODE2, JAS and LPn pin)
50
µA
IL
Input Low Level Current (MODE2, JAS and LPn pin)
50
µA
II
Input Leakage Current
TMS, TDI and TRST pins
All other digital input pins
-10
50
10
µA
µA
IZL
High-Z Leakage Current
-10
10
µA
ZOH
Output High-Z on TTIPn pins and TRINGn pins
150
k
1
3
---
1
3
---
1
2
---
2
3
---
2
3
---


Similar Part No. - IDT82V2048S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT82V2048S RENESAS-IDT82V2048S Datasheet
671Kb / 63P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT WITH SINGLE ENDED OPTION
November 14, 2012
IDT82V2048SBBG RENESAS-IDT82V2048SBBG Datasheet
671Kb / 63P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT WITH SINGLE ENDED OPTION
November 14, 2012
IDT82V2048SDAG RENESAS-IDT82V2048SDAG Datasheet
671Kb / 63P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT WITH SINGLE ENDED OPTION
November 14, 2012
More results

Similar Description - IDT82V2048S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT82V2048S RENESAS-IDT82V2048S Datasheet
671Kb / 63P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT WITH SINGLE ENDED OPTION
November 14, 2012
IDT82V2048 RENESAS-IDT82V2048 Datasheet
723Kb / 63P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
November 14, 2012
logo
Integrated Device Techn...
IDT82V2048 IDT-IDT82V2048 Datasheet
673Kb / 61P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2048 IDT-IDT82V2048_10 Datasheet
1Mb / 62P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2048E RENESAS-IDT82V2048E Datasheet
2Mb / 77P
   OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
March 2009
logo
Dallas Semiconductor
DS26303 DALLAS-DS26303_07 Datasheet
1,011Kb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
logo
Maxim Integrated Produc...
DS26303 MAXIM-DS26303 Datasheet
1,004Kb / 97P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV 072205
logo
Integrated Device Techn...
IDT82V2058 IDT-IDT82V2058 Datasheet
609Kb / 52P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2058-10 IDT-IDT82V2058-10 Datasheet
1Mb / 53P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2058 RENESAS-IDT82V2058 Datasheet
889Kb / 54P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
January 21, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com