Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C188L-10PMB Datasheet(PDF) 5 Page - Pyramid Semiconductor Corporation

Part # P4C188L-10PMB
Description  ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C188L-10PMB Datasheet(HTML) 5 Page - Pyramid Semiconductor Corporation

  P4C188L-10PMB Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C188L-10PMB Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C188L-10PMB Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C188L-10PMB Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C188L-10PMB Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C188L-10PMB Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C188L-10PMB Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C188L-10PMB Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C188L-10PMB Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
P4C188/188L
Page 5 of 12
Document # SRAM112 REV A
12. Transition is measured ±200mV from steady state voltage prior to
change with specified loading in Figure 1. This parameter is
sampled and not 100% tested.
Notes:
9. CE and WE must be LOW for WRITE cycle.
10. If CE goes HIGH simultaneously with WE HIGH, the output remains
in a high impedance state.
11. Write Cycle Time is measured from the last valid address to the first
transition address.
TIMING WAVEFORM OF WRITE CYCLE NO. 1 (WE
WE
WE
WE
WE CONTROLLED) (9)
AC CHARACTERISTICS - WRITE CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
Sym.
Parameter
-10
-12
-15
-20
-25
-35
-45
Unit
Min
Min
Min
Min
Min
Min
Min
Max
Max
Max
Max
Max
Max
Max
t
WC
t
CW
t
AW
t
AS
t
WP
t
AH
t
DW
t
DH
t
WZ
t
DW
Write Cycle Time
Chip Enable
Time to
End of Write
Address Valid
to End of Write
Address
Set-up Time
Write Pulse
Width
Address Hold
Time from
End of Write
Data Valid to
End of Write
Data Hold
Time
Write Enable
to Output in
High Z
Output Active
from End
of Write
10
7
7
0
8
0
5
0
2
5
12
8
8
0
9
0
6
0
2
6
13
10
10
0
10
0
7
0
2
6
20
13
15
0
13
0
8
0
2
8
25
15
20
0
15
0
10
0
2
35
25
25
0
25
0
15
0
3
15
45
35
35
0
35
0
20
5
3
20
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
10


Similar Part No. - P4C188L-10PMB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C188 ETC-P4C188 Datasheet
74Kb / 8P
   ULTRA HIGH SPEED 16K x 4 STATIC
More results

Similar Description - P4C188L-10PMB

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C1981 PYRAMID-P4C1981 Datasheet
337Kb / 13P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
logo
List of Unclassifed Man...
P4C1981 ETC1-P4C1981 Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
logo
Pyramid Semiconductor C...
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
   ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
P4C148 PYRAMID-P4C148 Datasheet
281Kb / 10P
   ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
P4C1281 PYRAMID-P4C1281 Datasheet
895Kb / 11P
   ULTRA HIGH SPEED 64K X 4 cmos STATIC RAMS
P4C1681 PYRAMID-P4C1681 Datasheet
194Kb / 10P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C168 ETC1-P4C168 Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C168 PYRAMID-P4C168 Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1681 ETC-P4C1681 Datasheet
59Kb / 6P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com