Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT82V2048LDA Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT82V2048LDA
Description  OCTAL T1/E1 SHORT HAUL ANALOG FRONT END
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT82V2048LDA Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT82V2048LDA Datasheet HTML 4Page - Integrated Device Technology IDT82V2048LDA Datasheet HTML 5Page - Integrated Device Technology IDT82V2048LDA Datasheet HTML 6Page - Integrated Device Technology IDT82V2048LDA Datasheet HTML 7Page - Integrated Device Technology IDT82V2048LDA Datasheet HTML 8Page - Integrated Device Technology IDT82V2048LDA Datasheet HTML 9Page - Integrated Device Technology IDT82V2048LDA Datasheet HTML 10Page - Integrated Device Technology IDT82V2048LDA Datasheet HTML 11Page - Integrated Device Technology IDT82V2048LDA Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
8
IDT82V2048L OCTAL T1/E1 SHORT HAUL ANALOG FRONT END
INDUSTRIAL TEMPERATURE RANGES
SDO/RDY/ACK
O83
K14
SDO: Serial Data Output
In serial host mode, the data is output on this pin. In serial write operation, SDO is always in high imped-
ance. In serial read operation, SDO is in high impedance only when SDI is in address/command byte. Data
on pin SDO is clocked out of the device on the falling edges of SCLK if pin CLKE is high, or on the rising
edges of SCLK if pin CLKE is low.
RDY: Ready Output
In parallel Intel host mode, the high level of this pin reports to the host that bus cycle can be completed,
while low reports the host must insert wait states.
ACK: Acknowledge Output (Active Low)
In parallel Motorola host mode, the low level of this pin indicates that valid information on the data bus is
ready for a read operation or acknowledges the acceptance of the written data during a write operation.
INT
O
Open
Drain
82
K13
INT: Interrupt (Active Low)
This is an open drain, active low interrupt output. Two sources may cause the interrupt. Refer to 2.19 Inter-
rupt Handling for details.
D7/AD7
D6/AD6
D5/AD5
D4/AD4
D3/AD3
D2/AD2
D1/AD1
D0/AD0
I/O
High
Imped-
ance
28
27
26
25
24
23
22
21
K1
J1
J2
J3
J4
H2
H3
G2
Dn: Data Bus 7~0
In non-multiplexed host mode, these pins are the bi-directional data bus.
ADn: Address/Data Bus 7~0
In multiplexed host mode, these pins are the multiplexed bi-directional address/data bus.
In hardware mode, these pins should be tied to VDDIO/2.
In serial host mode, these pins should be grounded.
Table-1 Pin Description (Continued)
Name
Type
Pin No.
Description
TQFP144 PBGA160


Similar Part No. - IDT82V2048LDA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT82V2048L RENESAS-IDT82V2048L Datasheet
753Kb / 49P
   OCTAL T1/E1 SHORT HAUL ANALOG FRONT END
July, 2005
More results

Similar Description - IDT82V2048LDA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT82V2048L RENESAS-IDT82V2048L Datasheet
753Kb / 49P
   OCTAL T1/E1 SHORT HAUL ANALOG FRONT END
July, 2005
logo
Integrated Device Techn...
IDT82P2288 IDT-IDT82P2288_08 Datasheet
2Mb / 362P
   Octal T1/E1/J1 Long Haul / Short Haul Transceiver
IDT82P2288 IDT-IDT82P2288 Datasheet
1Mb / 384P
   Octal T1/E1/J1 Long Haul Short Haul Transceiver
logo
Renesas Technology Corp
IDT82P2288 RENESAS-IDT82P2288 Datasheet
2Mb / 362P
   Octal T1/E1/J1 Long Haul / Short Haul Transceiver
JANUARY 10, 2011
IDT82V2048 RENESAS-IDT82V2048 Datasheet
723Kb / 63P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
November 14, 2012
logo
Integrated Device Techn...
IDT82V2048 IDT-IDT82V2048 Datasheet
673Kb / 61P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2048 IDT-IDT82V2048_10 Datasheet
1Mb / 62P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
logo
PMC-Sierra, Inc
PM4319 PMC-PM4319 Datasheet
57Kb / 2P
   OCTAL T1/E1/J1 Short Haul Line Interface Device
logo
Integrated Device Techn...
IDT82V2088 IDT-IDT82V2088 Datasheet
1Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2088 IDT-IDT82V2088_08 Datasheet
2Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com