Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT49FCT3805BSOI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT49FCT3805BSOI
Description  3.3V CMOS BUFFER/CLOCK DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT49FCT3805BSOI Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT49FCT3805BSOI Datasheet HTML 1Page - Integrated Device Technology IDT49FCT3805BSOI Datasheet HTML 2Page - Integrated Device Technology IDT49FCT3805BSOI Datasheet HTML 3Page - Integrated Device Technology IDT49FCT3805BSOI Datasheet HTML 4Page - Integrated Device Technology IDT49FCT3805BSOI Datasheet HTML 5Page - Integrated Device Technology IDT49FCT3805BSOI Datasheet HTML 6Page - Integrated Device Technology IDT49FCT3805BSOI Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
IDT49FCT3805B
3.3VCMOSBUFFER/CLOCKDRIVER
COMMERCIALANDINDUSTRIALTEMPERATURERANGE
JUNE 2005
2005 Integrated Device Technology, Inc.
DSC 6879/-
c
IDT49FCT3805B
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGE
3.3V CMOS
BUFFER/CLOCK DRIVER
DESCRIPTION:
The FCT3805B is a 3.3 volt, non-inverting clock driver built using
advanced dual metal CMOS technology. The device consists of two banks
of drivers, each with a 1:5 fanout and its own output enable control. The
device has a "heartbeat" monitor for diagnostics and PLL driving. The
MON output is identical to all other outputs and complies with the output
specifications in this document. The FCT3805B offers low capacitance
inputs with hysteresis.
The FCT3805B is designed for high speed clock distribution where
signal quality and skew are critical. The FCT3805B also allows single
point-to-point transmission line driving in applications such as address
distribution, where one signal must be distributed to multiple recievers with
low skew and high signal quality.
For more information on using the FCT3805B with two different input
frequencies on bank A and B, please see AN-236.
FUNCTIONAL BLOCK DIAGRAM
5
OA1 - OA5
OB1 - OB5
OEA
INA
OEB
INB
MON
5
PIN CONFIGURATION
OA1
OA3
OA4
GNDQ
INA
VCCA
OA2
GNDA
OA5
OEA
1
2
3
4
5
6
7
8
9
OB3
OB4
MON
INB
VCCB
OB1
OB2
GNDB
OB5
OEB
11
12
13
14
15
16
17
18
19
20
10
SOIC/ SSOP/ QSOP
TOP VIEW
FEATURES:
• 0.5 MICRON CMOS Technology
• Guaranteed low skew < 500ps (max.)
• Very low duty cycle distortion < 1.0ns (max.)
• Very low CMOS power levels
• TTL compatible inputs and outputs
• Inputs can be driven from 3.3V or 5V components
• Two independent output banks with 3-state control
• 1:5 fanout per bank
• "Heartbeat" monitor output
•VCC = 3.3V ± 0.3V
• Available in SSOP, SOIC, and QSOP packages
The IDT logo is a registered trademark of Integrated Device Technology, Inc.


Similar Part No. - IDT49FCT3805BSOI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT49FCT3805B RENESAS-IDT49FCT3805B Datasheet
229Kb / 8P
   3.3V CMOS BUFFER/CLOCK DRIVER
MAY 2010
More results

Similar Description - IDT49FCT3805BSOI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
49FCT3805BQG8 IDT-49FCT3805BQG8 Datasheet
73Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805 IDT-IDT49FCT3805 Datasheet
62Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P3805AH ALSC-ASM2P3805AH Datasheet
534Kb / 13P
   3.3V CMOS Buffer Clock Driver
logo
PulseCore Semiconductor
PCS2P3805A PULSECORE-PCS2P3805A Datasheet
237Kb / 12P
   3.3V CMOS Buffer Clock Driver
logo
Renesas Technology Corp
IDT49FCT3805B RENESAS-IDT49FCT3805B Datasheet
229Kb / 8P
   3.3V CMOS BUFFER/CLOCK DRIVER
MAY 2010
logo
Pericom Semiconductor C...
PI49FCT3804 PERICOM-PI49FCT3804 Datasheet
170Kb / 7P
   3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3805 PERICOM-PI49FCT3805 Datasheet
431Kb / 9P
   3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3805 PERICOM-PI49FCT3805_10 Datasheet
514Kb / 9P
   3.3V Fast CMOS Buffer/Clock Driver
logo
Diodes Incorporated
PI49FCT3805 DIODES-PI49FCT3805_V01 Datasheet
1Mb / 12P
   3.3V Fast CMOS Buffer/Clock Driver
logo
Integrated Device Techn...
QS532805 IDT-QS532805 Datasheet
97Kb / 6P
   GUARANTEED LOW SKEW 3.3V CMOS CLOCK DRIVER/BUFFER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com