Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT79RC64V474-200DP Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT79RC64V474-200DP
Description  RISControllerTM Embedded 64-bit Microprocessor, based on
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT79RC64V474-200DP Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT79RC64V474-200DP Datasheet HTML 1Page - Integrated Device Technology IDT79RC64V474-200DP Datasheet HTML 2Page - Integrated Device Technology IDT79RC64V474-200DP Datasheet HTML 3Page - Integrated Device Technology IDT79RC64V474-200DP Datasheet HTML 4Page - Integrated Device Technology IDT79RC64V474-200DP Datasheet HTML 5Page - Integrated Device Technology IDT79RC64V474-200DP Datasheet HTML 6Page - Integrated Device Technology IDT79RC64V474-200DP Datasheet HTML 7Page - Integrated Device Technology IDT79RC64V474-200DP Datasheet HTML 8Page - Integrated Device Technology IDT79RC64V474-200DP Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5 of 25
April 10, 2001
RC64474™ RC64475™
Serial
Bit
Description
Value & Mode Setting
255:18
Reserved
Must be 0
17:15
WAdrWData_Del
Write address to write data delay in Master-
Clock cycles.®
000
→ 0 cycles
001
→ 1 cycle
010
→ 2 cycles
011
→ 3 cycles
100
→ 4 cycles
101
→ 5 cycles
110
→ 6 cycles
111
→ 7 cycles
14:13
Drv_Out
output driver slew rate control. Bit 14 is MSB.
Affects only non-clock outputs.
Output driver strength:
10
→ 100% strength (fastest)
11
→ 83% strength
00
→ 67% strength
01
→ 50% strength (slowest)
12
System interface bus width
0
→ 64-bit system interface
1
→ 32-bit system interface
11
TmrIntEn
Disables the timer interrupt on Int*[5]
0
→ Enabled Timer Interrupt
1
→ Disabled Timer Interrupt
10:9
Non-block write
Selects non-block write type. Bit 10 is MSB.
00
→ RC4x00 compatible
01
→ Reserved
10
→ Pipelined writes
11
→ Write re-issue
7:5
Clock
Multiplier
MasterClock is multiplied internally to gener-
ate PClock
Clock multiplier:
0 Multiply by 2
1 Multiply by 3
2 Multiply by 4
3 Multiply by 5
4 Multiply by 6
5 Multiply by 7
6 Multiply by 8
7 Reserved
8EndBit
Specifies byte ordering
0
→ Little endian
1
→ Big endian
4:1
Writeback data rate
System interface data rate for block writes
only: bit 4 is MSB
64-bit:
9:15 Reserved
8
→ dxxxdxxxdxxxdxxx
7
→ ddxxxxxxddxxxxxx
6
→ dxxdxxdxxdxx
5
→ ddxxxxddxxxx
4
→ ddxxxddxxx
3
→ dxdxdxdx
2
→ ddxxddxx
1
→ ddxddx
0
→ dddd
32-bit:
9:15 Reserved
8
→ wxxxwxxxwxxxwxxxwxxxwxxxwxxxwxxx
7
→ wwxxxxxxwwxxxxxxwwxxxxxxwwxxxxxx
6
→ wxxwxxwxxwxxwxxwxxwxxwxx
5
→ wwxxxxwwxxxxwwxxxxwwxxxx
4
→ wwxxxwwxxxwwxxxwwxxx
3
→ wxwxwxwxwxwxwxwx
2
→ wwxxwwxxwwxxwwxx
1
→ wwxwwxwwxwwx
0
→Æ wwwwwwww
0
Reserved
Must be zero
Table 3 Boot-time Mode Stream


Similar Part No. - IDT79RC64V474-200DP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT79RC64T574 RENESAS-IDT79RC64T574 Datasheet
767Kb / 29P
   Advanced 64-bit Microprocessors Product Family
December 14, 2001
logo
Integrated Device Techn...
IDT79RC64T574-200DP IDT-IDT79RC64T574-200DP Datasheet
571Kb / 28P
   Advanced 64-bit Microprocessors Product Family
IDT79RC64T574-200DPI IDT-IDT79RC64T574-200DPI Datasheet
571Kb / 28P
   Advanced 64-bit Microprocessors Product Family
IDT79RC64T574-200DZ IDT-IDT79RC64T574-200DZ Datasheet
571Kb / 28P
   Advanced 64-bit Microprocessors Product Family
IDT79RC64T574-200DZI IDT-IDT79RC64T574-200DZI Datasheet
571Kb / 28P
   Advanced 64-bit Microprocessors Product Family
More results

Similar Description - IDT79RC64V474-200DP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RC64474 RENESAS-RC64474 Datasheet
976Kb / 26P
   RISControllerTM Embedded 64-bit Microprocessor, based on RISCore4000TM
April 10, 2001
79RC32364 RENESAS-79RC32364 Datasheet
526Kb / 22P
   RISControllerTM Embedded 32-bit Microprocessor, based on RISCore32300
June 20, 2000
logo
Integrated Device Techn...
79RC32364 IDT-79RC32364 Datasheet
481Kb / 21P
   RISController Embedded 32-bit Microprocessor, based on RISCore32300
logo
STMicroelectronics
STLS2E02 STMICROELECTRONICS-STLS2E02 Datasheet
113Kb / 5P
   Loongson 2E: 700MHz 64-bit superscalar MIPS짰 based microprocessor
logo
ATMEL Corporation
SAM9G25 ATMEL-SAM9G25_14 Datasheet
3Mb / 1167P
   Atmel | SMART ARM-based Embedded Microprocessor
logo
Intel Corporation
80960JD INTEL-80960JD Datasheet
2Mb / 61P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960KA INTEL-A80960KA Datasheet
2Mb / 41P
   EMBEDDED 32-BIT MICROPROCESSOR
80960JA INTEL-80960JA Datasheet
1Mb / 63P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960JF-33 INTEL-A80960JF-33 Datasheet
1Mb / 78P
   EMBEDDED 32-BIT MICROPROCESSOR
80960KA INTEL-80960KA Datasheet
861Kb / 43P
   EMBEDDED 32-BIT MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com