Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1353G-133AXI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1353G-133AXI
Description  4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1353G-133AXI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1353G-133AXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1353G-133AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1353G-133AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1353G-133AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1353G-133AXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1353G-133AXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1353G-133AXI Datasheet HTML 11Page - Cypress Semiconductor CY7C1353G-133AXI Datasheet HTML 12Page - Cypress Semiconductor CY7C1353G-133AXI Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
CY7C1353G
Document #: 38-05515 Rev. *E
Page 10 of 13
Switching Waveforms
Read/Write Waveforms[19, 20, 21]
Notes:
19.For this waveform ZZ is tied low.
20.When CE is LOW, CE1 is LOW, CE2 is HIGH and CE3 is LOW. When CE is HIGH, CE1 is HIGH or CE2 is LOW or CE3 is HIGH.
21.Order of the Burst sequence is determined by the status of the MODE (0= Linear, 1= Interleaved). Burst operations are optional.
WRITE
D(A1)
123
456789
CLK
tCYC
tCL
tCH
10
CE
tCEH
tCES
WE
CEN
tCENH
tCENS
BW[A:B]
ADV/LD
tAH
tAS
ADDRESS
A1
A2
A3
A4
A5
A6
A7
tDH
tDS
DQ
COMMAND
tCLZ
D(A1)
D(A2)
Q(A4)
Q(A3)
D(A2+1)
tDOH
tCHZ
tCDV
WRITE
D(A2)
BURST
WRITE
D(A2+1)
READ
Q(A3)
READ
Q(A4)
BURST
READ
Q(A4+1)
WRITE
D(A5)
READ
Q(A6)
WRITE
D(A7)
DESELECT
OE
tOEV
tOELZ
tOEHZ
DON’T CARE
UNDEFINED
D(A5)
tDOH
Q(A4+1)
D(A7)
Q(A6)


Similar Part No. - CY7C1353G-133AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1353G-133AXI CYPRESS-CY7C1353G-133AXI Datasheet
229Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
More results

Similar Description - CY7C1353G-133AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1353G CYPRESS-CY7C1353G Datasheet
229Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1353F CYPRESS-CY7C1353F Datasheet
324Kb / 13P
   4-Mb (256K x 18) Flow-through SRAM with NoBL Architecture
CY7C1379B CYPRESS-CY7C1379B Datasheet
465Kb / 15P
   9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1379C CYPRESS-CY7C1379C Datasheet
348Kb / 15P
   9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
CY7C1352G CYPRESS-CY7C1352G_06 Datasheet
330Kb / 12P
   4-Mbit (256K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1353G CYPRESS-CY7C1353G_13 Datasheet
552Kb / 19P
   4-Mbit (256 K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1231F CYPRESS-CY7C1231F_05 Datasheet
209Kb / 12P
   2-Mbit (128K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1231H CYPRESS-CY7C1231H Datasheet
534Kb / 12P
   2-Mbit (128K x 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com