Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT79RC64T574-250DZ Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT79RC64T574-250DZ
Description  Advanced 64-bit Microprocessors Product Family
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT79RC64T574-250DZ Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT79RC64T574-250DZ Datasheet HTML 6Page - Integrated Device Technology IDT79RC64T574-250DZ Datasheet HTML 7Page - Integrated Device Technology IDT79RC64T574-250DZ Datasheet HTML 8Page - Integrated Device Technology IDT79RC64T574-250DZ Datasheet HTML 9Page - Integrated Device Technology IDT79RC64T574-250DZ Datasheet HTML 10Page - Integrated Device Technology IDT79RC64T574-250DZ Datasheet HTML 11Page - Integrated Device Technology IDT79RC64T574-250DZ Datasheet HTML 12Page - Integrated Device Technology IDT79RC64T574-250DZ Datasheet HTML 13Page - Integrated Device Technology IDT79RC64T574-250DZ Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10 of 28
December 14, 2001
79RC64574™ 79RC64575™
RC64575 208-pin QFP Package Pin-out
Pin names followed by an asterisk (*) are active when low. For maximum flexibility and compatibility with future designs, N.C. pins should be left
floating.
Pin
Function
Pin
Function
Pin
Function
Pin
Function
1
N.C.
53
JTAG32*
105
N.C.
157
N.C.
2
N.C.
54
N.C.
106
N.C.
158
N.C.
3
N.C.
55
N.C.
107
N.C.
159
SysAD59
4
N.C.
56
N.C.
108
N.C.
160
ColdReset*
5
N.C.
57
SysCmd2
109
N.C.
161
SysAD28
6
N.C.
58
SysAD36
110
N.C.
162
Vcc
7
N.C.
59
SysAD4
111
N.C.
163
Vss
8
N.C.
60
SysCmd1
112
N.C.
164
SysAD60
9N.C.
61
Vss
113
N.C.
165
Reset*
10
SysAD11
62
Vcc
114
SysAD52
166
SysAD29
11
Vss
63
SysAD35
115
ExtRqst*
167
SysAD61
12
Vcc
64
SysAD3
116
Vcc
168
SysAD30
13
SysCmd8
65
SysCmd0
117
Vss
169
Vcc
14
SysAD42
66
SysAD34
118
SysAD21
170
Vss
15
SysAD10
67
Vss
119
SysAD53
171
SysAD62
16
SysCmd7
68
Vcc
120
RdRdy*
172
SysAD31
17
Vss
69
SysAD2
121
Modein
173
SysAD63
18
Vcc
70
Int5*
122
SysAD22
174
Vcc
19
SysAD41
71
SysAD33
123
SysAD54
175
Vss
20
SysAD9
72
SysAD1
124
Vcc
176
VccOK
21
SysCmd6
73
Vss
125
Vss
177
SysADC3
22
SysAD40
74
Vcc
126
Release*
178
SysADC7
23
Vss
75
Int4*
127
SysAD23
179
N.C.
24
Vcc
76
SysAD32
128
SysAD55
180
TDI
25
SysAD8
77
SysAD0
129
NMI*
181
TRst*
26
SysCmd5
78
Int3*
130
Vcc
182
TCK
27
SysADC4
79
Vss
131
Vss
183
TMS
28
SysADC0
80
Vcc
132
SysADC2
184
TDO
29
Vss
81
Int2*
133
SysADC6
185
VccP
30
Vcc
82
SysAD16
134
SysAD24
186
VssP
31
SysCmd4
83
SysAD48
135
Vcc
187
SysClock
32
SysAD39
84
Int1*
136
Vss
188
Vcc
33
SysAD7
85
Vss
137
SysAD56
189
Vss
Table 6 RC64575 208-pin QFP Package Pin-Out (Page 1 of 2)


Similar Part No. - IDT79RC64T574-250DZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT79RC64T574 RENESAS-IDT79RC64T574 Datasheet
767Kb / 29P
   Advanced 64-bit Microprocessors Product Family
December 14, 2001
More results

Similar Description - IDT79RC64T574-250DZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
79RC64574 RENESAS-79RC64574 Datasheet
767Kb / 29P
   Advanced 64-bit Microprocessors Product Family
December 14, 2001
logo
NXP Semiconductors
MC9328MX21S NXP-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
Rev. 1.3, 06/2008
logo
Freescale Semiconductor...
MC9328MX21 FREESCALE-MC9328MX21_06 Datasheet
1Mb / 98P
   i.MX family of microprocessors
MC9328MX21S FREESCALE-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
logo
Motorola, Inc
MC9328MX21 MOTOROLA-MC9328MX21 Datasheet
1Mb / 106P
   i.MX family of microprocessors
logo
Freescale Semiconductor...
MC9328MX21 FREESCALE-MC9328MX21_09 Datasheet
2Mb / 100P
   i.MX family of microprocessors
logo
PMC-Sierra, Inc
RM7935 PMC-RM7935 Datasheet
668Kb / 2P
   64-bit Microprocessors with Integrated L2 Cache and EJTAG
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S_08 Datasheet
1Mb / 88P
   i.MX family of microprocessors 266 MHz
MC9328MX21 FREESCALE-MC9328MX21_10 Datasheet
1Mb / 100P
   266 MHz i.MX family of microprocessors
logo
Intel Corporation
8085AH INTEL-8085AH Datasheet
664Kb / 20P
   8 BIT HMOS MICROPROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com