Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT79RC64T574-250DZ Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT79RC64T574-250DZ
Description  Advanced 64-bit Microprocessors Product Family
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT79RC64T574-250DZ Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT79RC64T574-250DZ Datasheet HTML 1Page - Integrated Device Technology IDT79RC64T574-250DZ Datasheet HTML 2Page - Integrated Device Technology IDT79RC64T574-250DZ Datasheet HTML 3Page - Integrated Device Technology IDT79RC64T574-250DZ Datasheet HTML 4Page - Integrated Device Technology IDT79RC64T574-250DZ Datasheet HTML 5Page - Integrated Device Technology IDT79RC64T574-250DZ Datasheet HTML 6Page - Integrated Device Technology IDT79RC64T574-250DZ Datasheet HTML 7Page - Integrated Device Technology IDT79RC64T574-250DZ Datasheet HTML 8Page - Integrated Device Technology IDT79RC64T574-250DZ Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4 of 28
December 14, 2001
79RC64574™ 79RC64575™
ferring data between the processor and memory at a peak rate of
1000MB/sec. A boot-time selectable option to run the system interface
as 32-bits wide—using basically the same protocols as the 64-bit
system—is also supported.
A boot-time mode control interface initializes fundamental
processor modes and is a serial interface that operates at a very low
frequency (SysClock divided by 256). This low-frequency operation
allows the initialization information to be kept in a low-cost EPROM;
alternatively, the twenty-or-so bits could be generated by the system
interface ASIC or a simple PAL. The boot-time serial stream is shown in
Table 3.
Serial
Bit Description
Value & Mode Setting
0
Reserved
Must be set to 0.
1:4
Transmit-data-
pattern.
Bit 4 is MSB
64-bit bus width:
0: DDDD
1: DDxDDx
2: DDxxDDxx
3: DxDxDxDx
4: DDxxxDDxxx
5: DDxxxxDDxxxx
6: DxxDxxDxxDxx
7: DDxxxxxxDDxxxxxx
8: DxxxDxxxDxxxDxxx
9-15: Reserved. Must not be selected.
32-bit bus width:
0: WWWWWWWW
1: WWxWWxWWxWWx
2: WWxxWWxxWWxxWWxx
3: WxWxWxWxWxWxWxWx
4: WWxxxWWxxxWWxxxWWxxx
5: WWxxxxWWxxxxWWxxxxWWxxxx
6: WxxWxxWxxWxxWxxWxxWxxWxx
7: WWxxxxxxWWxxxxxxWWxxxxxxWWxxxxxx
8: WxxxWxxxWxxxWxxxWxxxWxxxWxxxWxxx
9-15: Reserved. Must not be selected.
5:7
PClock-to-
SysClk-Ratio.
Bit 7 is MSB
0: 2
1: 3
2: 4
3: 5
4: 6
5: 7
6: 8
7: Reserved
8
Endianness
0: Little endian
1: Big endian
9:10
Non-block write
Mode. Bit 10 is
MSB
00: R4400 compatible
01: Reserved
10: Pipelined-Write-Mode
11: Write-Reissue-Mode
Table 3 Boot-time Mode Stream (Page 1 of 2)
The clocking interface allows the CPU to be easily mated with
external reference clocks. The CPU input clock is the bus reference
clock and can be between 33 and 125MHz. An on-chip phase-locked-
loop (PLL) generates the pipeline clock (PClock) through multiplication
of the system interface clock by values of 2,3,4,5,6,7 or 8, as defined at
system reset. This allows the pipeline clock to be implemented at a
significantly higher frequency than the system interface clock. The
RC64574/575 support both single data (one byte through full CPU bus
width) and 8-word block transfers on the SysAD bus.
The RC64574/575 implement additional write protocols that
double the effective write bandwidth. The write re-issue has a repeat
rate of 2 cycles per write. Pipelined writes have the same 2-cycle per
write repeat rate, but can issue an additional write after WrRdy* de-
asserts.
11
TimerIntEn
Timer interrupt settings:
0: Enable Timer Interrupt on Int(5)
1: Disable Timer Interrupt on Int(5)
12
System Interface
Bus Width.
Interface bus width control settings:
0: 64-bit system interface
1: 32-bit system interface
13:14
Drv_Out
Bit 14 is MSB
Slew rate control of the output drivers:
10: 100% strength (fastest)
11: 83% strength
00: 67% strength
01: 50% strength (slowest)
15:17
Write address to
write data delay.
From 0 to 7 SysClk cycles:
0: AD...
1: AxD...
2: AxxD...
3: AxxxD...
4: AxxxxD...
5: AxxxxxD...
6: AxxxxxxD...
7: AxxxxxxxD...
18
Reserved
User must select ‘0’
19
Extend
Multiplication
Repeat Rate.
Initial setting of the “Fast Multiply” bit.
0: Enable Fast Multiply
1: Do not Enable Fast Multiply
Note: For pipeline speeds >250MHz, this bit must
be set to ‘1’.
20:24
Reserved
User must select ‘0’
25:26
System
configuration
identifier.
Software visible in processorConfig[21:20]
0: Config[21:20] = Mode Bit [25:26]
Must be set to 0.
27:256
Reserved
User must select ‘0’
Serial
Bit Description
Value & Mode Setting
Table 3 Boot-time Mode Stream (Page 2 of 2)


Similar Part No. - IDT79RC64T574-250DZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT79RC64T574 RENESAS-IDT79RC64T574 Datasheet
767Kb / 29P
   Advanced 64-bit Microprocessors Product Family
December 14, 2001
More results

Similar Description - IDT79RC64T574-250DZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
79RC64574 RENESAS-79RC64574 Datasheet
767Kb / 29P
   Advanced 64-bit Microprocessors Product Family
December 14, 2001
logo
NXP Semiconductors
MC9328MX21S NXP-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
Rev. 1.3, 06/2008
logo
Freescale Semiconductor...
MC9328MX21 FREESCALE-MC9328MX21_06 Datasheet
1Mb / 98P
   i.MX family of microprocessors
MC9328MX21S FREESCALE-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
logo
Motorola, Inc
MC9328MX21 MOTOROLA-MC9328MX21 Datasheet
1Mb / 106P
   i.MX family of microprocessors
logo
Freescale Semiconductor...
MC9328MX21 FREESCALE-MC9328MX21_09 Datasheet
2Mb / 100P
   i.MX family of microprocessors
logo
PMC-Sierra, Inc
RM7935 PMC-RM7935 Datasheet
668Kb / 2P
   64-bit Microprocessors with Integrated L2 Cache and EJTAG
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S_08 Datasheet
1Mb / 88P
   i.MX family of microprocessors 266 MHz
MC9328MX21 FREESCALE-MC9328MX21_10 Datasheet
1Mb / 100P
   266 MHz i.MX family of microprocessors
logo
Intel Corporation
8085AH INTEL-8085AH Datasheet
664Kb / 20P
   8 BIT HMOS MICROPROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com