Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2393PW Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2393PW
Description  FULL-FEATURED-48-V HOTSWAP POWER MANAGER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2393PW Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS2393PW Datasheet HTML 11Page - Texas Instruments TPS2393PW Datasheet HTML 12Page - Texas Instruments TPS2393PW Datasheet HTML 13Page - Texas Instruments TPS2393PW Datasheet HTML 14Page - Texas Instruments TPS2393PW Datasheet HTML 15Page - Texas Instruments TPS2393PW Datasheet HTML 16Page - Texas Instruments TPS2393PW Datasheet HTML 17Page - Texas Instruments TPS2393PW Datasheet HTML 18Page - Texas Instruments TPS2393PW Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
TPS2392
TPS2393
SLUS536C − AUGUST 2002 − REVISED AUGUST 2004
www.ti.com
15
DETAILED DESCRIPTION
+
+
H=CLOSED
+
L=CLOSED
SQ
Q
R
+
+
+
LCA
+
H=CLOSED
+
SQ
Q
R
12
13
1.35V
5V
FLT
EN_A
VLIM
4
9
10
6
8
1.4V
5
14
1
3
2
7
100 mV
VLIM
EN_A
11
IRAMP
RAMP
GENERATOR
FAULT
TIMER
OVERLOAD
OVERCURRENT
DRAINSNS
FLTTIME
ISENS
GATE
INSA
UVLO
OVLO
EN
−VIN
INSB
S
R
FT
ON
EN
OC
OL
RTN
+
OLC
FLT
UDG−02116
PG
FAULT
10
µA
10
µA
10
µA
10
µA
10
µA
10
µA
Figure 24. Block Diagram of PW Package
Under normal load and input supply conditions, this controlled current charges the module’s input bulk capacitance
up to the input dc voltage level. At this point, the load demand drops off, and the voltage at ISENS decreases. The
LCA now drives the GATE output to its supply rail. The 14-V typical output level ensures sufficient overdrive to fully
enhance the external FET, while not exceeding the typical 20-V VGS rating of common N-channel power MOSFETs.


Similar Part No. - TPS2393PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2393PW TI-TPS2393PW Datasheet
373Kb / 31P
[Old version datasheet]   FULL-FEATURED -48-V HOT SWAP POWER MANAGER
TPS2393PWR TI-TPS2393PWR Datasheet
373Kb / 31P
[Old version datasheet]   FULL-FEATURED -48-V HOT SWAP POWER MANAGER
More results

Similar Description - TPS2393PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2393 TI-TPS2393 Datasheet
373Kb / 31P
[Old version datasheet]   FULL-FEATURED -48-V HOT SWAP POWER MANAGER
logo
Microchip Technology
PIC16F19155 MICROCHIP-PIC16F19155 Datasheet
11Mb / 754P
   Full-Featured 28/40/44/48-Pin Microcontrollers
05/14/19
PIC16F15356 MICROCHIP-PIC16F15356 Datasheet
8Mb / 605P
   Full-Featured 28/40/44/48-Pin Microcontrollers
10/25/17
logo
Analog Devices
EVAL-AD7405FMCZ AD-EVAL-AD7405FMCZ Datasheet
1Mb / 20P
   Full featured evaluation board
logo
Texas Instruments
ADS7861 TI1-ADS7861 Datasheet
1Mb / 9P
[Old version datasheet]   Full-featured evaluation board
logo
Analog Devices
UG-515 AD-UG-515 Datasheet
2Mb / 28P
   Full-featured evaluation board
logo
Texas Instruments
TPS2350 TI-TPS2350 Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
logo
Analog Devices
UG-459 AD-UG-459 Datasheet
787Kb / 12P
   Full-featured evaluation board
UG-572 AD-UG-572 Datasheet
1Mb / 20P
   Full featured evaluation board
logo
SELEC Controls Pvt. Ltd
PR502 SELEC-PR502 Datasheet
1Mb / 2P
   Full Featured Profile Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com