Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72T36135M Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT72T36135M
Description  2.5V 18M-BIT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS 524,288 x 36
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72T36135M Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT72T36135M Datasheet HTML 1Page - Integrated Device Technology IDT72T36135M Datasheet HTML 2Page - Integrated Device Technology IDT72T36135M Datasheet HTML 3Page - Integrated Device Technology IDT72T36135M Datasheet HTML 4Page - Integrated Device Technology IDT72T36135M Datasheet HTML 5Page - Integrated Device Technology IDT72T36135M Datasheet HTML 6Page - Integrated Device Technology IDT72T36135M Datasheet HTML 7Page - Integrated Device Technology IDT72T36135M Datasheet HTML 8Page - Integrated Device Technology IDT72T36135M Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72T36135M 2.5V 18M-BIT TeraSync
 36-BIT FIFO
524,288 x 36
3
MAY 29, 2006
DESCRIPTION:
The IDT72T36135M is an exceptionally deep, extrememly high speed,
CMOS First-In-First-Out (FIFO) memoriy with clocked read and write controls
and a wide extended x36 bus to allow ample data flow. These FIFOs offer
several key user benefits:
High density offering of 18 Mbit
200MHz R/W Clocks supporting 7.2Gbps of data throughput
User selectable MARK location for retransmit
User selectable I/O structure for HSTL or LVTTL
Asynchronous/Synchronous translation on the read or write ports
Thefirstworddatalatencyperiod,fromthetimethefirstwordiswritten
to an empty FIFO to the time it can be read, is fixed and short.
TeraSync FIFOs are particularly appropriate for network, video, telecom-
munications, data communications and other applications that need to buffer
large amounts of data at very high performance.
Theinput portcanbeselectedaseitheraSynchronous(clocked)interface,
or Asynchronous interface. During Synchronous operation the input port is
controlledbyaWriteClock(WCLK)inputandaWriteEnable(
WEN)input. Data
present on the Dn data inputs is written into the FIFO on every rising edge of
WCLK when
WEN is asserted. During Asynchronous operation only the WR
input is used to write data into the FIFO. Data is written on a rising edge of WR,
the
WEN input should be tied to its active state, (LOW).
The input port can be selected for either 2.5V LVTTL or HSTL operation,
thisoperationisselectedbythestateoftheWHSTLinputduringamasterreset.
A Write Chip Select input (
WCS) is provided for use when the write port is in
both LVTTL and HSTL modes. During operation the
WCS input can be used
to disable write port inputs (data only).
TheoutputportcanbeselectedaseitheraSynchronous(clocked)interface,
or Asynchronous interface. During Synchronous operation the output port is
controlled by a Read Clock (RCLK) input and Read Enable (
REN)input. Data
is read from the FIFO on every rising edge of RCLK when
REN is asserted.
During Asynchronous operation only the RD input is used to read data from the
FIFO. Data is read on a rising edge of RD, the
REN input should be tied to its
activestate,LOW.WhenAsynchronousoperationisselectedontheoutputport
the FIFO must be configured for Standard IDT mode, also the
RCSshouldbe
tiedLOWandthe
OEinputusedtoprovidethree-statecontroloftheoutputs,Qn.
The output port can be selected for either 2.5V LVTTL or HSTL operation,
thisoperationisselectedbythestateoftheRHSTLinputduringamasterreset.
AnOutputEnable(
OE)inputisprovidedforthree-statecontroloftheoutputs.
AReadChipSelect(
RCS)inputisalsoprovided,theRCSinputissynchronized
to the read clock, and also provides three-state control of the Qn data outputs.
When
RCS is disabled, the data outputs will be high impedance. During
Asynchronousoperationoftheoutputport,
RCSshouldbeenabled,heldLOW.
The frequencies of both the RCLK and the WCLK signals may vary from 0
tofMAXwithcompleteindependence. Therearenorestrictionsonthefrequency
of the one clock input with respect to the other.
There are two possible timing modes of operation with these devices: IDT
Standard mode and First Word Fall Through (FWFT) mode.
InIDTStandardmode,thefirstwordwrittentoanemptyFIFOwillnotappear
on the data output lines unless a specific read operation is performed. A read
operation, which consists of activating
RENandenablingarisingRCLKedge,
will shift the word from internal memory to the data output lines.
In FWFT mode, the first word written to an empty FIFO is clocked directly
to the data output lines after three transitions of the RCLK signal. A
RENdoes
not have to be asserted for accessing the first word. However, subsequent
words written to the FIFO do require a LOW on
REN for access. The state of
the FWFT/SI input during Master Reset determines the timing mode in use.
For applications requiring more data storage capacity than a single FIFO
canprovide,theFWFTtimingmodepermitsdepthexpansionbychainingFIFOs
in series (i.e. the data outputs of one FIFO are connected to the corresponding
data inputs of the next). No external logic is required.
The 18M-bit TeraSync FIFO has 8 flag pins,
EF/OR[1:2] (Empty Flag or
Output Ready),
FF/IR[1:2] (Full Flag or Input Ready), PAE[1:2] (Program-
mableAlmost-Emptyflag)and
PAF[1:2](ProgrammableAlmost-Fullflag). The
EF[1:2]andFF[1:2] functionsareselectedinIDTStandardmode. TheIR[1:2]
and
OR[1:2]functionsareselectedinFWFTmode.PAE[1:2]andPAF[1:2]are
always available for use, irrespective of timing mode. Each flag has a double
because the 18M FIFO was designed as a Multi-chip Module, so each set of
flagssupportsitsrespectiveinternal9MFIFO. Someextraexternalgatinglogic
will have to be used to accurately read each flag output. This will be covered
in the flagging section of the datasheet.
PAE[1:2]andPAF[1:2]canbeprogrammedindependentlytoswitchatany
pointinmemory. Programmableoffsetsdeterminetheflagswitchingthreshold
andcanbeloadedbytwomethods:parallelorserial. Eightdefaultoffsetsettings
are also provided, so that
PAE[1:2]canbesettoswitchatapredefinednumber
of locations from the empty boundary and the
PAF[1:2] thresholdcanalsobe
setatsimilarpredefinedvaluesfromthefullboundary. Thedefaultoffsetvalues
are set during Master Reset by the state of the FSEL0, FSEL1, and
LD pins.
For serial programming,
SEN together with LD on each rising edge of
SCLK, are used to load the offset registers via the Serial Input (SI). For parallel
programming,
WENtogetherwith LD oneachrisingedgeofWCLK,areused
to load the offset registers via Dn.
REN together with LD on each rising edge
ofRCLKcanbeusedtoreadtheoffsetsinparallelfromQnregardlessofwhether
serial or parallel offset loading has been selected.
During Master Reset (
MRS)thefollowingeventsoccur: thereadandwrite
pointers are set to the first location of the FIFO. The FWFT pin selects IDT
Standard mode or FWFT mode.
The Partial Reset (
PRS) also sets the read and write pointers to the first
location of the memory. However, the timing mode, programmable flag
programmingmethod,anddefaultorprogrammedoffsetsettingsexistingbefore
PartialResetremainunchanged.Theflagsareupdatedaccordingtothetiming
modeandoffsetsineffect.
PRSisusefulforresettingadeviceinmid-operation,
when reprogramming programmable flags would be undesirable.
Itisalsopossibletoselectthetimingmode of the
PAE[1:2](Programmable
Almost-Emptyflag)and
PAF[1:2](ProgrammableAlmost-Fullflag)outputs.The
timing modes can be set to be either asynchronous or synchronous for the
PAE[1:2] and PAF[1:2] flags.
If asynchronous
PAE/PAF[1:2]configuration is selected, the PAE[1:2] is
asserted LOW on the LOW-to-HIGH transition of RCLK.
PAE[1:2] is reset to
HIGH on the LOW-to-HIGH transition of WCLK. Similarly, the
PAF[1:2] is
asserted LOW on the LOW-to-HIGH transition of WCLK and
PAF[1:2]isreset
to HIGH on the LOW-to-HIGH transition of RCLK.
If synchronous
PAE/PAF[1:2] configuration is selected , the PAE[1:2] is
assertedandupdatedontherisingedgeofRCLKonlyandnotWCLK.Similarly,
PAF[1:2] is asserted and updated on the rising edge of WCLK only and not
RCLK. The mode desired is configured during MasterReset by the state of the
Programmable Flag Mode (PFM) pin.
ThisdeviceincludesaRetransmitfromMarkfeaturethatutilizestwocontrol
inputs, MARK and ,
RT(Retransmit).IftheMARKinputisenabledwithrespect
to the RCLK, the memory location being read at that point will be marked. Any
subsequent retransmit operation,
RTgoesLOW,willresetthereadpointerto
this‘marked’location.
If, at any time, the FIFO is not actively performing an operation, the chip will
automatically power down. Once in the power down state, the standby supply
currentconsumptionisminimized. Initiatinganyoperation(byactivatingcontrol


Similar Part No. - IDT72T36135M

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T36135M IDT-IDT72T36135M Datasheet
506Kb / 48P
   2.5V 18M-BIT HIGH-SPEED TeraSync
logo
Renesas Technology Corp
IDT72T36135M RENESAS-IDT72T36135M Datasheet
739Kb / 49P
   2.5V 18M-BIT HIGH-SPEED TeraSyncTM
MAY 2016
logo
Integrated Device Techn...
IDT72T36135M IDT-IDT72T36135M_16 Datasheet
506Kb / 48P
   2.5V 18M-BIT HIGH-SPEED TeraSync
More results

Similar Description - IDT72T36135M

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T3645 IDT-IDT72T3645_09 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
IDT72T36135M IDT-IDT72T36135M_16 Datasheet
506Kb / 48P
   2.5V 18M-BIT HIGH-SPEED TeraSync
IDT72T36105 IDT-IDT72T36105 Datasheet
359Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T3645 RENESAS-IDT72T3645 Datasheet
564Kb / 58P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
FEBRUARY 2009
IDT72T36105 RENESAS-IDT72T36105 Datasheet
475Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
JUNE 2017
logo
Integrated Device Techn...
IDT72T3645 IDT-IDT72T3645 Datasheet
556Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285_09 Datasheet
465Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
IDT72T1845 IDT-IDT72T1845_09 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T18125 IDT-IDT72T18125 Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
List of Unclassifed Man...
72T18125L5BBI ETC2-72T18125L5BBI Datasheet
515Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com